Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3844GD14 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS3844GD14
Description  Current Mode PWM Control Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3844GD14 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS3844GD14 Datasheet HTML 2Page - ON Semiconductor CS3844GD14 Datasheet HTML 3Page - ON Semiconductor CS3844GD14 Datasheet HTML 4Page - ON Semiconductor CS3844GD14 Datasheet HTML 5Page - ON Semiconductor CS3844GD14 Datasheet HTML 6Page - ON Semiconductor CS3844GD14 Datasheet HTML 7Page - ON Semiconductor CS3844GD14 Datasheet HTML 8Page - ON Semiconductor CS3844GD14 Datasheet HTML 9Page - ON Semiconductor CS3844GD14 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CS2844, CS3844, CS2845, CS3845
http://onsemi.com
6
CIRCUIT DESCRIPTION
CSX845
8.4 V
7.6 V
CSX844
16 V
10 V
VON
VOFF
ON/OFF Command
to reset of IC
VCC
< 1.0 mA
< 15 mA
VON VOFF
VCC
ICC
Figure 3. Startup Voltage for CSX844 and CSX845
Undervoltage Lockout
During Undervoltage Lockout (Figure 3), the output
driver is biased to sink minor amounts of current. The output
should be shunted to ground with a resistor to prevent
activating the power switch with extraneous leakage
currents.
PWM Waveform
To generate the PWM waveform, the control voltage from
the error amplifier is compared to a current sense signal
which represents the peak output inductor current (Figure
4). An increase in VCC causes the inductor current slope to
increase, thus reducing the duty cycle. This is an inherent
feed–forward characteristic of current mode control, since
the control voltage does not have to change during changes
of input supply voltage.
Figure 4. Timing Diagram
VOSC
OSC
RESET
Toggle
F/F Output
EA Output
Switch
Current
VCC
IO
VO
Figure 5. Duty Cycle Parameters
Vupper
Vlower
ton
tc
toff
td
ton = tc
toff = tc + 2td
When the power supply sees a sudden large output current
increase, the control voltage will increase allowing the duty
cycle to momentarily increase. Since the duty cycle tends to
exceed the maximum allowed to prevent transformer
saturation in some power supplies, the internal oscillator
waveform provides the maximum duty cycle clamp as
programmed by the selection of OSC components.
Setting the Oscillator
The times tc and td can be determined as follows:
tc + RTCT ln
VREF * Vlower
VREF * Vupper
td + RTCT ln
VREF * IdRT * Vlower
VREF * IdRT * Vupper
Substituting in typical values for the parameters in the
above formulas:
VREF = 5.0 V, Vupper = 2.7 V, Vlower = 1.0 V, Id = 8.3 mA
then:
tc [ 0.5534RTCT
td + RTCT ln
2.3
* 0.0083RT
4.0
* 0.0083RT
For better accuracy RT should be ≥ 10 kΩ.
Grounding
High peak currents associated with capacitive loads
necessitate careful grounding techniques. Timing and
bypass capacitors should be connected close to Gnd in a
single point ground.
The transistor and 5.0 k
Ω potentiometer are used to
sample the oscillator waveform and apply an adjustable
ramp to Sense.


Similar Part No. - CS3844GD14

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3844GD14 CHERRY-CS3844GD14 Datasheet
156Kb / 6P
   Current Mode PWM Control Circuit with 50% Max Duty Cycle
More results

Similar Description - CS3844GD14

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
   Current Mode PWM Control Circuit
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
   Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS3845B ONSEMI-CS3845B Datasheet
63Kb / 8P
   Current Mode PWM Control Circuit
December, 2001 - Rev. 7
logo
Cherry Semiconductor Co...
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
   Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
logo
ON Semiconductor
CS2841B ONSEMI-CS2841B Datasheet
100Kb / 10P
   Automotive Current Mode PWM Control Circuit
September, 2005 ??Rev. 7
logo
Cherry Semiconductor Co...
CS2841B CHERRY-CS2841B Datasheet
162Kb / 6P
   Automotive Current Mode PWM Control Circuit
logo
ON Semiconductor
CS3842B ONSEMI-CS3842B Datasheet
68Kb / 8P
   Off-Line Current Mode PWM Control Circuit
December, 2001 - Rev. 4
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
   Current Mode PWM Control
December, 2001 - Rev. 3
logo
NTE Electronics
NTE7096 NTE-NTE7096 Datasheet
25Kb / 3P
   Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
NTE7098 NTE-NTE7098 Datasheet
25Kb / 3P
   Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com