Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81105HMNTXG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP81105HMNTXG
Description  DrMOS Supporting 1/2/3 Phase Power Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81105HMNTXG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP81105HMNTXG Datasheet HTML 1Page - ON Semiconductor NCP81105HMNTXG Datasheet HTML 2Page - ON Semiconductor NCP81105HMNTXG Datasheet HTML 3Page - ON Semiconductor NCP81105HMNTXG Datasheet HTML 4Page - ON Semiconductor NCP81105HMNTXG Datasheet HTML 5Page - ON Semiconductor NCP81105HMNTXG Datasheet HTML 6Page - ON Semiconductor NCP81105HMNTXG Datasheet HTML 7Page - ON Semiconductor NCP81105HMNTXG Datasheet HTML 8Page - ON Semiconductor NCP81105HMNTXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
© Semiconductor Components Industries, LLC, 2013
October, 2013 − Rev. 2
1
Publication Order Number:
NCP81105/D
NCP81105, NCP81105H
DrMOS Supporting, 1/2/3
Phase Power Controller
with SVID Interface for
Desktop and Notebook
VR12.5 & VR12.6 CPU
Applications
The NCP81105 is a DrMOS supporting controller optimized for
Intel
® VR12.5 & VR12.6 compatible CPUs. The controller combines
true differential voltage sensing, differential inductor DCR current
sensing, input voltage feed−forward, and adaptive voltage positioning
to provide accurately regulated power for both Desktop and Notebook
CPU applications. The control system is based on Dual−Edge
pulse−width modulation (PWM), to provide the fastest initial response
to dynamic load events plus reduced system cost. The NCP81105 is
compatible with DrMOS type power stages such as NCP5367,
NCP5368, NCP5369 and NCP5338.
The NCP81105’s output can be configured to operate in single phase
during light load operation − improving overall system efficiency. A
high performance operational error amplifier is provided to simplify
compensation of the system. Patented Dynamic Reference Injection
further simplifies loop compensation by eliminating the need to
compromise between closed−loop transient response and Dynamic
VID performance. Patented Total Current Summing provides highly
accurate current monitoring for droop and digital current monitoring.
Features
Meets Intel’s VR12.5 Specifications
Implements VR12.6 PS4 State and SVID Reporting
Mixed Voltage/Current Mode, Dual Edge Modulation
for Fastest Initial Response to Transient Loading
High Impedance Differential Voltage Amplifier
High Performance Operational Error Amplifier
High Impedance Total Current Sense Amplifier
True Differential Current Sense Amplifiers for
Balancing Current in Each Phase
Digital Soft Start Ramp
Dynamic Reference Injection
Accurate Total Summing Current Amplifier
“Lossless” Inductor DCR Current Sensing
Summed, Thermally Compensated Inductor Current
Sensing for Adaptive Voltage Positioning (AVP)
48 mV/ms Fast Output Slew Rate (NCP81105)
10 mV/ms Fast Output Slew Rate (NCP81105H)
Programmable Slow Slew Rates as a Fraction of Fast
Slew Rate
Reduced Enable to First SVID Command Latency
Phase−to−Phase Dynamic Current Balancing
Switching Frequency Range of 280 kHz to 1.5 MHz
Starts up into Pre−Charged Loads while Avoiding False
OVP
Compatible with DrMOS Power Stages
Power−saving Phase Shedding
Vin Feed−forward Ramp Slope Compensation
Pin Programming for Internal SVID parameters
Output Over Voltage Protection (OVP) & Under
Voltage Protection (UVP)
Over Current Protection (OCP)
Power Good Output with Internal Delays
This is a Pb−Free Device
Applications
Desktop and Notebook Microprocessors
MARKING
DIAGRAM
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 35 of this data sheet.
ORDERING INFORMATION
QFN36
CASE 485CC
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
36
1
NCP
81105
AWLYYWWG
1


Similar Part No. - NCP81105HMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81111 ONSEMI-NCP81111 Datasheet
280Kb / 28P
   High Speed Digital Controller
November, 2015 ??Rev. 4
NCP81111MNDFTXG ONSEMI-NCP81111MNDFTXG Datasheet
280Kb / 28P
   High Speed Digital Controller
November, 2015 ??Rev. 4
NCP81111MNzzTXG ONSEMI-NCP81111MNzzTXG Datasheet
280Kb / 28P
   High Speed Digital Controller
November, 2015 ??Rev. 4
NCP81119 ONSEMI-NCP81119 Datasheet
346Kb / 27P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
August, 2013 - Rev. 1
NCP81119A ONSEMI-NCP81119A Datasheet
346Kb / 27P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
August, 2013 - Rev. 1
More results

Similar Description - NCP81105HMNTXG

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP9508Q UPI-UP9508Q Datasheet
706Kb / 49P
   3/2/12/1-Phase PWM Controller
UP9508 UPI-UP9508 Datasheet
1Mb / 45P
   3/2/12/1-Phase PWM Controller
logo
ON Semiconductor
NCP6131NS52MNR2G ONSEMI-NCP6131NS52MNR2G Datasheet
14Kb / 1P
   NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller 1-Phase GPU Controller
5/4/2012
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
logo
uPI Group Inc.
UP9510 UPI-UP9510 Datasheet
374Kb / 19P
   3/2/1-Phase Synchronous-Rectified Buck Controller
UP9509S UPI-UP9509S Datasheet
379Kb / 18P
   3/2/1-Phase Synchronous-Rectified Buck Controller
UP1664 UPI-UP1664 Datasheet
408Kb / 31P
   2-Phase 1-Phase PWM Controller
logo
Renesas Technology Corp
ISL95869 RENESAS-ISL95869 Datasheet
119Kb / 2P
   3-Phase Controller with Integrated Drivers Supporting Intel IMVP9 CPUs
Aug.6.19
logo
uPI Group Inc.
UP9507 UPI-UP9507 Datasheet
1,008Kb / 28P
   3/2/12/1-Phase Driver Embedded PWM Controller for IMVP8
logo
Adlink Technology Inc.
TALOS-3012 ADLINK-TALOS-3012 Datasheet
244Kb / 1P
   Master Controller Supporting IEC 61131-3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com