Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81071CZR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP81071CZR2G
Description  Dual 5 A High Speed Low-Side MOSFET Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81071CZR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP81071CZR2G Datasheet HTML 6Page - ON Semiconductor NCP81071CZR2G Datasheet HTML 7Page - ON Semiconductor NCP81071CZR2G Datasheet HTML 8Page - ON Semiconductor NCP81071CZR2G Datasheet HTML 9Page - ON Semiconductor NCP81071CZR2G Datasheet HTML 10Page - ON Semiconductor NCP81071CZR2G Datasheet HTML 11Page - ON Semiconductor NCP81071CZR2G Datasheet HTML 12Page - ON Semiconductor NCP81071CZR2G Datasheet HTML 13Page - ON Semiconductor NCP81071CZR2G Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NCP81071
www.onsemi.com
11
LAYOUT GUIDELINES
The switching performance of NCP81071 highly depends
on the design of PCB board. The following layout design
guidelines are recommended when designing boards using
these high speed drivers.
Place the driver as close as possible to the driven
MOSFET.
Place the bypass capacitor between VDD and GND as
close as possible to the driver to improve the noise filtering.
It is preferred to use low inductance components such as
chip capacitor and chip resistor. If vias are used, connect
several paralleled vias to reduce the inductance of the vias.
Minimize
the
turn-on/sourcing
current
and
turn-off/sinking current paths in order to minimize stray
inductance. Otherwise high di/dt established in these loops
with stray inductance can induce significant voltage spikes
on the output of the driver and MOSFET Gate terminal.
Keep power loops as short as possible by paralleling the
source and return traces (flux cancellation).
Keep low level signal lines away from high level power
lines with a lot of switching noise.
Place a ground plane for better noise shielding. Beside
noise shielding, ground plane is also useful for heat
dissipation.
NCP81071 DFN and MSOP package have thermal pad
for: 1) quiet GND for all the driver circuits; 2) heat sink for
the driver. This pad must be connected to a ground plane and
no switching currents from the driven MOSFET should pass
through the ground plane under the driver. To maximize the
heatsinking capability, it is recommended several ground
layers are added to connect to the ground plane and thermal
pad. A via array within the area of package can conduct the
heat from the package to the ground layers and the whole
PCB board. The number of vias and the size of ground plane
are determined by the power dissipation of NCP81071
(VDD voltage, switching frequency and load condition), the
air flow condition and its maximum junction temperature.
ORDERING INFORMATION
Part Number
Output Configuration
Temperature Range (
5C)
Package Type
Shipping
NCP81071ADR2G
dual inverting
−40 to +140
SOIC−8
(Pb−Free)
2500 / Tape & Reel
NCP81071BDR2G
dual non inverting
NCP81071CDR2G
One inverting
one non inverting
NCP81071AZR2G
dual inverting
MSOP8 EP
(Pb−Free)
3000 / Tape & Reel
NCP81071BZR2G
dual non inverting
NCP81071CZR2G
One inverting
one non inverting
NCP81071AMNTXG
dual inverting
WDFN8
(Pb−Free)
3000 / Tape & Reel
NCP81071BMNTXG
dual non inverting
NCP81071CMNTXG
One inverting
one non inverting
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCP81071CZR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81071CZR2G ONSEMI-NCP81071CZR2G Datasheet
247Kb / 14P
   Dual 5 A High Speed Low-Side MOSFET Drivers
April, 2016 ??Rev. 3
More results

Similar Description - NCP81071CZR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81071 ONSEMI-NCP81071_16 Datasheet
247Kb / 14P
   Dual 5 A High Speed Low-Side MOSFET Drivers
April, 2016 ??Rev. 3
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27324DR TI1-UCC27324DR Datasheet
1Mb / 28P
[Old version datasheet]   Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
UCC27324 TI-UCC27324 Datasheet
222Kb / 15P
[Old version datasheet]   DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com