Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37274MA Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M37274MA
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37274MA Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M37274MA Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37274MA Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 131 page
background image
4
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274MA-XXXSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
Number of basic instructions
Instruction execution time
Clock frequency
Memory size
Input/Output ports
Serial I/O
Multi-master I2C-BUS interface
A-D converter
PWM output circuit
Timers
Subroutine nesting
Interrupt
Clock generating circuit
Data slicer
ROM
RAM
OSD ROM
OSD RAM
P00–P02,
P04–P07
P03
P10, P15–P17
P11–P14
P2
P30, P31
P40–P44
P45, P46
P52–P55
P63
P64
P70–P72
ROM correction memory
I/O
I/O
I/O
I/O
I/O
I/O
Input
Input
Output
Input
Input
Input
71
0.5
µs (the minimum instruction execution time, at 8 MHz oscillation fre-
quency)
8 MHz (maximum)
40 K bytes
768 bytes
11072 bytes
1296 bytes
7-bit ! 1 (N-channel open-drain output structure, can be used as 8-bit
PWM output pins)
1-bit ! 1
(CMOS input/output structure, can be used as 14-bit PWM output pin)
4-bit ! 1 (CMOS input/output structure, can be used as OSD output pin,
INT input pin, serial input pin)
4-bit ! 1 (N-channel open-drain output structure, can be used as multi-
master I2C-BUS interface)
8-bit ! 1 (CMOS input/output structure, can be used as A-D input pins)
2-bit ! 1 (CMOS input/output structure)
5-bit ! 1 (can be used as A-D input pins, INT input pins, external clock
input pins)
2-bit ! 1 (N-channel open-drain output structure when serial I/O is used,
can be used as serial I/O pins)
4-bit ! 1 (CMOS output structure, can be used as OSD output)
1-bit ! 1 (can be used as sub-clock input pin, OSD clock input pin)
1-bit ! 1 (CMOS output structure when LC is oscillating, can be used as
sub-clock output pin, OSD clock output pin)
3-bit ! 1 (can be used as data slicer input/output)
8-bit ! 1
1
6 channels (8-bit resolution)
14-bit ! 1, 8-bit ! 7
8-bit timer ! 6
128 levels (maximum)
External interrupt ! 3, Internal timer interrupt ! 6, Serial I/O interrupt ! 1,
OSD interrupt ! 1, Multi-master I2C-BUS interface interrupt ! 1,
Data slicer interrupt ! 1, f(XIN)/4092 interrupt ! 1, VSYNC interrupt ! 1, A-
D conversion interrupt ! 1, BRK instruction interrupt ! 1
2 built-in circuits (externally connected to a ceramic resonator or a quartz-
crystal oscillator)
Parameter
Functions
FUNCTIONS
64 bytes
Built in


Similar Part No. - M37274MA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37274MA RENESAS-M37274MA Datasheet
1Mb / 132P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37274MA-XXXSP RENESAS-M37274MA-XXXSP Datasheet
1Mb / 132P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37274MA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6 Datasheet
1Mb / 129P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37281EKSP RENESAS-M37281EKSP Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37273M8 MITSUBISHI-M37273M8 Datasheet
1Mb / 138P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com