Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-W62SF005-36 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE-W62SF005-36
Description  WR-62 Flexible Straight Waveguide Section 36 Inch Length with UG-1665 - U Flange Operating from 12.4 GHz to 18 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W62SF005-36 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE-W62SF005-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W62SF005-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W62SF005-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W62SF005-36 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
WR-62 Flexible Straight Waveguide Section 36 Inch Length with UG-1665/U Flange Operating from 12.4 GHz to 18 GHz
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-62 Flexible Straight Waveguide Section 36 Inch Length with UG-1665/U Flange Operating
from 12.4 GHz to 18 GHz PE-W62SF005-36
URL: http://www.pasternack.com/wr-62-straight-waveguide-section-ug-1665-12.4-18-ghz-pe-w62sf005-36-p.aspx
PE-W62SF005-36 REV 1.0
PE-W62SF005-36
WR-62 Flexible Straight Waveguide Section 36 Inch Length
with UG-1665/U Flange Operating from 12.4 GHz to 18 GHz


Similar Part No. - PE-W62SF005-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W62SF005-12 PASTERNACK-PE-W62SF005-12 Datasheet
394Kb / 4P
   WR-62 Flexible Straight Waveguide Section 12 Inch Length with UG-1665 - U Flange Operating from 12.4 GHz to 18 GHz
PE-W62SF005-24 PASTERNACK-PE-W62SF005-24 Datasheet
395Kb / 4P
   WR-62 Flexible Straight Waveguide Section 24 Inch Length with UG-1665 - U Flange Operating from 12.4 GHz to 18 GHz
More results

Similar Description - PE-W62SF005-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W62SF005-24 PASTERNACK-PE-W62SF005-24 Datasheet
395Kb / 4P
   WR-62 Flexible Straight Waveguide Section 24 Inch Length with UG-1665 - U Flange Operating from 12.4 GHz to 18 GHz
PE-W62SF005-12 PASTERNACK-PE-W62SF005-12 Datasheet
394Kb / 4P
   WR-62 Flexible Straight Waveguide Section 12 Inch Length with UG-1665 - U Flange Operating from 12.4 GHz to 18 GHz
PE-W62TF005-24 PASTERNACK-PE-W62TF005-24 Datasheet
393Kb / 4P
   WR-62 Flexible Waveguide Twist With a UG-1665 - U Flange Operating From 12.4 GHz to 18 GHz
PE-W62TF005-12 PASTERNACK-PE-W62TF005-12 Datasheet
395Kb / 4P
   WR-62 Flexible Waveguide Twist With a UG-1665 - U Flange Operating From 12.4 GHz to 18 GHz
PE-W62TF005-36 PASTERNACK-PE-W62TF005-36 Datasheet
395Kb / 4P
   WR-62 Flexible Waveguide Twist With a UG-1665 - U Flange Operating From 12.4 GHz to 18 GHz
PE-W62S001-6 PASTERNACK-PE-W62S001-6 Datasheet
309Kb / 2P
   WR-62 Commercial Grade Straight Waveguide Section 6 Inch Length with UG-419 - U Flange Operating from 12.4 GHz to 18 GHz
PE-W62S002-9 PASTERNACK-PE-W62S002-9 Datasheet
415Kb / 4P
   WR-62 Instrumentation Grade Straight Waveguide Section 9 Inch Length with UG-419 - U Flange Operating from 12.4 GHz to 18 GHz
PE-W62S001-12 PASTERNACK-PE-W62S001-12 Datasheet
309Kb / 2P
   WR-62 Commercial Grade Straight Waveguide Section 12 Inch Length with UG-419 - U Flange Operating from 12.4 GHz to 18 GHz
PE-W62S001-3 PASTERNACK-PE-W62S001-3 Datasheet
309Kb / 2P
   WR-62 Commercial Grade Straight Waveguide Section 3 Inch Length with UG-419/U Flange Operating from 12.4 GHz to 18 GHz
PE-W62S001-9 PASTERNACK-PE-W62S001-9 Datasheet
309Kb / 2P
   WR-62 Commercial Grade Straight Waveguide Section 9 Inch Length with UG-419 - U Flange Operating from 12.4 GHz to 18 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com