Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-W90S001-3 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE-W90S001-3
Description  WR-90 Commercial Grade Straight Waveguide Section 3 Inch Length with UG-39 - U Flange Operating from 8.2 GHz to 12.4 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W90S001-3 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-W90S001-3 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W90S001-3 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Power Data
Outline Drawing
WR-90 Commercial Grade Straight Waveguide Section 3 Inch Length with UG-39/U Flange Operating from 8.2 GHz to 12.4
GHz from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-90 Commercial Grade Straight Waveguide Section 3 Inch Length with UG-39/U Flange
Operating from 8.2 GHz to 12.4 GHz PE-W90S001-3
URL:
http://www.pasternack.com/wr-90-straight-waveguide-section-ug39u-flange-8.2-12.4-ghz-pe-w90s001-3-p.aspx
PE-W90S001-3 REV 1.0
PE-W90S001-3
WR-90 Commercial Grade Straight Waveguide Section 3 Inch
Length with UG-39/U Flange Operating from 8.2 GHz to 12.4 GHz


Similar Part No. - PE-W90S001-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W90S001-12 PASTERNACK-PE-W90S001-12 Datasheet
307Kb / 2P
   WR-90 Commercial Grade Straight Waveguide Section 12 Inch Length with UG-39/U Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90S001-6 PASTERNACK-PE-W90S001-6 Datasheet
308Kb / 2P
   WR-90 Commercial Grade Straight Waveguide Section 6 Inch Length with UG-39 - U Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90S001-9 PASTERNACK-PE-W90S001-9 Datasheet
308Kb / 2P
   WR-90 Commercial Grade Straight Waveguide Section 9 Inch Length with UG-39 - U Flange Operating from 8.2 GHz to 12.4 GHz
More results

Similar Description - PE-W90S001-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W90S001-12 PASTERNACK-PE-W90S001-12 Datasheet
307Kb / 2P
   WR-90 Commercial Grade Straight Waveguide Section 12 Inch Length with UG-39/U Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90S001-6 PASTERNACK-PE-W90S001-6 Datasheet
308Kb / 2P
   WR-90 Commercial Grade Straight Waveguide Section 6 Inch Length with UG-39 - U Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90S001-9 PASTERNACK-PE-W90S001-9 Datasheet
308Kb / 2P
   WR-90 Commercial Grade Straight Waveguide Section 9 Inch Length with UG-39 - U Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90B001 PASTERNACK-PE-W90B001 Datasheet
321Kb / 2P
   WR-90 Waveguide E-Bend with UG-39-U Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90S002-3 PASTERNACK-PE-W90S002-3 Datasheet
351Kb / 2P
   WR-90 Commercial Grade Straight Waveguide Section 3 Inch Length with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90B002 PASTERNACK-PE-W90B002 Datasheet
331Kb / 2P
   WR-90 Waveguide H-Bend with UG-39-U Flange Operating from 8.2 GHz to 12.4 GHz
PEWSP1007 PASTERNACK-PEWSP1007 Datasheet
463Kb / 3P
   WR-90 Waveguide Pressurizing Section 4.25 Inch Length, UG-39/U Square Cover Flange from 8.2 GHz to 12.4 GHz
PE-W137S001-3 PASTERNACK-PE-W137S001-3 Datasheet
313Kb / 2P
   WR-137 Commercial Grade Straight Waveguide Section 3 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
PE-W90TF005-24 PASTERNACK-PE-W90TF005-24 Datasheet
393Kb / 4P
   WR-90 Flexible Waveguide Twist With a UG-39 - U Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90TF005-36 PASTERNACK-PE-W90TF005-36 Datasheet
394Kb / 4P
   WR-90 Flexible Waveguide Twist With a UG-39 - U Flange Operating From 8.2 GHz to 12.4 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com