Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-W90SF006-12 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE-W90SF006-12
Description  WR-90 Flexible Straight Waveguide Section 12 Inch Length with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W90SF006-12 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-W90SF006-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W90SF006-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W90SF006-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W90SF006-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Notes:
Values at +25 °C, sea level
Power Data
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
8.2
8.8
9.4
10.0
10.6
11.2
11.8
12.4
0 dB
GHz
Return loss
-3.00
-2.50
-2.00
-1.50
-1.00
-0.50
0.00
0.50
8.2
8.8
9.4
10.0
10.6
11.2
11.8
12.4
0 dB
GHz
Insertion Loss
PE-W90SF006-12 REV 1.0
PE-W90SF006-12
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-90 Flexible Straight Waveguide Section 12 Inch Length with CPR-90G Flange Operating
from 8.2 GHz to 12.4 GHz PE-W90SF006-12
WR-90 Flexible Straight Waveguide Section 12 Inch Length
with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz


Similar Part No. - PE-W90SF006-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W90SF006-24 PASTERNACK-PE-W90SF006-24 Datasheet
416Kb / 4P
   WR-90 Flexible Straight Waveguide Section 24 Inch Length with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90SF006-36 PASTERNACK-PE-W90SF006-36 Datasheet
413Kb / 4P
   WR-90 Seamless Flexible Waveguide, CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
More results

Similar Description - PE-W90SF006-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W90SF006-24 PASTERNACK-PE-W90SF006-24 Datasheet
416Kb / 4P
   WR-90 Flexible Straight Waveguide Section 24 Inch Length with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90S002-12 PASTERNACK-PE-W90S002-12 Datasheet
350Kb / 2P
   WR-90 Commercial Grade Straight Waveguide Section 12 Inch Length with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90SF006-36 PASTERNACK-PE-W90SF006-36 Datasheet
413Kb / 4P
   WR-90 Seamless Flexible Waveguide, CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90S002-6 PASTERNACK-PE-W90S002-6 Datasheet
350Kb / 2P
   WR-90 Commercial Grade Straight Waveguide Section 6 Inch Length with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90TF006-24 PASTERNACK-PE-W90TF006-24 Datasheet
414Kb / 4P
   WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90S002-9 PASTERNACK-PE-W90S002-9 Datasheet
350Kb / 2P
   WR-90 Commercial Grade Straight Waveguide Section 9 Inch Length with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90S002-3 PASTERNACK-PE-W90S002-3 Datasheet
351Kb / 2P
   WR-90 Commercial Grade Straight Waveguide Section 3 Inch Length with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90TF006-36 PASTERNACK-PE-W90TF006-36 Datasheet
415Kb / 4P
   WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90TF006-12 PASTERNACK-PE-W90TF006-12 Datasheet
414Kb / 4P
   WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
PEWSP1008 PASTERNACK-PEWSP1008 Datasheet
498Kb / 4P
   WR-90 Waveguide Pressurizing Section 4.25 Inch Length, CPR-90G Grooved Flange from 8.2 GHz to 12.4 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com