Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-W90TF005-24 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE-W90TF005-24
Description  WR-90 Flexible Waveguide Twist With a UG-39 - U Flange Operating From 8.2 GHz to 12.4 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W90TF005-24 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE-W90TF005-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W90TF005-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W90TF005-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W90TF005-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PE-W90TF005-24 CAD Drawing
WR-90 Flexible Waveguide Twist With a UG-39/U Flange
Operating From 8.2 GHz to 12.4 GHz
PE-W90TF005-24 REV 1.0


Similar Part No. - PE-W90TF005-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W90TF005-24 PASTERNACK-PE-W90TF005-24 Datasheet
394Kb / 4P
   WR-90 Twistable Flexible Waveguide
PE-W90TF005-24 PASTERNACK-PE-W90TF005-24_V01 Datasheet
394Kb / 4P
   WR-90 Twistable Flexible Waveguide
More results

Similar Description - PE-W90TF005-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W90TF005-36 PASTERNACK-PE-W90TF005-36 Datasheet
394Kb / 4P
   WR-90 Flexible Waveguide Twist With a UG-39 - U Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90TF005-12 PASTERNACK-PE-W90TF005-12 Datasheet
395Kb / 4P
   WR-90 Flexible Waveguide Twist With a UG-39 - U Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90SF005-12 PASTERNACK-PE-W90SF005-12 Datasheet
393Kb / 4P
   WR-90 Seamless Flexible Waveguide, UG-39/U Square Cover Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90SF005-24 PASTERNACK-PE-W90SF005-24 Datasheet
392Kb / 4P
   WR-90 Seamless Flexible Waveguide, UG-39/U Square Cover Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90SF005-36 PASTERNACK-PE-W90SF005-36 Datasheet
393Kb / 4P
   WR-90 Seamless Flexible Waveguide, UG-39/U Square Cover Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90B001 PASTERNACK-PE-W90B001 Datasheet
321Kb / 2P
   WR-90 Waveguide E-Bend with UG-39-U Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90B002 PASTERNACK-PE-W90B002 Datasheet
331Kb / 2P
   WR-90 Waveguide H-Bend with UG-39-U Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90TF006-24 PASTERNACK-PE-W90TF006-24 Datasheet
414Kb / 4P
   WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90TF006-12 PASTERNACK-PE-W90TF006-12 Datasheet
414Kb / 4P
   WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
PE-W90TF006-36 PASTERNACK-PE-W90TF006-36 Datasheet
415Kb / 4P
   WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com