Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG120-12K Datasheet(PDF) 7 Page - Microsemi Corporation

Part # SG120-12K
Description  NEGATIVE FIXED VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG120-12K Datasheet(HTML) 7 Page - Microsemi Corporation

  SG120-12K Datasheet HTML 1Page - Microsemi Corporation SG120-12K Datasheet HTML 2Page - Microsemi Corporation SG120-12K Datasheet HTML 3Page - Microsemi Corporation SG120-12K Datasheet HTML 4Page - Microsemi Corporation SG120-12K Datasheet HTML 5Page - Microsemi Corporation SG120-12K Datasheet HTML 6Page - Microsemi Corporation SG120-12K Datasheet HTML 7Page - Microsemi Corporation SG120-12K Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SG120
11/91 Rev 1.4 6/97
LINFINITY
Microelectronics
Inc.
Copyright
 1997
11861
Western
Avenue
Garden
Grove,
CA
92841
7
(714) 898-8121
FAX: (714) 893-2570
ELECTRICAL CHATRACTERISTICS (Note 1)
-20V NEGATIVE REGULATOR
Note 1. All regulation tests are made at constant junction temperature with low duty cycle testing.
2. This test is guaranteed but is not tested in production.
SG120-20
(Unless otherwise specified, these specifications apply over full operating ambient temperatures for SG120-20 with -55°C
≤ T
A ≤ 150°C, and
V
IN = -29V, IO = 5mA, CIN = 2.0mF, COUT = 1.0mF. Low duty cycle pulse testing techniques are used which maintains junction and case temperature equal
to the ambient temperature.)
Units
Test Conditions
Parameter
T
J = 25°C
V
IN = -23V to -35V, TJ = 25°C
Power Pkgs: I
O = 5mA to 1.0A, TJ = 25°C
T - Pkg: I
O = 5mA to 500mA, TJ = 25°C
V
IN = -24V to -35V
Power Pkgs: I
O = 5mA to 1.0A, P ≤ 20W
T - Pkg: I
O = 5mA to 500mA, P ≤ 2W
V
IN = -23V to -35V
With Line: V
IN = -23V to -35V, TJ = 25°C
With Load: T
J = 25°C
Power Pkgs: I
O = 5mA to 1.0A
T - Pkg: I
O = 5mA to 500mA
∆V
O = 100mV, TJ = 25°C
Power Pkgs: I
O = 1.0A, T - Pkg: IO = 500mA
Power Pkgs: T
J = 25°C
T - Pkg: T
J = 25°C
Power Pkgs: V
IN = -35V, TJ = 25°C
T - Pkg: V
IN = -35V, TJ = 25°C
∆V
IN = 10V, f = 120Hz, TJ = 25°C
f = 10Hz to 100KHz (Note 2)
1000hrs. at T
J = 125°C
I
O = 5mA
Output Voltage
Line Regulation (Note 1)
Load Regulation (Note 1)
Total Output Voltage
Tolerance
Quiescent Current
Quiescent Current Change
Dropout Voltage
Peak Output Current
Short Circuit Current
Ripple Rejection
Output Noise Voltage (rms)
Long Term Stability
Thermal Shutdown
V
mV
mV
mV
V
V
mA
mA
mA
mA
V
A
A
A
A
dB
µV/V
mV
°C
Min.
Typ. Max.
SG120-20
-20.5
10
80
25
-20.7
-20.7
4
0.4
0.4
0.4
2.3
3.3
1.4
1.2
0.6
80
-20.0
5
30
10
-20.0
-20.0
2
1.1
25
80
175
-19.5
-19.3
-19.3
1.5
0.5
56


Similar Part No. - SG120-12K

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG120-XXIG MICROSEMI-SG120-XXIG Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120-XXIG/883B MICROSEMI-SG120-XXIG/883B Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120-XXK MICROSEMI-SG120-XXK Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120-XXK/883B MICROSEMI-SG120-XXK/883B Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120-XXL MICROSEMI-SG120-XXL Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
More results

Similar Description - SG120-12K

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXPI AUK-S79XXPI Datasheet
270Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Micro Electronics
SG7900A MICRO-ELECTRONICS-SG7900A Datasheet
175Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC_1 Datasheet
301Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG79XXA MICROSEMI-SG79XXA Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
logo
AUK corp
S79XXPIC AUK-S79XXPIC Datasheet
271Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7912AR MICROSEMI-SG7912AR Datasheet
405Kb / 9P
   Negative Fixed Voltage Regulator
logo
AUK corp
S79XXPI AUK-S79XXPI_1 Datasheet
302Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7900A MICROSEMI-SG7900A Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120 MICROSEMI-SG120_1 Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG79XXA MICROSEMI-SG79XXA_10 Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com