Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16DXV6T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAS16DXV6T1G
Description  Dual Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS16DXV6T1G Datasheet(HTML) 1 Page - ON Semiconductor

  BAS16DXV6T1G Datasheet HTML 1Page - ON Semiconductor BAS16DXV6T1G Datasheet HTML 2Page - ON Semiconductor BAS16DXV6T1G Datasheet HTML 3Page - ON Semiconductor BAS16DXV6T1G Datasheet HTML 4Page - ON Semiconductor BAS16DXV6T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2015
August, 2015 − Rev. 5
1
Publication Order Number:
BAS16DXV6/D
BAS16DXV6
Dual Switching Diode
Features
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Continuous Reverse Voltage
VR
100
V
Recurrent Peak Forward Current
IF
200
mA
Peak Forward Surge Current
Pulse Width = 10
ms
IFM(surge)
500
mA
THERMAL CHARACTERISTICS
Characteristic
(One Junction Heated)
Symbol
Max
Unit
Total Device Dissipation (Note 1)
TA = 25°C
Derate above 25
°C
PD
357
2.9
mW
mW/
°C
Thermal Resistance,
Junction-to-Ambient (Note 1)
RqJA
350
°C/W
Characteristic
(Both Junctions Heated)
Symbol
Max
Unit
Total Device Dissipation (Note 1)
TA = 25°C
Derate above 25
°C
PD
500
4.0
mW
mW/
°C
Thermal Resistance,
Junction-to-Ambient (Note 1)
RqJA
250
°C/W
Junction and Storage Temperature
TJ, Tstg
− 55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. FR−4 @ Minimum Pad
www.onsemi.com
6
1
SOT−563
CASE 463A
PLASTIC
1
2
3
6
5 4
A6 = Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAM
A6 M
G
G
Device
Package
Shipping
ORDERING INFORMATION
BAS16DXV6T1G
SOT−563
(Pb−Free)
4000 / Tape &
Reel
3
4
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
SBAS16DXV6T1G
SOT−563
(Pb−Free)
4000 / Tape &
Reel


Similar Part No. - BAS16DXV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16DXV6T1G ONSEMI-BAS16DXV6T1G Datasheet
61Kb / 6P
   Dual Switching Diode
November, 2005 ??Rev. 2
BAS16DXV6T1G ONSEMI-BAS16DXV6T1G Datasheet
143Kb / 5P
   Dual Switching Diode
October, 2011 ??Rev. 3
More results

Similar Description - BAS16DXV6T1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
logo
ON Semiconductor
MMBD7000LT1 ONSEMI-MMBD7000LT1 Datasheet
77Kb / 4P
   Dual Switching Diode
November, 2001 ??Rev. 2
logo
Motorola, Inc
MMBD7000LT1 MOTOROLA-MMBD7000LT1 Datasheet
77Kb / 4P
   Dual Switching Diode
logo
ON Semiconductor
BAW56TT1G ONSEMI-BAW56TT1G_16 Datasheet
65Kb / 4P
   Dual Switching Diode
April, 2016 ??Rev. 5
logo
CHENG-YI ELECTRONIC CO....
BAV99 CHENG-YI-BAV99 Datasheet
86Kb / 3P
   DUAL SWITCHING DIODE
logo
Leshan Radio Company
LMBD7000WT1G LRC-LMBD7000WT1G Datasheet
118Kb / 3P
   Dual Switching Diode
logo
Central Semiconductor C...
CPD30V CENTRAL-CPD30V Datasheet
479Kb / 2P
   Dual Switching Diode
logo
Shanghai Leiditech Elec...
LMBD7000LT1G LEIDITECH-LMBD7000LT1G Datasheet
681Kb / 4P
   Dual Switching Diode
logo
ON Semiconductor
BAV70TT1 ONSEMI-BAV70TT1 Datasheet
59Kb / 6P
   Dual Switching Diode
December, 2003 ??Rev. 2
logo
Zowie Technology Corpor...
MMBD7000 ZOWIE-MMBD7000 Datasheet
49Kb / 2P
   DUAL SWITCHING DIODE
logo
ON Semiconductor
BAV70TT1G ONSEMI-BAV70TT1G Datasheet
132Kb / 5P
   Dual Switching Diode
October, 2010 -- Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com