Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG75461 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SG75461
Description  DUAL PERIPHERAL POSITIVE-AND DRIVER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG75461 Datasheet(HTML) 2 Page - Microsemi Corporation

  SG75461 Datasheet HTML 1Page - Microsemi Corporation SG75461 Datasheet HTML 2Page - Microsemi Corporation SG75461 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SG55451B/61/71 SERIES
5/92 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
2
(714) 898-8121
∞ FAX: (714) 893-2570
Supply Voltage (V
CC) ............................................................
Input Voltage .....................................................................
Interemitter Voltage ...........................................................
Off-state Output Voltage
X5451B Series ................................................................
X5461 Series ..................................................................
X5471 Series ..................................................................
7V
5.5V
5.5V
30V
35V
70V
ABSOLUTE MAXIMUM RATINGS (Note 1)
Output Current .............................................................
Continuous Total Dissipation at (or below)
25°C Free-Air Temperature .....................................
Operating Junction Temperature
Hermetic (Y, L Packages) ..........................................
Storage Temperature Range ..........................
Lead Temperature (1/16 inch from case
for soldering 60 sec.) .................................................
400mA
800mW
150
°C
-65
°C to 150°C
300
°C
Note 1. Exceeding these ratings could cause damage to the device.
Y Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
50°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ............ 130°C/W
L Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
35°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ............ 120°C/W
THERMAL DATA
Note A. Junction Temperature Calculation: T
J = TA + (PD x θJA).
Note B. The above numbers for
θ
JC are maximums for the limiting
thermal resistance of the package in a standard mount-
ing configuration. The
θ
JA numbers are meant to be
guidelines for the thermal performance of the device/pc-
board system. All of the above assume no ambient
airflow.
Min. Typ. Max. Min. Typ. Max.
SG55451B
SG55461
SG55471
SG75451B
SG75461
SG75471
Test Conditions
Parameter
Units
-1.2
0.25
0.5
-1.0
8
52
56
56
0.8
-1.5
300
0.5
0.8
1.0
60
-1.6
11
65
76
76
-1.2
0.25
0.5
-1.0
8
52
56
56
High-level Input Voltage (V
IH)
Low-level Input Voltage (V
IL)
Input Clamp Voltage (V
IK)
High-level Output Current (I
OH)
Low-level Output Voltage (V
OL)
Input Current at Max V
IN
(I
IN)
High-level Input Current (I
IH )
Low-level Input Current (I
IL)
Supply Current, Outputs High
Supply Current, Outputs Low
V
V
V
µA
V
V
mA
µA
mA
mA
mA
mA
mA
0.8
-1.5
100
0.4
0.7
1.0
60
-1.6
11
65
76
76
22
V
CC =
MIN, I
IN = -12mA
V
CC = MIN, VIH = 2V,
V
OH = 30V
SGX5451B
V
OH = 35V
SGX5461
V
OH = 70V
SGX5471
V
CC = MIN, VIL = 0.8V, IOL = 100mA
V
CC = MIN, VIL = 0.8V, IOL = 300mA
V
CC = MAX, VIN = 5.5V
V
CC = MAX, VIN = 2.4V
V
CC = MAX, VIN = 0.4V
V
CC = MAX, VIN = 5V
V
CC = MAX, VIN = 0V
SGX5451B
SGX5461
SGX5471
4.5V to 5.5V
4.75V to 5.25V
Supply Voltage (V
CC)
SG55451B, SG55461, SG55471 .......................
SG75451B, SG75461, SG75471 ...................
Operating Ambient Temperature Range
SG55451B, SG55461, SG55471 ...................
SG75451B, SG75461, SG75471 ........................
-55
°C to 125°C
0
°C to 70°C
Note 2. Range over which device is functional.
Note 3. The substrate (pin 8) must always be at the most-negative device voltage for proper operation.
RECOMMENDED OPERATING CONDITIONS (Notes 2 & 3)
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over the operating ambient temperatures for SG55451B/461/471 with -55
°C ≤ T
A ≤ 125 °C, and
SG75451B/461/471 with 0
°C ≤ T
A ≤ 70 °C.
Typical values are tested at V
CC = 5V, and T A = 25°C.
Low duty cycle pulse testing techniques are used
which maintains junction and case temperatures equal to the ambient temperature.)


Similar Part No. - SG75461

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG75464 MICROSEMI-SG75464 Datasheet
39Kb / 3P
   DUAL PERIPHERAL POSITIVE NOR DRIVER
SG75464Y MICROSEMI-SG75464Y Datasheet
39Kb / 3P
   DUAL PERIPHERAL POSITIVE NOR DRIVER
More results

Similar Description - SG75461

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG75474 MICROSEMI-SG75474 Datasheet
39Kb / 3P
   DUAL PERIPHERAL POSITIVE NOR DRIVER
logo
Texas Instruments
SN65472-EP TI1-SN65472-EP Datasheet
744Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVER
SN65472-EP TI1-SN65472-EP_16 Datasheet
746Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVER
logo
Allegro MicroSystems
5713 ALLEGRO-5713 Datasheet
88Kb / 4P
   DUAL PERIPHERAL AND POWER DRIVER TRANSIENT PROTECTED OUTPUTS
logo
Rochester Electronics
DS1634J-8 ROCHESTER-DS1634J-8 Datasheet
609Kb / 1P
   FLEXIBLE PERIPHERAL DRIVER for interfacing with CMOS circuits Dual Peripheral Driver
logo
Texas Instruments
SN75439NE TI-SN75439NE Datasheet
140Kb / 9P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
logo
Motorola, Inc
MC1411 MOTOROLA-MC1411 Datasheet
200Kb / 4P
   Peripheral Driver Arrays
logo
Texas Instruments
SN75437A TI-SN75437A Datasheet
110Kb / 7P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75439 TI-SN75439 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
logo
National Semiconductor ...
DS3686 NSC-DS3686 Datasheet
130Kb / 6P
   Dual Positive Voltage Relay Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com