Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-W19CP001-20 Datasheet(PDF) 6 Page - Pasternack Enterprises, Inc.

Part # PE-W19CP001-20
Description  WR-19 20 dB Directional Waveguide Coupler With UG-383 - U Flange and H-Plane Coupled Port From 40 GHz to 60 GHz U Band
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W19CP001-20 Datasheet(HTML) 6 Page - Pasternack Enterprises, Inc.

  PE-W19CP001-20 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W19CP001-20 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W19CP001-20 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W19CP001-20 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE-W19CP001-20 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE-W19CP001-20 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
PE-W19CP001-20 REV 1.0
WR-19 20 dB Directional Waveguide Coupler With UG-383/U Flange
and H-Plane Coupled Port From 40 GHz to 60 GHz U Band
PE-W19CP001-20 CAD Drawing


Similar Part No. - PE-W19CP001-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W19CP001-10 PASTERNACK-PE-W19CP001-10 Datasheet
521Kb / 6P
   WR-19 10 dB Directional Waveguide Coupler With UG-383/U Flange and H-Plane Coupled Port From 40 GHz to 60 GHz U Band
More results

Similar Description - PE-W19CP001-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W19CP001-10 PASTERNACK-PE-W19CP001-10 Datasheet
521Kb / 6P
   WR-19 10 dB Directional Waveguide Coupler With UG-383/U Flange and H-Plane Coupled Port From 40 GHz to 60 GHz U Band
PE-W22CP001-20 PASTERNACK-PE-W22CP001-20 Datasheet
513Kb / 6P
   WR-22 20 dB Directional Waveguide Coupler With UG-383/U Flange and H-Plane Coupled Port From 33 GHz to 50 GHz Q Band
PE-W22CP001-10 PASTERNACK-PE-W22CP001-10 Datasheet
519Kb / 6P
   WR-22 10 dB Directional Waveguide Coupler With UG-383 - U Flange and H-Plane Coupled Port From 33 GHz to 50 GHz Q Band
PE-W28CP002-20 PASTERNACK-PE-W28CP002-20 Datasheet
474Kb / 6P
   WR-28 20 dB Directional Waveguide Coupler With UG-599 - U Flange and H-Plane Coupled Port From 26.5 GHz to 40 GHz Ka Band
PE-W28CP002-10 PASTERNACK-PE-W28CP002-10 Datasheet
475Kb / 6P
   WR-28 10 dB Directional Waveguide Coupler With UG-599 - U Flange and H-Plane Coupled Port From 26.5 GHz to 40 GHz Ka Band
PE-W42CP002-20 PASTERNACK-PE-W42CP002-20 Datasheet
471Kb / 6P
   WR-42 20 dB Directional Waveguide Coupler With UG595 - U Flange and H-Plane Coupled Port From 18 GHz to 26.5 GHz K Band
PE-W15CP001-20 PASTERNACK-PE-W15CP001-20 Datasheet
521Kb / 6P
   WR-15 20 dB Directional Waveguide Coupler With UG-385 - U Flange and H-Plane Coupled
PE-W12CP001-20 PASTERNACK-PE-W12CP001-20 Datasheet
521Kb / 6P
   WR-12 20 dB Directional Waveguide Coupler With UG-387 - U Flange and H-Plane Coupled
PE-W42CP002-10 PASTERNACK-PE-W42CP002-10 Datasheet
472Kb / 6P
   WR-42 10 dB Directional Waveguide Coupler With UG595 - U Flange and H-Plane Coupled Port From 18 GHz to 26.5 GHz K Band
PE-W10CP001-20 PASTERNACK-PE-W10CP001-20 Datasheet
485Kb / 6P
   WR-10 20 dB Directional Waveguide Coupler With UG 387 - U-Mod Flange and H-Plane Coupled
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com