Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-W22S001-12 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE-W22S001-12
Description  WR-22 Instrumentation Grade Straight Waveguide Section 12 Inch Length with UG-383 - U Flange Operating from 33 GHz to 50 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W22S001-12 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE-W22S001-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W22S001-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Pasternack’s instrumentation grade waveguide sections are constructed of a high quality oxygen free hard copper with high
precision mechanical tolerances as tight as ±0.001” that ensures repeatable and consistent RF performance. Our commercial
and instrumentation grade waveguide sections range in size from WR-12 to WR-137 and include grooved and non-grooved
flanged designs. Standard lengths of Pasternack waveguide sections are offered from 3” to 12” in 3” increments and each
waveguide section is labeled for easy identification. Custom lengths are available upon request. Our commercial grade wave-
guide sections are painted blue and our instrumentation grade versions are hard gold plated over a copper flash.
WR-12 to WR-137 Waveguide Sections
• Grooved and Non-Grooved Flange Designs
• Available for frequency ranges between 5.8 GHz to 90 GHz
Comprehensive waveguide offering also includes E-Bends, H-Bends, Waveguide to Coax Adapters, Filters, Termina-
tions, and more.
High Precision Tolerance as Tight as ±0.001”
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
33
50
GHz
VSWR
1.06:1
Insertion Loss
0.36 [1.18]
dB/ft [dB/m]
.
Mechanical Specifications
Waveguide Size
WR-22
Waveguide Design
Instrumentation Grade
Section Length
12 in [304.8 mm]
Description
Flange 1
Waveguide
Flange 2
Interface
UG-383/U
WR-22
UG-383/U
Material
Oxygen Free Hard Copper
Oxygen Free Hard Copper
Oxygen Free Hard Copper
Plating
Hard Gold over Copper Flash
Hard Gold over Copper Flash
Hard Gold over Copper Flash
Color
Gold
Gold
Gold
...
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Notes:
Values at +25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-22 Instrumentation Grade Straight Waveguide Section 12 Inch Length with UG-383/U
Flange Operating from 33 GHz to 50 GHz
PE-W22S001-12
PE-W22S001-12 REV 1
PE-W22S001-12
WR-22 Instrumentation Grade Straight Waveguide Section 12 Inch
Length with UG-383/U Flange Operating from 33 GHz to 50 GHz


Similar Part No. - PE-W22S001-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W22S001-3 PASTERNACK-PE-W22S001-3 Datasheet
437Kb / 4P
   WR-22 Instrumentation Grade Straight Waveguide Section 3 Inch Length with UG-383 - U Flange Operating from 33 GHz to 50 GHz
PE-W22S001-6 PASTERNACK-PE-W22S001-6 Datasheet
424Kb / 4P
   WR-22 Instrumentation Grade Straight Waveguide Section 6 Inch Length with UG-383 - U Flange Operating from 33 GHz to 50 GHz
PE-W22S001-9 PASTERNACK-PE-W22S001-9 Datasheet
422Kb / 4P
   WR-22 Instrumentation Grade Straight Waveguide Section 9 Inch Length with UG-383 - U Flange Operating from 33 GHz to 50 GHz
More results

Similar Description - PE-W22S001-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W22S001-3 PASTERNACK-PE-W22S001-3 Datasheet
437Kb / 4P
   WR-22 Instrumentation Grade Straight Waveguide Section 3 Inch Length with UG-383 - U Flange Operating from 33 GHz to 50 GHz
PE-W22S001-6 PASTERNACK-PE-W22S001-6 Datasheet
424Kb / 4P
   WR-22 Instrumentation Grade Straight Waveguide Section 6 Inch Length with UG-383 - U Flange Operating from 33 GHz to 50 GHz
PE-W22S001-9 PASTERNACK-PE-W22S001-9 Datasheet
422Kb / 4P
   WR-22 Instrumentation Grade Straight Waveguide Section 9 Inch Length with UG-383 - U Flange Operating from 33 GHz to 50 GHz
PE-W22B001 PASTERNACK-PE-W22B001 Datasheet
343Kb / 2P
   WR-22 Instrumentation Grade Waveguide E-Bend with UG-383-U Flange Operating from 33 GHz to 50 GHz
PE-W22B002 PASTERNACK-PE-W22B002 Datasheet
341Kb / 2P
   WR-22 Instrumentation Grade Waveguide H-Bend with UG-383-U Flange Operating from 33 GHz to 50 GHz
PE-W15S001-12 PASTERNACK-PE-W15S001-12 Datasheet
352Kb / 2P
   WR-15 Instrumentation Grade Straight Waveguide Section 12 Inch Length with UG-385 - U Flange Operating from 50 GHz to 75 GHz
PEWSP1000 PASTERNACK-PEWSP1000 Datasheet
535Kb / 4P
   WR-22 Waveguide Pressurizing Section 4.25 Inch Length, UG-383/U Square Cover Flange from 33 GHz to 50 GHz
PE-W34SF005-12 PASTERNACK-PE-W34SF005-12 Datasheet
395Kb / 4P
   WR-34 Flexible Straight Waveguide Section 12 Inch Length with UG-1530 - U Flange Operating from 22 GHz to 33 GHz
PE-W12S001-12 PASTERNACK-PE-W12S001-12 Datasheet
352Kb / 2P
   WR-12 Instrumentation Grade Straight Waveguide Section 12 Inch Length with UG-387/U Flange Operating from 60 GHz to 90 GHz
PE-W22TF005-12 PASTERNACK-PE-W22TF005-12 Datasheet
406Kb / 4P
   WR-22 Twistable Flexible Waveguide 12 Inch, UG-383/U Round Cover Flange Operating From 33 GHz to 50 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com