Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-W28CP002-10 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE-W28CP002-10
Description  WR-28 10 dB Directional Waveguide Coupler With UG-599 - U Flange and H-Plane Coupled Port From 26.5 GHz to 40 GHz Ka Band
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W28CP002-10 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE-W28CP002-10 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W28CP002-10 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W28CP002-10 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W28CP002-10 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE-W28CP002-10 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE-W28CP002-10 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
TECHNICAL DATA SHEET
PE-W28CP002-10
PE-W28CP002-10 REV 1.0
-50
-40
-30
-20
-10
0
26.5
29.0
31.5
34.0
36.5
39.0
Frequency (GHz)
PE-W28CP002-10 Return Loss
Main Line Return Loss
Coupled LIne Return Loss
WR-28 10 dB Directional Waveguide Coupler With UG-599/U Flange and H-Plane Coupled Port From 26.5 GHz to 40 GHz
Ka Band from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-28 10 dB Directional Waveguide Coupler With UG-599/U Flange and H-Plane Coupled Port
From 26.5 GHz to 40 GHz Ka Band PE-W28CP002-10
URL: http://www.pasternack.com/wr-28-10db-directional-waveguide-coupler-ug-599-h-bend-pe-w28cp002-10-p.aspx
WR-28 10 dB Directional Waveguide Coupler
With UG-599/U Flange and H-Plane Coupled
Port From 26.5 GHz to 40 GHz Ka Band


Similar Part No. - PE-W28CP002-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W28CP002-20 PASTERNACK-PE-W28CP002-20 Datasheet
474Kb / 6P
   WR-28 20 dB Directional Waveguide Coupler With UG-599 - U Flange and H-Plane Coupled Port From 26.5 GHz to 40 GHz Ka Band
More results

Similar Description - PE-W28CP002-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W28CP002-20 PASTERNACK-PE-W28CP002-20 Datasheet
474Kb / 6P
   WR-28 20 dB Directional Waveguide Coupler With UG-599 - U Flange and H-Plane Coupled Port From 26.5 GHz to 40 GHz Ka Band
PE-W19CP001-10 PASTERNACK-PE-W19CP001-10 Datasheet
521Kb / 6P
   WR-19 10 dB Directional Waveguide Coupler With UG-383/U Flange and H-Plane Coupled Port From 40 GHz to 60 GHz U Band
PE-W19CP001-20 PASTERNACK-PE-W19CP001-20 Datasheet
522Kb / 6P
   WR-19 20 dB Directional Waveguide Coupler With UG-383 - U Flange and H-Plane Coupled Port From 40 GHz to 60 GHz U Band
PE-W42CP002-10 PASTERNACK-PE-W42CP002-10 Datasheet
472Kb / 6P
   WR-42 10 dB Directional Waveguide Coupler With UG595 - U Flange and H-Plane Coupled Port From 18 GHz to 26.5 GHz K Band
PE-W42CP002-20 PASTERNACK-PE-W42CP002-20 Datasheet
471Kb / 6P
   WR-42 20 dB Directional Waveguide Coupler With UG595 - U Flange and H-Plane Coupled Port From 18 GHz to 26.5 GHz K Band
PE-W22CP001-10 PASTERNACK-PE-W22CP001-10 Datasheet
519Kb / 6P
   WR-22 10 dB Directional Waveguide Coupler With UG-383 - U Flange and H-Plane Coupled Port From 33 GHz to 50 GHz Q Band
PE-W28B002 PASTERNACK-PE-W28B002 Datasheet
403Kb / 4P
   WR-28 Instrumentation Grade Waveguide H-Bend with UG-599-U Flange Operating from 26.5 GHz to 40 GHz
PE-W22CP001-20 PASTERNACK-PE-W22CP001-20 Datasheet
513Kb / 6P
   WR-22 20 dB Directional Waveguide Coupler With UG-383/U Flange and H-Plane Coupled Port From 33 GHz to 50 GHz Q Band
PE-W28TF005-24 PASTERNACK-PE-W28TF005-24 Datasheet
393Kb / 4P
   WR-28 Flexible Waveguide Twist With a UG-599 - U Flange Operating From 26.5 GHz to 40 GHz
PE-W28TF005-12 PASTERNACK-PE-W28TF005-12 Datasheet
398Kb / 4P
   WR-28 Flexible Waveguide Twist With a UG-599 - U Flange Operating From 26.5 GHz to 40 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com