Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ5913B Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SMAJ5913B
Description  SILICON 3.0 WATT ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMAJ5913B Datasheet(HTML) 1 Page - Microsemi Corporation

  SMAJ5913B Datasheet HTML 1Page - Microsemi Corporation SMAJ5913B Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Scottsdale, AZ
Progress Powered by Technology
8700 E. Thomas Road
Scottsdale, AZ 85252
(602) 941-6300
DO-214AC
(SMAJ)
SMAJ5913B
THRU
SMAJ5956B
SILICON
3.0 WATT
ZENER DIODES
Santa Ana: (714) 979-8220
Scottscale: (602) 941-6300
Colorado: (303) 469-2161
Watertown: (617) 926-0404
Chatsworth: (818) 701-4933
Sertech Labs: (617) 924-9280
Ireland: (353) 65-40044
Bombay: (91) 22-832-002
Hong Kong: (852) 2692-1202
Features
For Surface Mount Applications (flat handling surface for accurate placement)
Zener Voltage 3.3V to 200V
Withstands Large Surge Stresses
Electrically Equivalent to JEDEC Registered Series IN5913 through IN5956
Available on Tape and Reel
High Surge Current Rating
Mechanical Data
Package similar to JEDEC DO-214AC (see dimension ‘A’ note)
Terminals solderable per MIL-STD-750, Method 2026
Polarity is indicated by cathode band
Maximum temperature for soldering: 260°C for 10 seconds
Plastic surface mount body meets UL94V-0 flame retardent epoxy
Maximum Ratings @ 25°C
(Unless Otherwise Specified)
Forward Voltage
Vf
1.2V
Note 1
Peak Pulse Power
PPP
See Figure 3
Steady State Power Dissipation
P(AV)
3.0W
Note 2, 3
Operating and Storage Tempertures
TJ, TSTG
-55°C to +150°C
Thermal Resistance
ROJL
25°C/W
Notes:
1. Forward current at 200mA.
2. Mounted on 4.0mm2 copper pads to each terminal.
3. Lead temperature at 75°C = TL.. Derate linearly above 75°C to zero power at 150°C.
H
J
A
G
F
E
B
C
D
INCHES
MILLIMETERS
DIM
MIN / MAX
MIN / MAX
NOTE
A
.078 / .115
1.98 / 2.92
1
B
.052 / .058
1.32 / 1.47
C
– / .005
– / .127
D
– / .02
– / .51
E
.030 / .060
.76 / 1.52
F
.055 / .075
1.65 / 2.13
G
.194 / .216
4.93 / 5.48
H
.160 / .180
3.99 / 4.50
J
.100 / .110
2.57 / 2.79
NOTE 1: THIS MAXIMUM DIMENSION IS LARGER THAN THE
STANDARD JEDEC CALL OUT. STANDARD JEDEC IS .105
INCHES OR 2.88 MM.
PAD LAYOUT
0.078"
0.075"
0.095"
700
600
500
400
300
200
800
900
1000
70
60
50
40
30
20
10
80
90
100
20
0
40
60
80
100 120 140 160 180
200 220
At zero volts
At - 2 volts (VR)
ZENER VOLTAGE VZ
CAPACITANCE vs. VZ CURVE
Data Sheet SMCO311A 5/16/97


Similar Part No. - SMAJ5913B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ5913B MCC-SMAJ5913B Datasheet
486Kb / 5P
   1.5 Watt Zener Diode 3.3 to 51 Volts
logo
Galaxy Semi-Conductor H...
SMAJ5913B BILIN-SMAJ5913B Datasheet
153Kb / 4P
   Surface mount zener diode
logo
Shanghai Leiditech Elec...
SMAJ5913B LEIDITECH-SMAJ5913B Datasheet
329Kb / 2P
   1.5 W Power Dissipation
logo
Microsemi Corporation
SMAJ5913BE3 MICROSEMI-SMAJ5913BE3 Datasheet
473Kb / 6P
   Silicon 3.0 Watt Zener Diode
logo
Micro Commercial Compon...
SMAJ5913B MCC-SMAJ5913B_18 Datasheet
446Kb / 5P
   1.5 Watt Zener Diode 3.3 to 4.7 Volts
More results

Similar Description - SMAJ5913B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1PMT5913B MICROSEMI-1PMT5913B Datasheet
113Kb / 2P
   3.0 WATT Zener Diodes
logo
Micro Commercial Compon...
3SMAJ5930B-TP MCC-3SMAJ5930B-TP Datasheet
266Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
SMA5C5V1 MCC-SMA5C5V1 Datasheet
281Kb / 3P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5913B MCC-3SMAJ5913B_18 Datasheet
329Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5913B-TP MCC-3SMBJ5913B-TP Datasheet
250Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5918B MCC-3SMBJ5918B_18 Datasheet
347Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3MSMA1J59138B MCC-3MSMA1J59138B Datasheet
330Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5913B MCC-3SMBJ5913B_18 Datasheet
333Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5925BHE3 MCC-3SMBJ5925BHE3 Datasheet
328Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5956B-TP MCC-3SMAJ5956B-TP Datasheet
338Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com