Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG7915AK Datasheet(PDF) 7 Page - Micro Electronics

Part # SG7915AK
Description  NEGATIVE FIXED VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

SG7915AK Datasheet(HTML) 7 Page - Micro Electronics

  SG7915AK Datasheet HTML 1Page - Micro Electronics SG7915AK Datasheet HTML 2Page - Micro Electronics SG7915AK Datasheet HTML 3Page - Micro Electronics SG7915AK Datasheet HTML 4Page - Micro Electronics SG7915AK Datasheet HTML 5Page - Micro Electronics SG7915AK Datasheet HTML 6Page - Micro Electronics SG7915AK Datasheet HTML 7Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SG7900A/SG7900 SERIES
05/01 Rev 1.5
LINFINITY Microelectronics Inc.
Copyright
 1999
11861 Western Avenue ∞
∞ Garden Grove, CA 92841
7
(714) 898-8121 ∞
∞FAX: (714) 893-2570
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
NEGATIVE REGULATOR
Part No.
Package
Connection Diagram
3-TERMINAL TO-3
METAL CAN
K-PACKAGE
SG79XXAK/883B
-55°C to 125°C
SG7905AK/DESC
-55°C to 125°C
SG7912AK/DESC
-55°C to 125°C
SG7915AK/DESC
-55°C to 125°C
SG79XXAK
-55°C to 125°C
SG79XXK/883B
-55°C to 125°C
JAN7905K
-55°C to 125°C
JAN7912K
-55°C to 125°C
JAN7915K
-55°C to 125°C
SG79XXK
-55°C to 125°C
SG79XXK
0°C to 125°C
2
1
GROUND
CASE IS V
IN
V
OUT
Ambient
Temperature Range
3-PIN TO-39 METAL CAN
T-PACKAGE
SG79XXAT/883B
-55°C to 125°C
SG7905AT/DESC
-55°C to 125°C
SG7912AT/DESC
-55°C to 125°C
SG7915AT/DESC
-55°C to 125°C
SG79XXAT
-55°C to 125°C
SG79XXT/883B
-55°C to 125°C
JAN7905T
-55°C to 125°C
JAN7912T
-55°C to 125°C
JAN7915T
-55°C to 125°C
SG79XXT
-55°C to 125°C
3
2
V
IN
V
OUT
GROUND
1
CASE IS V
IN
3-PIN HERMETIC TO-257
IG-PACKAGE (Isolated)
SG79XXAIG/883B
-55°C to 125°C
SG7905AIG/DESC
-55°C to 125°C
SG7912AIG/DESC
-55°C to 125°C
SG7915AIG/DESC
-55°C to 125°C
SG79XXAIG
-55°C to 125°C
SG79XXIG/883B
-55°C to 125°C
SG79XXIG
-55°C to 125°C
GROUND
V
OUT
V
IN
20-PIN CERAMIC
LEADLESS CHIP CARRIER
L- PACKAGE
SG79XXL/883B
-55°C to 125°C
SG79XXL
-55°C to 125°C
SG7905AL/DESC
-55°C to 125°C
SG7912AL/DESC
-55°C to 125°C
SG7915AL/DESC
-55°C to 125°C
4
5
6
7
8
32
1
14
15
16
17
18
20 19
9
111213
10
11. N.C.
12. N.C.
13. N.C.
14. N.C.
15. GND
16. N.C.
17. GND
18. N.C.
19. N.C.
20. V
IN
1. N.C.
2. V
IN
3. N.C.
4. V
O
5. V
O
6. N.C.
7. V
O
SENSE
8. N.C.
9. N.C.
10. N.C.
Note 1. Contact factory for JAN and DESC product availability.
2. All parts are viewed from the top.
3. "XX" to be replaced by output voltage of specific fixed regulator.
4. Some products will be available in hermetic flat pack (F). Consult factory for price and availability.
5. Both inputs and outputs must be externally connected together at the device terminals.
6. For normal operation, the V
O SENSE pin must be externally connected to the load.
(See Notes 5 & 6)


Similar Part No. - SG7915AK

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG7915AK-DESC MICROSEMI-SG7915AK-DESC Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG7915AK/DESC MICROSEMI-SG7915AK/DESC Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG7915AK/DESC MICROSEMI-SG7915AK/DESC Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
SG7915AKDESC MICROSEMI-SG7915AKDESC Datasheet
405Kb / 9P
   Negative Fixed Voltage Regulator
More results

Similar Description - SG7915AK

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXPI AUK-S79XXPI Datasheet
270Kb / 8P
   Fixed-Negative-Voltage Regulator
S79XXPIC AUK-S79XXPIC_1 Datasheet
301Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG79XXA MICROSEMI-SG79XXA Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG120 MICROSEMI-SG120 Datasheet
167Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC Datasheet
271Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7912AR MICROSEMI-SG7912AR Datasheet
405Kb / 9P
   Negative Fixed Voltage Regulator
logo
AUK corp
S79XXPI AUK-S79XXPI_1 Datasheet
302Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7900A MICROSEMI-SG7900A Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120 MICROSEMI-SG120_1 Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG79XXA MICROSEMI-SG79XXA_10 Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com