Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ2K4.0 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SMBJ2K4.0
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMBJ2K4.0 Datasheet(HTML) 1 Page - Microsemi Corporation

  SMBJ2K4.0 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MSC0977.PDF
ISO 9001 CERTIFIED
REV E 11/23/98
8700 E. Thomas Road
Scottsdale, AZ 85251
Tel: (480) 941-6300
Fax: (480) 947-1503
DESCRIPTION
SMBJ surface mount package is utilized where power and space is a requirement.
Designed for effective protection of power bus lines from voltage spikes originating
from ESD, line noise (EFT), and induced lighting defined by IEC 1000-4-2, 1000-
4-4, and 1000-4-5 respectively. Advanced technology provides lowest clamping
voltage with surface mount packaging minimizing parasitic inductance.
FEATURES
2000 watts Peak Pulse Power 8/20
µs
For surface Mount Applications (flat handling surface for accurate placement).
Voltage and reverse leakage lowest available
High surge capacity provides transient protection for low voltage circuits
UL 94V-0 Flammability Classification
MECHANICAL CHARACTERISTICS
CASE: DO-214AA (SMBJ) outline
Terminals solderable per MIL-STD-750, Method 2026
Maximum temperature for soldering: 260
°C for 10 seconds maximum
LEAD MATERIAL: Copper
LEAD FINISH: Tin plate
POLARITY: Cathode end is banded
WEIGHT: 0.2 grams
MOUNTING POSITION: Any
MAXIMUM RATINGS
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Steady state Power Dissipation: 3.0 watt @ TL
≤ 75°C
Repetition rate (duty cycle): .01%
Surge Power: 300 watts @ 10/1000
µs or 2000 watts @ 8/20 µs
IPP and VC below are @ 8/20
µs
Electrical Characteristics @ 25
°°C unless otherwise specified
Peak Pulse Power vs. Pulse Time
8X20 Pulse Wave Form
SMBJ2K3.0
thru
SMBJ2K5.0
TRANSIENT VOLTAGE SUPPRESSOR
DIMENSIONS IN INCHES
DIMENSIONS IN MILLIMETERS
MIN
MAX
MIN
MAX
A
.077
.083
1.96
2.10
B
.160
.180
4.06
4.57
C
.130
.155
3.30
3.94
D
.205
.220
5.21
5.59
E
.075
.095
1.90
2.41
F
.030
.060
0.760
1.520
G
.004
.008
.101
TYPE
SMBJ
V(BR)
MIN
VOLTS
I(BR)
mA
VWM
VOLTS
IP
µA
IPP
A
VC
VOLTS
α
V(BR)
%ºC
2K3.0
4.3
50
3.0
1500
10
5.4
+0/-.05
2K3.3
4.6
50
3.3
700
10
5.8
±.025
2K4.0
5.0
50
4.0
400
10
6.3
±.030
2K4.5
5.4
50
4.5
50
10
6.6
±.040
2K5.0
5.9
50
5.0
5
10
7.6
±.050


Similar Part No. - SMBJ2K4.0

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ20 SOCAY-SMBJ20 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMBJ20 JGD-SMBJ20 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ20 MICROSEMI-SMBJ20 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
DAESAN ELECTRONIC CORP.
SMBJ20 DAESAN-SMBJ20 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
logo
Shanghai Shunye Electro...
SMBJ20 SHUNYE-SMBJ20 Datasheet
327Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMBJ2K4.0

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com