Electronic Components Datasheet Search |
|
SMCG6037A Datasheet(PDF) 1 Page - Microsemi Corporation |
|
SMCG6037A Datasheet(HTML) 1 Page - Microsemi Corporation |
1 / 4 page MSC1364.PDF 01/06/00 SMCG/J6036 thru SMCG/J6072A FEATURES: • BIDIRECTIONAL • 1500 WATTS PEAK POWER • VOLTAGE RANGE FROM 5.5V TO 185V • LOW INDUCTANCE • LOW PROFILE PACKAGE FOR SURFACE MOUNTING DESCRIPTION: DESCRIPTION: These Transient Voltage Suppressor devices are a series of Bi-directional Silicon Transient Suppressors used in AC applications where large voltage transients can permanently damage voltage-sensitive components. These devices are manufactured using two silicon PN, junctions in a back to back configuration. They are characterized by their high surge capability, fast response time, and low impedance, (Ron) for clamping surge. The SMC series, rated for 1500 watts during a one millisecond pulse, can be used to protect sensitive circuits against transients induced by lighting and inductive load switching. The response time of TAZ clamping action is less than (5x10 -9) sec; therefore, they can protect Integrated Circuits, MOS devices, Hybrids, and other voltage-sensitive semiconductors and components. This series of devices has also been proven very effective as EMP and ESD suppressors. MAXIMUM RATINGS: MAXIMUM RATINGS: 1500 watts of peak pulse power dissipation at 25 °°C tclamping (0 volts to V(BR) min): less than 5 x 10 -9 seconds Operating and Storage Temperature: -65 °° to +150°°C Steady state power dissipation: 5.0 watts at TL = 25 °°C, at mounting plane. Repetition rate (duty cycle): .01% 8700 E. Thomas Road Scotsdale, AZ 85252 Phone: (480) 941-6300 Fax: (480) 947-1503 5.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors Mechanical Characteristics CASE: Molded, Surface Mountable. TERMINALS: Gull-wing or C-Bend (modified J-bend) leads, tin lead plated POLARITY: No markings on bi-directional devices. PACKAGING: 16mm tape (See EIA Std. RS-481.) THERMAL RESISTANCE: 20 °°C/W (typical) junction to lead (tab) at mounting plane. tp Pulse Time Figure 1 Peak Pulse Power vs Pulse Time DO-214AB DO-215AB 100 10 0.1 1.0 100ns 1µs 10µs 100µs 1ms 10ms (Wave Form - See Figure 2) Non- Repetitive |
Similar Part No. - SMCG6037A |
|
Similar Description - SMCG6037A |