Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA1225MC Datasheet(PDF) 4 Page - ON Semiconductor

Part # LA1225MC
Description  FM IF Detector IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA1225MC Datasheet(HTML) 4 Page - ON Semiconductor

  LA1225MC Datasheet HTML 1Page - ON Semiconductor LA1225MC Datasheet HTML 2Page - ON Semiconductor LA1225MC Datasheet HTML 3Page - ON Semiconductor LA1225MC Datasheet HTML 4Page - ON Semiconductor LA1225MC Datasheet HTML 5Page - ON Semiconductor LA1225MC Datasheet HTML 6Page - ON Semiconductor LA1225MC Datasheet HTML 7Page - ON Semiconductor LA1225MC Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LA1225MC
No.A2052-4/8
Pin Functions No-Signal Voltage at VCC = 3.0V
Pin No.
Function
No-signal
voltage (V)
Equivalent circuit
Notes
1
IF input
1.2
Input impedance
RIN = 330Ω
2
Reg
1.2
Vreg = 1.2V
3
GND
0
4
S-meter output
0.1
Open collector output.
The SD sensitivity can be adjusted with an
external resistor connected to this pin.
5
VCC
3.0
6
Demodulated output
1.5
Output impedance
ROUT = 3kΩ
7
DET
3.0
The detector coil is inserted between pin 7
and pin 5 (VCC).
Continued on next page.


Similar Part No. - LA1225MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1225MC SANYO-LA1225MC Datasheet
638Kb / 8P
   Monolithic Linear IC FM IF Detector IC
More results

Similar Description - LA1225MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M_06 Datasheet
472Kb / 8P
   FM IF Detector IC
LA1225M SANYO-LA1225M Datasheet
55Kb / 8P
   FM IF Detector IC
LA1225MC SANYO-LA1225MC Datasheet
638Kb / 8P
   Monolithic Linear IC FM IF Detector IC
logo
Holtek Semiconductor In...
HT9011 HOLTEK-HT9011 Datasheet
98Kb / 7P
   FM IF Detector
logo
Toshiba Semiconductor
TA31136F TOSHIBA-TA31136F Datasheet
712Kb / 16P
   FM IF DETECTOR IC FOR CORDLESS TELEPHONE
logo
Panasonic Semiconductor
AN5215 PANASONIC-AN5215 Datasheet
155Kb / 2P
   TV Sound-IF Amplifier, FM Detector IC
logo
TOKO, Inc
TK10930 TOKO-TK10930 Datasheet
937Kb / 4P
   AM/FM IF DETECTOR
TK14551V TOKO-TK14551V Datasheet
334Kb / 32P
   FM IF DETECTOR/AMPLIFIER
TK14584 TOKO-TK14584 Datasheet
196Kb / 20P
   FM IF IC
TK14588 TOKO-TK14588 Datasheet
233Kb / 20P
   FM IF IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com