Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VE2045C-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VE2045C-E3
Description  Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VE2045C-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  VE2045C-E3_15 Datasheet HTML 1Page - Vishay Siliconix VE2045C-E3_15 Datasheet HTML 2Page - Vishay Siliconix VE2045C-E3_15 Datasheet HTML 3Page - Vishay Siliconix VE2045C-E3_15 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VE2045C-E3
www.vishay.com
Vishay General Semiconductor
Revision: 20-Dec-13
2
Document Number: 89980
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) The heat generated must be less than the thermal conductivity from junction-to-ambient:
P
D/TJ < 1 R
JA
(2) Free air, without heatsink
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics Per Diode
Fig. 3 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Characteristics Per Diode
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VE2045C-E3
UNIT
Typical thermal resistance
per diode
RJC
3.5
°C/W
per device
2.2
per device
RJA (1)(2)
55
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
VE2045C-E3/45
1.93
45
50/tube
Tube
0
2
4
6
8
10
12
14
16
18
20
22
0
25
50
75
100
125
150
Case Temperature (°C)
RθJA = RθJC = 2.2 oC/W
TA = 25 oC,
RθJA = 55 oC/W
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
8
9
10 11 12
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 1.0
D = 0.8
D = tp/T
T
tp
0.1
1
10
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Instantaneous Forward Voltage (V)
T
A = 150 °C
T
A = 25 °C
T
A = 100 °C
T
A = 125 °C
0.001
0.01
0.1
1
10
100
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 125 °C
T
A = 100 °C
T
A = 25 °C


Similar Part No. - VE2045C-E3_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VE2045C-E3 VISHAY-VE2045C-E3_V01 Datasheet
86Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
08-Feb-17
More results

Similar Description - VE2045C-E3_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT2045C-M3 VISHAY-VT2045C-M3 Datasheet
131Kb / 6P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 21-Nov-13
V10D45C VISHAY-V10D45C Datasheet
123Kb / 6P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 09-Dec-13
VT3045C VISHAY-VT3045C Datasheet
125Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
VT4045C VISHAY-VT4045C Datasheet
125Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
VT6045C VISHAY-VT6045C Datasheet
125Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 30-Nov-10
VFT4045C-M3 VISHAY-VFT4045C-M3 Datasheet
85Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 22-Nov-13
V60D45C VISHAY-V60D45C_15 Datasheet
120Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 06-May-15
VBT1045C-M3 VISHAY-VBT1045C-M3_15 Datasheet
82Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 30-Apr-13
VE3045C-E3 VISHAY-VE3045C-E3_15 Datasheet
113Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 20-Dec-13
V30D45C VISHAY-V30D45C_15 Datasheet
119Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 06-May-15
VBT1045C-E3 VISHAY-VBT1045C-E3_15 Datasheet
81Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 09-Sep-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com