Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCT50-08E07AB Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # TCT50-08E07AB
Description  Control Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

TCT50-08E07AB Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  TCT50-08E07AB Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Control Transformer
Class 2
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
TCT50-08E07AB
Description:
Triad control transformers come with tamper resistant shrouds for safety and a
steel bracket welded to the bottom of the transformer for ease of mounting. These
transformers are design and have the safety agency recognition for application
where a Class 2 transformer is necessary. Some of the applications would include,
but not limited to HVAC, Control boards, Lighting, etc.
Electrical Specifications (@25C):
1. Maximum Power: 50VA
2. *Input: 120V, 50/60 Hz, (Fuse: 0.500A Max)
240V, 50/60Hz, (Fuse: 0.300A Max)
3. Output: 12V @ 4.17Amps
4. Voltage Regulation: 15% TYP @ full load to no load
5. Temperature Rise: <40°C TYP
6. Hipot: 1500VAC – Input to Output, Input & Output to Core
7. Recommended Fusing: UL Listed, 3AG time-delay type.
* Only one input voltage to be applied to primary at any time.
Construction:
Three flange bobbin construction with primaries and secondaries wound side by
side for low capacitive coupling. Unit weight is 2.0lbs.
Agency File:
UL: File E65390, UL 5085-3 (1585), Class 2 Transformer
cUL: File E65390, UL 5085-3 (1585) For Canadian Use (CSA 22.2, No.66.3-06)
Connections:
Input: Quick Disconnect tabs, 0.5 x 0.25 x 0.032
Output: Quick Disconnect tabs, 0.5 x 0.25 x 0.032
Schematic:
RoHS Compliance: As of manufacturing date February 2005, all standard
products meet the requirements of 2011/65/EU, known as the RoHS initiative.
As of April 7, 2008, UL standards 506 and 1585 will be migrated to UL 5085-2 and
5085-3, respectively.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad
Magnetics’ website for the most current version.
240V
COM
COM
12V
Picture for illustration only!!
120V
3.64±0.02
3.13±0.02
2.6±0.02
1.80±.0.04
0.19+0.01,-0
2.74±0.04
0.87±0.04


Similar Part No. - TCT50-08E07AB

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
TCT50-08E07AE TRIAD-TCT50-08E07AE Datasheet
40Kb / 1P
   Control Transformer
More results

Similar Description - TCT50-08E07AB

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
TCT3-04E07AE TRIAD-TCT3-04E07AE Datasheet
40Kb / 1P
   Control Transformer
TCT40-06E07K TRIAD-TCT40-06E07K Datasheet
43Kb / 1P
   Control Transformer
TCT40-08E07AB TRIAD-TCT40-08E07AB Datasheet
43Kb / 1P
   Control Transformer
TCT50-03E07K TRIAD-TCT50-03E07K Datasheet
43Kb / 1P
   Control Transformer
TCT50-04E07K TRIAD-TCT50-04E07K Datasheet
43Kb / 1P
   Control Transformer
TCT50-05E07AB TRIAD-TCT50-05E07AB Datasheet
43Kb / 1P
   Control Transformer
TCT50-07E07AE TRIAD-TCT50-07E07AE Datasheet
40Kb / 1P
   Control Transformer
TCT3-11E07AE TRIAD-TCT3-11E07AE Datasheet
40Kb / 1P
   Control Transformer
TCT40-09E07AB TRIAD-TCT40-09E07AB Datasheet
43Kb / 1P
   Control Transformer
TCT50-08E07AE TRIAD-TCT50-08E07AE Datasheet
40Kb / 1P
   Control Transformer
logo
VACUUMSCHMELZE GmbH & C...
T60403-F4021-X116 VACUUMSCHMELZE-T60403-F4021-X116 Datasheet
33Kb / 1P
   Control transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com