Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1240AD100R2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1240AD100R2G
Description  Fixed Frequency Current Mode Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1240AD100R2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1240AD100R2G Datasheet HTML 2Page - ON Semiconductor NCP1240AD100R2G Datasheet HTML 3Page - ON Semiconductor NCP1240AD100R2G Datasheet HTML 4Page - ON Semiconductor NCP1240AD100R2G Datasheet HTML 5Page - ON Semiconductor NCP1240AD100R2G Datasheet HTML 6Page - ON Semiconductor NCP1240AD100R2G Datasheet HTML 7Page - ON Semiconductor NCP1240AD100R2G Datasheet HTML 8Page - ON Semiconductor NCP1240AD100R2G Datasheet HTML 9Page - ON Semiconductor NCP1240AD100R2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
NCP1240
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VHV = 125 V,
VCC = 11 V unless otherwise noted)
Characteristics
Unit
Max
Typ
Min
Symbol
Test Condition
OUTPUT DRIVER
Rise Time, 10% to 90% of VCC
VCC = VCC(min) + 0.2 V,
CDRV = 1 nF
trise
40
70
ns
Fall Time, 90% to 10% of VCC
VCC = VCC(min) + 0.2 V,
CDRV = 1 nF
tfall
40
70
ns
Current Capability
VCC = VCC(min) + 0.2 V,
CDRV = 1 nF
DRV high, VDRV = 0 V
DRV low, VDRV = VCC
IDRV(source)
IDRV(sink)
500
800
mA
Clamping Voltage (maximum gate voltage)
VCC = VCCmax – 0.2 V, DRV high,
RDRV = 33 kW, Cload = 220 pF
VDRV(clamp)
11
13.5
16
V
High−state Voltage Drop
VCC = VCC(min) + 0.2 V,
RDRV = 33 kW, DRV high
VDRV(drop)
1
V
CURRENT SENSE
Input Pull−up Current
VCS = 0.7 V
Ibias
1
mA
Maximum Internal Current Setpoint
VFB > 3.5 V
VILIM
0.66
0.70
0.74
V
Propagation Delay from VIlimit Detection to
DRV Off
VCS = VILIM
tdelay
80
110
ns
Leading Edge Blanking Duration for VILIM
tLEB
200
250
340
ns
Threshold for Fast Fault Protection Activation
VCS(stop)
0.95
1.05
1.15
V
Leading Edge Blanking Duration for VCS(stop)
(Note 7)
tBCS
90
120
150
ns
Soft−start Duration
From 1st pulse to VCS = VILIM
tSSTART
8
11
14
ms
INTERNAL SLOPE COMPENSATION
Slope of the Compensation Ramp
Scomp(65kHz)
Scomp(100kHz)
−32.5
−50
mV /
ms
FEEDBACK
Internal Pull−up Resistor
TJ = 25°C
RFB(up)
30
40
50
k
W
VFB to Internal Current Setpoint Division
Ratio
KFB
4
Internal Pull−up Voltage on the FB Pin
(Note 7)
VFB(ref)
4.5
5
5.5
V
Feedback Voltage Below which the Peak
Current is Frozen
TJ = 25°C
VFB(off)
0.8
V
SKIP CYCLE MODE
Feedback Voltage Thresholds for Skip Mode
VFB going down, TJ = 25°C
VFB going up, TJ = 25°C
Vskip(in)
Vskip(out)
1.1
1.2
1.2
1.3
1.3
1.4
V
REMOTE CONTROL ON FB PIN
The Voltage Above which the Part Enters the
On Mode
VCC > VCC(off), VHV = 60 V
VON
2.2
V
The Voltage Below which the Part Enters the
Off Mode
VCC > VCC(off)
VOFF
0.5
0.6
0.7
V
Minimum Hysteresis Between the VON and
VOFF
VCC > VCC(off), VHV = 60 V
VHYST
500
mV
Pull−up Current in Off Mode
VCC > VCC(off)
IOFF
5
mA
5. VCC(off) < VCC(min) with the minimum gap 0.5 V.
6. Internal supply current only, currents sourced via FB pin is not included (current is flowing in GND pin only).
7. Guaranteed by design.
8. CS pin source current is a sum of Ibias and IOPC, thus at VHV = 125 V is observed the Ibias only, because IOPC is switched off.


Similar Part No. - NCP1240AD100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 47P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2022 - Rev. 8
NCP12400AAAAA0 ONSEMI-NCP12400AAAAA0 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP12400AAAAA1 ONSEMI-NCP12400AAAAA1 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP12400AAAAA2 ONSEMI-NCP12400AAAAA2 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
More results

Similar Description - NCP1240AD100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1236 ONSEMI-NCP1236_16 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2016 ??Rev. 5
NCP1246 ONSEMI-NCP1246_15 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller
March, 2015 ??Rev. 6
SCY99194 ONSEMI-SCY99194 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
NCP1235 ONSEMI-NCP1235 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2015 ??Rev. P0
NCP1244 ONSEMI-NCP1244 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
July, 2014 ??Rev. 1
NCP1248 ONSEMI-NCP1248 Datasheet
1Mb / 36P
   Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
logo
Estek Electronics Co. L...
KA3842 ESTEK-KA3842 Datasheet
321Kb / 7P
   fixed frequency current mode PWM controller
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Integral Corp.
IL3842 INTEGRAL-IL3842 Datasheet
204Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
IK Semicon Co., Ltd
IL3843 IKSEMICON-IL3843_11 Datasheet
141Kb / 5P
   Fixed Frequency Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com