Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1248AD100R2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1248AD100R2G
Description  Fixed Frequency Current Mode Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1248AD100R2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1248AD100R2G Datasheet HTML 3Page - ON Semiconductor NCP1248AD100R2G Datasheet HTML 4Page - ON Semiconductor NCP1248AD100R2G Datasheet HTML 5Page - ON Semiconductor NCP1248AD100R2G Datasheet HTML 6Page - ON Semiconductor NCP1248AD100R2G Datasheet HTML 7Page - ON Semiconductor NCP1248AD100R2G Datasheet HTML 8Page - ON Semiconductor NCP1248AD100R2G Datasheet HTML 9Page - ON Semiconductor NCP1248AD100R2G Datasheet HTML 10Page - ON Semiconductor NCP1248AD100R2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
NCP1248
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VHV = 125 V,
VCC = 11 V unless otherwise noted)
Characteristics
Unit
Max
Typ
Min
Symbol
Test Condition
FEEDBACK
VFB to internal current setpoint division ratio
KFB
4.7
5
5.3
Internal pull−up voltage on the FB pin
VFB(ref)
4.5
5
5.5
V
SKIP CYCLE MODE
Feedback voltage thresholds for skip mode
VFB going down
VFB going up
Vskip(in)
Vskip(out)
0.45
0.54
0.50
0.60
0.55
0.66
V
REMOTE CONTROL ON FB PIN
The voltage above which the part enters the
on mode
VCC > VCC(off), VHV = 60 V
VON
2.2
V
The voltage below which the part enters the
off mode
VCC > VCC(off)
VOFF
0.35
0.40
0.45
V
Minimum hysteresis between the VON and
VOFF
VCC > VCC(off), VHV = 60 V
VHYST
500
mV
Pull−up current in off mode
VCC > VCC(off)
IOFF
5
mA
Go To Off mode timer
VCC > VCC(off)
tGTOM
400
550
700
ms
OVERLOAD PROTECTION
Fault timer duration
tfault
108
128
178
ms
OVERPOWER PROTECTION
VHV to IOPC conversion ratio
KOPC
0.54
mA / V
Current flowing out of CS pin (Note 7)
VHV = 125 V
VHV = 162 V
VHV = 325 V
VHV = 365 V
IOPC(125)
IOPC(162)
IOPC(325)
IOPC(365)
105
0
20
110
130
150
mA
FB voltage above which IOPC is applied
VHV = 365 V
VFB(OPCF)
2.12
2.35
2.58
V
FB voltage below which is no IOPC applied
VHV = 365 V
VFB(OPCE)
2.15
V
LATCH−OFF INPUT
High threshold
VLatch going up
VOVP
2.35
2.5
2.65
V
Low threshold
VLatch going down
VOTP
0.76
0.8
0.84
V
Current source for direct NTC connection
During normal operation
During soft−start
VLatch = 0 V
INTC
INTC(SSTART)
65
130
95
190
105
210
mA
Blanking duration on high latch detection
tLatch(OVP)
20
35
50
ms
Blanking duration on low latch detection
tLatch(OTP)
350
ms
Clamping voltage
ILatch = 0 mA
ILatch = 1 mA
Vclamp0(Latch)
Vclamp1(Latch)
1.0
1.8
1.2
2.4
1.4
3.0
V
TEMPERATURE SHUTDOWN
Temperature shutdown
TJ going up
TTSD
150
°C
Temperature shutdown hysteresis
TJ going down
TTSD(HYS)
30
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Internal supply current only, currents sourced via FB pin is not included (current is flowing in GND pin only).
6. Guaranteed by design.
7. CS pin source current is a sum of Ibias and IOPC, thus at VHV = 125 V is observed the Ibias only, because IOPC is switched off.


Similar Part No. - NCP1248AD100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1240 ONSEMI-NCP1240 Datasheet
1Mb / 45P
   Fixed Frequency Current Mode Controller
July, 2015 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 47P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2022 - Rev. 8
NCP12400AAAAA0 ONSEMI-NCP12400AAAAA0 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP12400AAAAA1 ONSEMI-NCP12400AAAAA1 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
More results

Similar Description - NCP1248AD100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1236 ONSEMI-NCP1236_16 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2016 ??Rev. 5
NCP1240 ONSEMI-NCP1240 Datasheet
1Mb / 45P
   Fixed Frequency Current Mode Controller
July, 2015 ??Rev. 1
NCP1246 ONSEMI-NCP1246_15 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller
March, 2015 ??Rev. 6
SCY99194 ONSEMI-SCY99194 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
NCP1235 ONSEMI-NCP1235 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2015 ??Rev. P0
NCP1244 ONSEMI-NCP1244 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
July, 2014 ??Rev. 1
logo
Estek Electronics Co. L...
KA3842 ESTEK-KA3842 Datasheet
321Kb / 7P
   fixed frequency current mode PWM controller
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Integral Corp.
IL3842 INTEGRAL-IL3842 Datasheet
204Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
IK Semicon Co., Ltd
IL3843 IKSEMICON-IL3843_11 Datasheet
141Kb / 5P
   Fixed Frequency Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com