Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1850FCCT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1850FCCT1G
Description  Fully Integrated Li-Ion Switching Battery Charger
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1850FCCT1G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1850FCCT1G Datasheet HTML 1Page - ON Semiconductor NCP1850FCCT1G Datasheet HTML 2Page - ON Semiconductor NCP1850FCCT1G Datasheet HTML 3Page - ON Semiconductor NCP1850FCCT1G Datasheet HTML 4Page - ON Semiconductor NCP1850FCCT1G Datasheet HTML 5Page - ON Semiconductor NCP1850FCCT1G Datasheet HTML 6Page - ON Semiconductor NCP1850FCCT1G Datasheet HTML 7Page - ON Semiconductor NCP1850FCCT1G Datasheet HTML 8Page - ON Semiconductor NCP1850FCCT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
NCP1850
http://onsemi.com
5
Table 4. ELECTRICAL CHARACTERISTICS
Min & Max Limits apply for TA between −40°C to +85°C and TJ up to + 125°C for VIN between 3.6 V to 7 V (Unless otherwise noted).
Typical values are referenced to TA = + 25°C and VIN = 5 V (Unless otherwise noted).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
INPUT VOLTAGE
VINDET
Valid input detection threshold
VIN rising
3.55
3.6
3.65
V
VIN falling
2.95
3.0
3.05
V
VBUSUV
USB under voltage detection
VIN falling
4.3
4.4
4.5
V
Hysteresis
50
100
150
mV
VBUSOV
USB over voltage detection
VIN rising
5.55
5.65
5.75
V
Hysteresis
25
75
125
mV
VINOV
VINOV
Valid input high threshold
VIN rising
7.1
7.2
7.3
V
Hysteresis
200
300
400
mV
INPUT CURRENT LIMITING
IINLIM
Input current limit
VIN = 5 V
IINLIM set to
100 mA
70
85
100
mA
IINLIM set to
500 mA
425
460
500
mA
IINLIM set to
900 mA
800
850
900
mA
IINLIM set to
1500 mA
1.4
1.45
1.5
A
INPUT SUPPLY CURRENT
IQ_SW
VBUS supply current
No load, Charger active state
15
mA
IOFF
Charger not active, NTC disable
500
mA
CHARGER DETECTION
VCHGDET
Charger detection threshold
voltage
VIN – VSENSN, VIN rising
50
200
mV
VIN – VSENSN, VIN falling
10
50
REVERVE BLOCKING CURRENT
ILEAK
VBAT leakage current
Battery leakage, VBAT = 4.2 V VIN = 0 V,
SDA = SCL = 0 V
5
7
mA
RRBFET
Input RBFET On resistance
(Q1)
Charger active state, Measured between
IN and CAP,VIN = 5 V
45
90
mW
BATTERY AND SYSTEM VOLTAGE REGULATION
VCHG
Output voltage range
Programmable by I2C
3.3
4.5
V
Default value
3.6
Voltage regulation accuracy
Constant voltage mode, TA = 25°C
−0.5
0.5
%
−1
1
I2C Programmable granularity
25
mV
BATTERY VOLTAGE THRESHOLD
VSAFE
Safe charge threshold voltage
VBAT rising
2.1
2.15
2.2
V
VPRE
Conditioning charge threshold
voltage
VFET = 3.1 V and 3.2 V
2.95
3
3.05
V
VFET = 3.3 V, 3.4 V, 3.5 V and 3.6 V
3.15
3.2
3.25
9. Minimum transition time from states to states.


Similar Part No. - NCP1850FCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1851 ONSEMI-NCP1851 Datasheet
556Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 6
NCP1851A ONSEMI-NCP1851A Datasheet
556Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 6
NCP1851AFCCT1G ONSEMI-NCP1851AFCCT1G Datasheet
556Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 6
NCP1851FCCT1G ONSEMI-NCP1851FCCT1G Datasheet
124Kb / 2P
   Smallest 1.6A High Innovation Switching Battery Charger
NCP1851FCCT1G ONSEMI-NCP1851FCCT1G Datasheet
556Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 6
More results

Similar Description - NCP1850FCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1851 ONSEMI-NCP1851 Datasheet
556Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 6
NCP1854 ONSEMI-NCP1854 Datasheet
622Kb / 27P
   Fully Integrated Li-Ion Switching Battery Charger
September, 2014 ??Rev. 4
NCP1855 ONSEMI-NCP1855 Datasheet
341Kb / 26P
   Fully Integrated Li-Ion Switching Battery Charger
August, 2014 ??Rev. P1
NCP1852 ONSEMI-NCP1852 Datasheet
497Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 5
logo
ACE Technology Co., LTD...
ACE4054 ACE-ACE4054 Datasheet
252Kb / 15P
   Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.2
ACE4054 ACE-ACE4054_12 Datasheet
1,000Kb / 18P
   Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.4
ACE4703 ACE-ACE4703 Datasheet
871Kb / 15P
   Fully 5A, 3cell Standalone Li-ion Battery Charger
VER 1.2
ACE4704 ACE-ACE4704 Datasheet
889Kb / 15P
   Fully 5A, 4cell Standalone Li-ion Battery Charger
VER 1.2
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com