Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1851AFCCT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1851AFCCT1G
Description  Fully Integrated Li-Ion Switching Battery Charger
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1851AFCCT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1851AFCCT1G Datasheet HTML 1Page - ON Semiconductor NCP1851AFCCT1G Datasheet HTML 2Page - ON Semiconductor NCP1851AFCCT1G Datasheet HTML 3Page - ON Semiconductor NCP1851AFCCT1G Datasheet HTML 4Page - ON Semiconductor NCP1851AFCCT1G Datasheet HTML 5Page - ON Semiconductor NCP1851AFCCT1G Datasheet HTML 6Page - ON Semiconductor NCP1851AFCCT1G Datasheet HTML 7Page - ON Semiconductor NCP1851AFCCT1G Datasheet HTML 8Page - ON Semiconductor NCP1851AFCCT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
© Semiconductor Components Industries, LLC, 2013
March, 2013 − Rev. 6
1
Publication Order Number:
NCP1851/D
NCP1851, NCP1851A
Fully Integrated Li-Ion
Switching Battery Charger
with Power Path
Management and USB
On-The-Go Support
The NCP1851 is a fully programmable single cell Lithium−ion
switching battery charger optimized for charging from a USB
compliant input supply and AC adaptor power source. The device
integrates a synchronous PWM controller, power MOSFETs, and the
entire charge cycle monitoring including safety features under
software supervision. An optional battery FET can be placed between
the system and the battery in order to isolate and supply the system.
The NCP1851 junction temperature and battery temperature are
monitored during charge cycle, and both current and voltage can be
modified accordingly through I2C setting. The charger activity and
status are reported through a dedicated pin to the system. The input pin
is protected against overvoltages.
The NCP1851 also provides USB OTG support by boosting the
battery voltage as well as providing overvoltage protected power
supply for USB transceiver.
Features
1.6 A Buck Converter with Integrated Pass Devices
Input Current Limiting to Comply to USB Standard
Automatic Charge Current for AC Adaptor Charging
High Accuracy Voltage and Current Regulation
Input Overvoltage Protection up to +28 V
Factory Mode
500 mA Boosted Supply for USB OTG Peripherals
Reverse Leakage Protection Prevents Battery Discharge
Protected USB Transceiver Supply Switch
Dynamic Power Path with Optional Battery FET
Battery Temperature Sensing for Safe Operation (JEITA)
Silicon Temperature Supervision for Optimized Charge Cycle
Safety Timers
Flag Output for Charge Status and Interrupts
I2C Control Bus up to 3.4 MHz
Small Footprint 2.2 x 2.55 mm CSP Package
These Devices are Pb−Free and are RoHS Compliant
Applications
Smart Phone
Handheld Devices
Tablets
PDAs
MARKING
DIAGRAM
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 30 of this data sheet.
ORDERING INFORMATION
25 BUMP
FLIP−CHIP
CASE 499BN
XXXX = Specific Device Code
A
= Assembly Location
Y
= Year
WW = Work Week
G or G = Pb−Free Package
XXXX
AYWW
G
*Pb−Free indicator, “G” or microdot “ G”,
may or may not be present.


Similar Part No. - NCP1851AFCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1851FCCT1G ONSEMI-NCP1851FCCT1G Datasheet
124Kb / 2P
   Smallest 1.6A High Innovation Switching Battery Charger
More results

Similar Description - NCP1851AFCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1850 ONSEMI-NCP1850 Datasheet
269Kb / 30P
   Fully Integrated Li-Ion Switching Battery Charger
May, 2013 ??Rev. 1
NCP1854 ONSEMI-NCP1854 Datasheet
622Kb / 27P
   Fully Integrated Li-Ion Switching Battery Charger
September, 2014 ??Rev. 4
NCP1855 ONSEMI-NCP1855 Datasheet
341Kb / 26P
   Fully Integrated Li-Ion Switching Battery Charger
August, 2014 ??Rev. P1
NCP1852 ONSEMI-NCP1852 Datasheet
497Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 5
logo
ACE Technology Co., LTD...
ACE4054 ACE-ACE4054 Datasheet
252Kb / 15P
   Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.2
ACE4054 ACE-ACE4054_12 Datasheet
1,000Kb / 18P
   Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.4
ACE4703 ACE-ACE4703 Datasheet
871Kb / 15P
   Fully 5A, 3cell Standalone Li-ion Battery Charger
VER 1.2
ACE4704 ACE-ACE4704 Datasheet
889Kb / 15P
   Fully 5A, 4cell Standalone Li-ion Battery Charger
VER 1.2
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com