Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5006AHCS Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5006AHCS
Description  Crystal Oscillator Module ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5006AHCS Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5006AHCS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SM5006 series
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Crystal Oscillator Module ICs
OVERVIEW
The SM5006 series are crystal oscillator module ICs, that incorporate high-frequency, low current consump-
tion oscillator and output buffer circuits. Highly accurate thin-film feedback resistors and high-frequency
capacitors are built-in, eliminating the need for external components to make a stable 3rd-harmonic oscillator.
FEATURES
I
Up to 107 MHz operation
I
Capacitors CG, CD built-in
I
Inverter amplifier feedback resistor built-in
I
TTL input level
I
16 mA (VDD = 4.5 V) drive capability
I
4 mA (VDD = 4.5 V) drive capability (5006AH×)
I
Output three-state function
I
2.7 to 5.5 V supply voltage
I
Oscillator frequency output
I
8-pin SOP (SM5006
×××S)
I
Chip form (CF5006
×××)
SERIES CONFIGURATION
Note: Recommended operating frequency is not the guaranteed value but is measured using NPC’s standard crystal.
V ersion*1
*1. Chip form d evices have designation CF5006
×××.
gm
ratio
3V operating
5V operating
Built-in
capacitance
R f
[k
Ω]
Input
level
Output
duty
level
Output
load
(max)
[pF]
Recommended
operating
frequency
rang e [MHz]
Output
load
(max)
[pF]
Recommended
operating
frequency
rang e [MHz]
Output
w a vefo r m *2
tr /tf [ns]
*2. 5006
×N ×: CL = 50pF, CMOS load
5006
×K ×: CL = 15pF, 10TTL load
5006AH
×: CL = 15pF, CMOS load
C G
[pF]
C D
[pF]
SM5006ANAS
0.5
−−
5 0
22 to 30
8/8
8
1 6
8.2
T T L
CMOS
SM5006ANBS
1
−−
5 0
30 to 40
8/8
8
1 6
5.6
T T L
CMOS
SM5006ANCS
2
1 5
22 to 30
5 0
40 to 60
7/7
8
1 6
4.9
T T L
CMOS
SM5006ANDS
2
1 5
30 to 50
5 0
50 to 70
7/7
8
1 6
2.6
T T L
CMOS
SM5006ANES
3
1 5
50 to 70
30
70 to 100
6/6
8
1 6
2.6
T T L
CMOS
(15)*3
*3. SOP package only
SM5006ANFS
4
−−
30
80 to 107
6/6
8
1 6
2.6
T T L
CMOS
(15)*3
SM5006CNCS
2
1 5
22 to 30
1 5
40 to 60
8/8
8
1 6
4.9
T T L
CMOS
5 0
40 to 50
SM5006CNDS
2
1 5
30 to 40
1 5
50 to 70
8/8
8
1 6
2.6
T T L
CMOS
SM5006CNES
3
1 5
50 to 70
1 5
70 to 100
7/7
8
1 6
2.6
T T L
CMOS
SM5006BNCS
2
1 5
22 to 70
1 5
22 to 100
7/7
8
1 6
N o
T T L
CMOS
5 0
22 to 70
SM5006BNES
3
1 5
22 to 70
30
70 to 107
6/6
8
1 6
N o
T T L
CMOS
(15)*3
SM5006DNCS
2
1 5
22 to 40
1 5
22 to 70
8/8
8
1 6
N o
T T L
CMOS
5 0
22 to 50
SM5006DNES
3
1 5
22 to 70
1 5
22 to 100
7/7
8
1 6
N o
T T L
CMOS
5 0
22 to 70
SM5006AKAS
0.5
−−
1 5
22 to 30
4/4
8
1 6
8.2
T T L
T T L
SM5006AKBS
1
−−
1 5
30 to 40
4/4
8
1 6
5.6
T T L
T T L
SM5006AKCS
2
−−
1 5
40 to 60
4/4
8
1 6
4.9
T T L
T T L
SM5006AKDS
2
−−
1 5
50 to 70
4/4
8
1 6
2.6
T T L
T T L
SM5006CKDS
2
−−
1 5
50 to 70
4/4
8
1 6
2.6
T T L
T T L
SM5006BKCS
2
−−
1 5
22 to 70
4/4
8
1 6
N o
T T L
T T L
SM5006DKCS
2
−−
1 5
22 to 70
4/4
8
1 6
N o
T T L
T T L
SM5006AHAS
0.5
−−
1 5
22 to 30
7/7
8
1 6
8.2
T T L
CMOS
SM5006AHBS
1
−−
1 5
30 to 40
7/7
8
1 6
5.6
T T L
CMOS
SM5006AHCS
2
−−
1 5
40 to 60
7/7
8
1 6
4.9
T T L
CMOS
SM5006AHDS
2
−−
1 5
50 to 70
7/7
8
1 6
2.6
T T L
CMOS


Similar Part No. - SM5006AHCS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006AHCS NPC-SM5006AHCS Datasheet
129Kb / 19P
   Crystal Oscillator Module ICs
More results

Similar Description - SM5006AHCS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com