Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG7912L Datasheet(PDF) 5 Page - Micro Electronics

Part # SG7912L
Description  NEGATIVE FIXED VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

SG7912L Datasheet(HTML) 5 Page - Micro Electronics

  SG7912L Datasheet HTML 1Page - Micro Electronics SG7912L Datasheet HTML 2Page - Micro Electronics SG7912L Datasheet HTML 3Page - Micro Electronics SG7912L Datasheet HTML 4Page - Micro Electronics SG7912L Datasheet HTML 5Page - Micro Electronics SG7912L Datasheet HTML 6Page - Micro Electronics SG7912L Datasheet HTML 7Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SG7900A/SG7900 SERIES
05/01 Rev 1.5
LINFINITY Microelectronics Inc.
Copyright
 1999
11861 Western Avenue ∞
∞ Garden Grove, CA 92841
5
(714) 898-8121 ∞
∞FAX: (714) 893-2570
-12V NEGATIVE REGULATOR
ELECTRICAL SPECIFICATIONS (Note 1)
(Unless otherwise specified, these specifications apply over the operating ambient temperatures for SG7912A/SG7912 with -55
°C ≤ T
A ≤ 150°C,
V
IN = -19V, IO = 500mA for the K and IG -Power Packages-, IO = 100mA for the T and L packages, CIN = 2µF, and COUT = 1.0µF. Low duty cycle pulse
testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.)
SG7912A/SG7912
Units
SG7912
Min.
Typ. Max.
Min.
Typ. Max.
SG7912A
Test Conditions
Parameter
T
J = 25°C
V
IN = -14.5V to -30V, TJ = 25°C
V
IN = -16V to -22V, TJ = 25°C
Power Pkgs: I
O = 5mA to 1.5A, TJ = 25°C
I
O = 250mA to 750mA, TJ = 25°C
T - Pkg: I
O = 5mA to 500mA, TJ = 25°C
V
IN = -14.5V to -27V
Power Pkgs: I
O = 5mA to 1.0A, P ≤ 20W
T - Pkg: I
O = 5mA to 500mA, P ≤ 2W
Over Temperature Range
T
J = 25°C
with Line: V
IN = -14.5V to -30V
with Load: I
O = 5mA to 1.0A (Power Packages)
I
O = 5mA to 500mA (T)
∆V
O = 100mV, TJ = 25°C
Power Pkgs: I
O = 1.0A, T - Pkg: IO = 500mA
Power Pkgs: T
J = 25°C
T - Pkg: T
J = 25°C
Power Pkgs: V
IN = -35V, TJ = 25°C
T - Pkg: V
IN = -35V, TJ = 25°C
∆V
IN = 10V, f = 120Hz, TJ = 25°C
f = 10Hz to 100KHz (Note 2)
1000hrs. at T
J = 125°C
I
O = 5mA
Output Voltage
Line Regulation (Note 1)
Load Regulation (Note 1)
Total Output Voltage
Tolerance
Quiescent Current
Quiescent Current Change
Dropout Voltage
Peak Output Current
Short Circuit Current
Ripple Rejection
Output Noise Voltage (rms)
Long Term Stability
Thermal Shutdown
-11.8
-11.7
-11.7
1.5
0.5
54
-12.0
4
3
20
10
10
-12.0
-12.0
1.1
25
60
175
-12.2
60
30
90
40
40
-12.3
-12.3
4
3
1.0
0.5
0.5
2.3
3.3
1.4
1.2
0.6
80
-12.0
10
3
12
4
10
-12.0
-12.0
1.1
25
60
175
-12.5
120
60
120
60
240
-12.6
-12.6
4
3
1.0
0.5
0.5
2.3
3.3
1.4
0.2
0.6
80
-11.5
-11.4
-11.4
1.5
0.5
54
V
mV
mV
mV
mV
mV
V
V
mA
mA
mA
mA
mA
V
A
A
A
A
dB
µV/V
mV
°C
Note 1. All regulation tests are made at constant junction temperature with low duty cycle testing.
2. This test is guaranteed but is not tested in production.


Similar Part No. - SG7912L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG7912AG-DESC MICROSEMI-SG7912AG-DESC Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG7912AG/DESC MICROSEMI-SG7912AG/DESC Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
SG7912AGDESC MICROSEMI-SG7912AGDESC Datasheet
405Kb / 9P
   Negative Fixed Voltage Regulator
SG7912AIG-DESC MICROSEMI-SG7912AIG-DESC Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG7912AIG/DESC MICROSEMI-SG7912AIG/DESC Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
More results

Similar Description - SG7912L

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXPI AUK-S79XXPI Datasheet
270Kb / 8P
   Fixed-Negative-Voltage Regulator
S79XXPIC AUK-S79XXPIC_1 Datasheet
301Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG79XXA MICROSEMI-SG79XXA Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG120 MICROSEMI-SG120 Datasheet
167Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC Datasheet
271Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7912AR MICROSEMI-SG7912AR Datasheet
405Kb / 9P
   Negative Fixed Voltage Regulator
logo
AUK corp
S79XXPI AUK-S79XXPI_1 Datasheet
302Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7900A MICROSEMI-SG7900A Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120 MICROSEMI-SG120_1 Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG79XXA MICROSEMI-SG79XXA_10 Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com