Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5006AHDS Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM5006AHDS
Description  Crystal Oscillator Module ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5006AHDS Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5006AHDS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5006AHDS Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SM5006 series
NIPPON PRECISION CIRCUITS—6
CF5006 series (chip form)
VSS = 0 V
P arameter
Symbol
Series
Condition
Rating
Unit
min
typ
m a x
Supply voltage
V DD
ANA, ANB , C N C,
C N D , DNC
f
≤ 50MHz, CL = 50pF
4.5
5.5
V
f
≤ 70MHz, CL = 15pF
4.5
5.5
f
≤ 40MHz, CL = 15pF
2.7
3.6
A N C , AND, BNC,
CNE, DNE
f
≤ 70MHz, CL = 50pF
4.5
5.5
V
f
≤ 100MHz, CL = 15pF
4.5
5.5
f
≤ 50MHz, CL = 15pF
2.7
3.6
f
≤ 70MHz, CL = 15pF
3.0
3.6
ANE, ANF, BNE
f
≤ 70MHz, CL = 50pF
4.5
5.5
V
f
≤ 107MHz, CL = 30pF
4.5
5.5
f
≤ 50MHz, CL = 15pF
2.7
3.6
f
≤ 70MHz, CL = 15pF
3.0
3.6
AKA, AKB, AKC,
C K D, DKC
f
≤ 70MHz, CL = 15pF
4.5
5.5
V
A K D, BKC
f
≤ 70MHz, CL = 15pF
4.5
5.5
V
AHA, AHB , AHC,
AHD
f
≤ 70MHz, CL = 15pF
4.5
5.5
V
Input voltage
V IN
All series
V SS
–V DD
V
O p e rating temperature
TOPR
ANA, ANB , C N C,
C N D , DNC
f
≤ 50MHz, CL = 50pF, 4.5 ≤ VDD ≤ 5.5
− 40
+ 85
°C
f
≤ 70MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5
− 15
+ 75
f
≤ 40MHz, CL = 15pF, 2.7 ≤ VDD ≤ 3.6
− 10
+ 70
A N C , AND, BNC,
CNE, DNE
f
≤ 70MHz, CL = 50pF, 4.5 ≤ VDD ≤ 5.5
− 40
+ 85
°C
f
≤ 100MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5
− 20
+ 80
f
≤ 50MHz, CL = 15pF, 2.7 ≤ VDD ≤ 3.6
− 20
+ 80
f
≤ 70MHz, CL = 15pF, 3.0 ≤ VDD ≤ 3.6
− 20
+ 80
ANE, ANF, BNE
f
≤ 70MHz, CL = 50pF, 4.5 ≤ VDD ≤ 5.5
− 40
+ 85
°C
f
≤ 100MHz, CL = 30pF, 4.5 ≤ VDD ≤ 5.5
− 40
+ 85
f
≤ 107MHz, CL = 30pF, 4.5 ≤ VDD ≤ 5.5
− 20
+ 80
f
≤ 50MHz, CL = 15pF, 2.7 ≤ VDD ≤ 3.6
− 20
+ 80
f
≤ 70MHz, CL = 15pF, 3.0 ≤ VDD ≤ 3.6
− 20
+ 80
AKA, AKB, AKC,
C K D, DKC
f
≤ 50MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5
− 40
+ 85
°C
f
≤ 70MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5
− 15
+ 75
A K D, BKC
f
≤ 50MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5
− 40
+ 85
°C
f
≤ 70MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5
− 20
+ 80
AHA, AHB , AHC,
AHD
f
≤ 50MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5
− 40
+ 85
°C
f
≤ 70MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5
− 20
+ 80


Similar Part No. - SM5006AHDS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006AHDS NPC-SM5006AHDS Datasheet
129Kb / 19P
   Crystal Oscillator Module ICs
More results

Similar Description - SM5006AHDS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com