Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL030-H03-GP014 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BL030-H03-GP014
Description  42mm Brushless DC Gearmotor, 30W, 14:1 ratio
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BL030-H03-GP014 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BL030-H03-GP014 Datasheet HTML 1Page - List of Unclassifed Manufacturers BL030-H03-GP014 Datasheet HTML 2Page - List of Unclassifed Manufacturers BL030-H03-GP014 Datasheet HTML 3Page - List of Unclassifed Manufacturers BL030-H03-GP014 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part Number:
BL030-H03-GP014
Rated Torque:
5.92 in-lb
Peak Torque:
11.8 in-lb
Rated Power:
30 watts
Rated Voltage:
24 volts
Rated Speed:
328 rpm
Peak Speed:
328 rpm
Rated Current:
1.75 A rms
Peak Current:
3.5 A rms
Torque Constant:
0.33 in-lb/A
Voltage Constant:
2.65 V/krpm
Armature Resistance:
1.03 ohms
Armature Inductance:
0.9 mH
Motor Length:
4.93 inch
Rotor Inertia:
0.00055 oz-in-sec
Integral Gearhead:
Yes
Gearhead Ratio:
13.73:1
Gearhead Continuous Torque:
0.67 oz-in
Gearhead Peak Torque:
1.33 oz-in
Gearhead Efficiency:
75%
Weight:
1.8 lbs
Integral Holding Brake:
No
Storage Temperature:
-20 to 60 °C
Operating Temperature:
0 to 50 °C
Insulation Class:
E
Maximum Radial Load:
52 lbs
Maximum Thrust Load:
18 lbs
Specifications
2


Similar Part No. - BL030-H03-GP014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL030-H03-GP019 ETC2-BL030-H03-GP019 Datasheet
151Kb / 4P
   42mm Brushless DC Gearmotor, 30W, 19:1 ratio
More results

Similar Description - BL030-H03-GP014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL030-H03-GP051 ETC2-BL030-H03-GP051 Datasheet
164Kb / 4P
   42mm Brushless DC Gearmotor, 30W, 51:1 ratio
BL030-H03-GP029 ETC2-BL030-H03-GP029 Datasheet
149Kb / 4P
   42mm Brushless DC Gearmotor, 30W, 29:1 ratio
BL030-H03-GP100 ETC2-BL030-H03-GP100 Datasheet
164Kb / 4P
   42mm Brushless DC Gearmotor, 30W, 100:1 ratio
BL030-H03-GP005 ETC2-BL030-H03-GP005 Datasheet
167Kb / 4P
   42mm Brushless DC Gearmotor, 30W, 5:1 ratio
BL030-H03-GP019 ETC2-BL030-H03-GP019 Datasheet
151Kb / 4P
   42mm Brushless DC Gearmotor, 30W, 19:1 ratio
BL090-H03-GP014 ETC2-BL090-H03-GP014 Datasheet
168Kb / 4P
   42mm Brushless DC Gearmotor, 90W, 14:1 ratio
BL060-H03-GP014 ETC2-BL060-H03-GP014 Datasheet
175Kb / 4P
   42mm Brushless DC Gearmotor, 60W, 14:1 ratio
BL060-H03-GP005 ETC2-BL060-H03-GP005 Datasheet
161Kb / 4P
   42mm Brushless DC Gearmotor, 60W, 5:1 ratio
BL060-H03-GP051 ETC2-BL060-H03-GP051 Datasheet
173Kb / 4P
   42mm Brushless DC Gearmotor, 60W, 51:1 ratio
BL090-H03-GP005 ETC2-BL090-H03-GP005 Datasheet
168Kb / 4P
   42mm Brushless DC Gearmotor, 90W, 5:1 ratio
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com