Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81234 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP81234
Description  Dual-Channel/Two-Phase Controller for DrMOS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81234 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP81234 Datasheet HTML 1Page - ON Semiconductor NCP81234 Datasheet HTML 2Page - ON Semiconductor NCP81234 Datasheet HTML 3Page - ON Semiconductor NCP81234 Datasheet HTML 4Page - ON Semiconductor NCP81234 Datasheet HTML 5Page - ON Semiconductor NCP81234 Datasheet HTML 6Page - ON Semiconductor NCP81234 Datasheet HTML 7Page - ON Semiconductor NCP81234 Datasheet HTML 8Page - ON Semiconductor NCP81234 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© Semiconductor Components Industries, LLC, 2015
November, 2015 − Rev. 0
1
Publication Order Number:
NCP81234/D
NCP81234
Dual-Channel/Two-Phase
Controller for DrMOS
The NCP81234, a dual−channel/two−phase synchronous buck
controller, provides flexible power management solutions for
applications supported by DrMOS. Operating in high switching
frequency up to 1.2 MHz allows employing small size inductor and
capacitors.
Features
Single Vin = 4.5 ~ 20 V with Input Feedforward
Integrated 5.35 V LDO
Vout = 0.6 V ~ 5.3 V
Fsw = 200 k ~ 1.2 MHz
PWM Output Compatible to 3.3 V and 5 V DrMOS
Dual−Channel or Two−Phase Operation
DDR Power Mode Option
Interleaved Operation
Differential Current Sense Compatible for both Inductor DCR Sense
and DrMOS Iout
2 Independent Enables with Programmable Input UVLO
Programmable DrMOS Power Ready Detection (DRVON)
2 Power Good Indicators
Comprehensive Fault Indicator
Externally Programmable Soft Start and Delay Time
Programmable Hiccup Over Current Protection
Hiccup Under Voltage Protection
Recoverable Over Voltage Protection
Hiccup Over Temperature Protection
Thermal Shutdown Protection
QFN−28, 5x5 mm, 0.5 mm Pitch Package
This is a Pb−Free Device
Typical Applications
Telecom Applications
Server and Storage System
Multiple Rail Systems
DDR Applications
QFN28
MN SUFFIX
CASE 485BQ
Device
Package
Shipping
ORDERING INFORMATION
NCP81234MNTXG
QFN28
(Pb−Free)
5000 /
Tape & Reel
MARKING DIAGRAM
www.onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
XXXXXXXX
XXXXXXXX
AWLYYWW
G
G
1
XXXXX = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
28
1
VIN
5
4
3
2
1
EN1
EN2
PGOOD1
7
6 PGOOD2
GND
29
ISP1
17
18
19
20
21
ISP2
ISN1
PWM2
ISN2
15
16
FB2
12
11
10
9
8
14
13
COMP2
24
23
22
28
27
26
25
DRVON
FAULT
PINOUT
(Top View)


Similar Part No. - NCP81234

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81230H ONSEMI-NCP81230H Datasheet
109Kb / 12P
   Precise Low Voltage Synchronous Buck Controller
September, 2014 ??Rev. P1
NCP81230HMNTWG ONSEMI-NCP81230HMNTWG Datasheet
109Kb / 12P
   Precise Low Voltage Synchronous Buck Controller
September, 2014 ??Rev. P1
NCP81231 ONSEMI-NCP81231 Datasheet
195Kb / 21P
   High Resolution Buck Controller
December, 2017 ??Rev. 1
NCP81231MNTXG ONSEMI-NCP81231MNTXG Datasheet
195Kb / 21P
   High Resolution Buck Controller
December, 2017 ??Rev. 1
NCP81232 ONSEMI-NCP81232 Datasheet
313Kb / 24P
   Dual-Channel/Multi-Phase Controller for DrMOS
June, 2015 ??Rev. 0
More results

Similar Description - NCP81234

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81232 ONSEMI-NCP81232 Datasheet
313Kb / 24P
   Dual-Channel/Multi-Phase Controller for DrMOS
June, 2015 ??Rev. 0
NCP5222 ONSEMI-NCP5222 Datasheet
3Mb / 28P
   High Performance Dual-Channel / Two-Phase Synchronous Buck Controller for Notebook Power System
February, 2010 ??Rev. 0
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
logo
ON Semiconductor
NCP81105 ONSEMI-NCP81105 Datasheet
385Kb / 36P
   DrMOS Supporting 1/2/3 Phase Power Controller
October, 2013 ??Rev. 2
NCP81232 ONSEMI-NCP81232_16 Datasheet
261Kb / 24P
   Dual-Channel/Multi-Phase Controller
September, 2016 ??Rev. 1
logo
Texas Instruments
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com