Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81234MNTXG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP81234MNTXG
Description  Dual-Channel/Two-Phase Controller for DrMOS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81234MNTXG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP81234MNTXG Datasheet HTML 2Page - ON Semiconductor NCP81234MNTXG Datasheet HTML 3Page - ON Semiconductor NCP81234MNTXG Datasheet HTML 4Page - ON Semiconductor NCP81234MNTXG Datasheet HTML 5Page - ON Semiconductor NCP81234MNTXG Datasheet HTML 6Page - ON Semiconductor NCP81234MNTXG Datasheet HTML 7Page - ON Semiconductor NCP81234MNTXG Datasheet HTML 8Page - ON Semiconductor NCP81234MNTXG Datasheet HTML 9Page - ON Semiconductor NCP81234MNTXG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
NCP81234
www.onsemi.com
6
ILMT1
GND
PWM1
NCP81234
ISP1
VIN
PWM2
Dual−Channel
/
Two −Phase
PWM
Control
&
Protections
ISN1
CS1
ISP2
ISN2
CS2
Current Limit
ILMT2
OC1
OC2
CS1
CS2
OTP1
Over
Temperature
Protection
OTP2/REFIN
OT1
OT2
OC1
OC2
OT1
OT2
FB1
FB2
SS
VCC5V
VREF
PGOOD1
DLY 1
FSET
5V LDO
Reference
Programming
Detection
CNFG
DLY 2/DDR
UVLO
&
PGOOD
PGOOD2
EN2
EN1
DRVON
FAULT
FB1
COMP1
FB2
COMP2
0.6V
MUX
REFIN
COMP1
COMP2
Figure 4. Functional Block Diagram


Similar Part No. - NCP81234MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81230H ONSEMI-NCP81230H Datasheet
109Kb / 12P
   Precise Low Voltage Synchronous Buck Controller
September, 2014 ??Rev. P1
NCP81230HMNTWG ONSEMI-NCP81230HMNTWG Datasheet
109Kb / 12P
   Precise Low Voltage Synchronous Buck Controller
September, 2014 ??Rev. P1
NCP81231 ONSEMI-NCP81231 Datasheet
195Kb / 21P
   High Resolution Buck Controller
December, 2017 ??Rev. 1
NCP81231MNTXG ONSEMI-NCP81231MNTXG Datasheet
195Kb / 21P
   High Resolution Buck Controller
December, 2017 ??Rev. 1
NCP81232 ONSEMI-NCP81232 Datasheet
313Kb / 24P
   Dual-Channel/Multi-Phase Controller for DrMOS
June, 2015 ??Rev. 0
More results

Similar Description - NCP81234MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81232 ONSEMI-NCP81232 Datasheet
313Kb / 24P
   Dual-Channel/Multi-Phase Controller for DrMOS
June, 2015 ??Rev. 0
NCP5222 ONSEMI-NCP5222 Datasheet
3Mb / 28P
   High Performance Dual-Channel / Two-Phase Synchronous Buck Controller for Notebook Power System
February, 2010 ??Rev. 0
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
logo
ON Semiconductor
NCP81105 ONSEMI-NCP81105 Datasheet
385Kb / 36P
   DrMOS Supporting 1/2/3 Phase Power Controller
October, 2013 ??Rev. 2
NCP81232 ONSEMI-NCP81232_16 Datasheet
261Kb / 24P
   Dual-Channel/Multi-Phase Controller
September, 2016 ??Rev. 1
logo
Texas Instruments
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com