Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1843A Datasheet(PDF) 5 Page - Microsemi Corporation

Part # UC1843A
Description  CURRENT MODE PWM CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UC1843A Datasheet(HTML) 5 Page - Microsemi Corporation

  UC1843A Datasheet HTML 1Page - Microsemi Corporation UC1843A Datasheet HTML 2Page - Microsemi Corporation UC1843A Datasheet HTML 3Page - Microsemi Corporation UC1843A Datasheet HTML 4Page - Microsemi Corporation UC1843A Datasheet HTML 5Page - Microsemi Corporation UC1843A Datasheet HTML 6Page - Microsemi Corporation UC1843A Datasheet HTML 7Page - Microsemi Corporation UC1843A Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
C URRENT M ODE PWM C ONTROLLER
UC184xA/284xA/384xA
PRODUCT DA T ABOOK 1996/1997
5
Copyright © 1995
Rev. 1.2
12/95
P RODUCTION D AT A S HEET
CHARACTERISTIC CUR VES
FIGURE 1. — OSCILLATOR FREQUENCY vs. TIMING
RESISTOR
300
3.0k
100k
0
100k
R
T - (ohms)
10k
1M
1.0k
10.0k
30.0k
C
T = 1nF
C
T = 2.2nF
C
T = 4.7nF
FIGURE 2. — MAXIMUM DUTY CYCLE vs. TIMING RESISTOR
300
3.0k
100k
0
40.0
R
T - (ohms)
20.0
60.0
1.0k
10.0k
30.0k
80.0
100.0
Note: Output drive frequency is half the oscillator frequency for
the UCx844A/5A devices.
8
4
5
V
REF
R
T/CT
GROUND
R
T
C
T
For R
T > 5k, f »
1.72
R
T CT


Similar Part No. - UC1843A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1843A TI-UC1843A Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
UC1843A TI-UC1843A Datasheet
425Kb / 11P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
UC1843A TI-UC1843A Datasheet
517Kb / 7P
[Old version datasheet]   Current Mode PWM Controller
UC1843A TI1-UC1843A Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
UC1843A TI1-UC1843A Datasheet
1Mb / 45P
[Old version datasheet]   Current-Mode PWM Controller
More results

Similar Description - UC1843A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com