Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPL40-12 Datasheet(PDF) 1 Page - B. B. Battery Co., Ltd.

Part # BPL40-12
Description  VRLA Rechargeable Battery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BB-BATTERY [B. B. Battery Co., Ltd.]
Direct Link  http://www.bb-battery.com
Logo BB-BATTERY - B. B. Battery Co., Ltd.

BPL40-12 Datasheet(HTML) 1 Page - B. B. Battery Co., Ltd.

  BPL40-12_15 Datasheet HTML 1Page - B. B. Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Nominal Voltage
Nominal Capacity
40Ah @ 20 hour rate F.V.(1.75V/cell)
Terminals
8.0m
12 A
oo
o
o
Charge
0 C~40 C(32 F~104 F)
oo
o
o
Discharge
-20 C~50 C(-4 F~122 F)
oo
o
o
Storage.
-20 C~40 C(-4 F~104 F)
Internal Resistance
Length
197±1.5
Width
165±1.5
Container Height
171±1.5
Total Height
OUTER DIMENSIONS
TERMINAL TYPE
12 V
Max. Charge Current
Container Material
DIMENSION(mm/inch)
14.6Kg(32.19lbs.)
All data and artworks shall be changed without prior notice, BB reserves the right to explain and update the information contained hereinto.
VRLA Rechargeable Battery
BPL40-12
Technology
Measures
Innovation
Values
UPS
Lawn Mowers
Wheelchairs
Golf-Carts
Electronic Medical Equipment
171±1.5
B.B. Battery Co., Ltd.
Powered by
REV. Mar. 2013
A/2
APPLICATION
FEATURES
Maintenance free(no water topping-up required).
No free acid(Non-spillable battery).
Low self-discharge rate, lower than 3% capacity
loss per month.
Can be used in any orientation(excluding used inverted).
Absorbent Glass Mat technology for efficient gas recombination.
SPECIFICATIONS
Approx. Weight
B2 (Fitting M5 bolt & nut) , I1 and I2 are optional
Max. Discharge Current
600 A (5 sec.)
(Fully Charged )
Operating Temperature Range
(V/cell)
F.V.
Discharge
Time
5 Min
10 Min
15 Min
30 Min
1 Hr
3 Hr
5 Hr
10 Hr
1303.0
1509.0
1600.0
1674.0
1726.0
979.4
1061.1
1099.4
1125.7
1148.0
793.1
830.3
855.4
875.4
892.6
477.1
495.4
506.3
513.7
518.9
276.6
284.6
289.7
293.7
296.6
116.6
118.9
120.0
121.1
121.7
80.6
81.7
82.3
82.9
82.9
44.91
45.60
45.83
45.94
45.94
20 Hr
23.49
24.00
24.11
24.17
24.17
Unit: W
(V/cell)
F.V.
Discharge
Time
5 Min
10 Min
15 Min
30 Min
1 Hr
3 Hr
5 Hr
10 Hr
117.39
138.44
146.79
153.58
158.35
86.21
93.41
96.78
99.09
101.06
68.97
72.20
74.38
76.12
77.62
23.24
23.92
24.34
24.68
24.92
9.72
9.91
10.00
10.09
10.14
6.72
6.81
6.86
6.91
6.91
3.74
3.80
3.82
3.83
3.83
20 Hr
1.96
2.00
2.01
2.01
2.01
Unit: A
o
o
Constant current discharge characteristics at 25 C/77 F
40.43
41.98
42.91
43.53
43.97
o
o
Constant power discharge characteristics at 25 C/77 F
197 1.5(7.76 0.06)
165 1.5(6.50 0.06)
Terminal Hardware Initial Torque: B2/I1(4.0Nm±5%),I2(5.5Nm±5%)
Terminal B2
[M5 BOLT & NUT]
15.0(0.59)
5.2(0.20)
Terminal I1
[M5 BOLT & NUT]
M5x0.8
Terminal I2
[M6 BOLT]
M6x1.0
(7.76±0.06)
(6.50±0.06)
(6.73±0.06)
(6.73±0.06)
1.80V
1.75V
1.70V
1.65V
1.60V
1.80V
1.75V
1.70V
1.65V
1.60V
IEC 61056-1
JIS C 8702-1
GB/T 19639.1
Standard: ABS( UL 94-HB)
BPL40-12
BPL40-12FR
Optional: Flame Retardant ABS(UL 94-V0)


Similar Part No. - BPL40-12_15

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BPL40-12FR BB-BATTERY-BPL40-12FR Datasheet
227Kb / 1P
   VRLA Rechargeable Battery
More results

Similar Description - BPL40-12_15

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BP10-6 BB-BATTERY-BP10-6 Datasheet
200Kb / 1P
   VRLA Rechargeable Battery
BP10-12 BB-BATTERY-BP10-12 Datasheet
207Kb / 1P
   VRLA Rechargeable Battery
BP17-12 BB-BATTERY-BP17-12 Datasheet
216Kb / 1P
   VRLA Rechargeable Battery
BP26-12 BB-BATTERY-BP26-12 Datasheet
394Kb / 1P
   VRLA Rechargeable Battery
BP45-12 BB-BATTERY-BP45-12 Datasheet
218Kb / 1P
   VRLA Rechargeable Battery
BP55-12RT BB-BATTERY-BP55-12RT Datasheet
269Kb / 1P
   VRLA Rechargeable Battery
BP65-12 BB-BATTERY-BP65-12 Datasheet
219Kb / 1P
   VRLA Rechargeable Battery
BPL12-12 BB-BATTERY-BPL12-12 Datasheet
199Kb / 1P
   VRLA Rechargeable Battery
EB20-12 BB-BATTERY-EB20-12 Datasheet
203Kb / 1P
   VRLA Rechargeable Battery
EP26-12 BB-BATTERY-EP26-12 Datasheet
221Kb / 1P
   VRLA Rechargeable Battery
EP40-12 BB-BATTERY-EP40-12 Datasheet
404Kb / 1P
   VRLA Rechargeable Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com