Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS3I2005AG-08ST Datasheet(PDF) 4 Page - ON Semiconductor

Part # PCS3I2005AG-08ST
Description  General Purpose Peak EMI Reduction IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS3I2005AG-08ST Datasheet(HTML) 4 Page - ON Semiconductor

  PCS3I2005AG-08ST Datasheet HTML 1Page - ON Semiconductor PCS3I2005AG-08ST Datasheet HTML 2Page - ON Semiconductor PCS3I2005AG-08ST Datasheet HTML 3Page - ON Semiconductor PCS3I2005AG-08ST Datasheet HTML 4Page - ON Semiconductor PCS3I2005AG-08ST Datasheet HTML 5Page - ON Semiconductor PCS3I2005AG-08ST Datasheet HTML 6Page - ON Semiconductor PCS3I2005AG-08ST Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PCS3P2005A
http://onsemi.com
4
Table 8. DC ELECTRICAL CHARACTERISTICS FOR VDD = 3.3 V + 0.3 V
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Operating voltage
3
3.3
3.6
V
VIL
Input low voltage
GND – 0.3
0.8
V
VIH
Input high voltage
2.0
VDD + 0.3
V
IIL
Input low current
100
mA
IIH
Input high current
100
mA
VOL
Output low voltage (IOL = 12 mA)
0.4
V
VOH
Output high voltage (IOH = −12 mA)
2.5
V
ICC
Static supply current (CLKIN / XIN pulled to GND)
11
mA
IDD
Dynamic supply current
(Unloaded Output)
FS = 0 (@ 30 MHz)
26
mA
FS = 1 (@ 100 MHz)
32
ZOUT
Output impedance
40
W
Table 9. AC ELECTRICAL CHARACTERISTICS FOR VDD = 3.3 V + 0.3 V
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN / XIN
Input Clock Frequency
FRS = 0
10
30
MHz
FRS = 1
30
100
MODOUT
Output Clock Frequency
FRS = 0
10
30
MHz
FRS = 1
30
100
tLH (Notes 3, 4)
Output Rise time (measured between 20% to 80%)
1.9
2.5
nS
tHL (Notes 3, 4)
Output Fall time (measured between 80% to 20%)
1.5
2
nS
tD (Notes 3, 4)
Output duty cycle
45
50
55
%
tJC (Note 3)
Jitter (cycle−to−cycle) @ FS = 0, 24 MHz & FS = 1, 80 MHz
±250
±350
pS
tON (Notes 3, 4)
PLL lock time
(Stable VDD, valid Clock presented on CLKIN / XIN)
3
mS
3. All parameters are specified with 15 pF loaded output.
4. Parameter is guaranteed by design and characterization. Not 100% tested in production.


Similar Part No. - PCS3I2005AG-08ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3I2189AG-08TR PULSECORE-PCS3I2189AG-08TR Datasheet
295Kb / 7P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3I2189AG-08TR ONSEMI-PCS3I2189AG-08TR Datasheet
115Kb / 6P
   Spread Spectrum Clock Generator
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
PCS3I2189AG-08TT PULSECORE-PCS3I2189AG-08TT Datasheet
295Kb / 7P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3I2189AG-08TT ONSEMI-PCS3I2189AG-08TT Datasheet
115Kb / 6P
   Spread Spectrum Clock Generator
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
PCS3I2191AF-16TR PULSECORE-PCS3I2191AF-16TR Datasheet
360Kb / 8P
   Spread Spectrum Clock Generator
More results

Similar Description - PCS3I2005AG-08ST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P8103A ONSEMI-PCS3P8103A Datasheet
138Kb / 7P
   General Purpose Peak EMI Reduction IC
APRIL 2010 ??Rev. 2
PCS3PS550A ONSEMI-PCS3PS550A Datasheet
126Kb / 7P
   General Purpose Peak EMI Reduction IC
July, 2010 ??Rev. 1
PCS3P8504A ONSEMI-PCS3P8504A_17 Datasheet
77Kb / 6P
   General Purpose Peak EMI Reduction IC
June, 2017 ??Rev. 4
PCS3P7303A ONSEMI-PCS3P7303A Datasheet
188Kb / 10P
   General Purpose Peak EMI Reduction IC
JANUARY 2010 ??Rev. 2
PCS3P8504A ONSEMI-PCS3P8504A Datasheet
159Kb / 6P
   General Purpose Peak EMI Reduction IC
July, 2010 -- Rev. 1
PCS3P7303 ONSEMI-PCS3P7303 Datasheet
188Kb / 10P
   General Purpose Peak EMI Reduction IC
November 2010 ??Rev. 3
PCS3P7303A ONSEMI-PCS3P7303A_14 Datasheet
162Kb / 9P
   General Purpose Peak EMI Reduction IC
October, 2014 ??Rev. 0
PCS3PS550A ONSEMI-PCS3PS550A_15 Datasheet
76Kb / 7P
   General Purpose Peak EMI Reduction IC
September, 2015 ??Rev. 2
P3P8203A ONSEMI-P3P8203A Datasheet
116Kb / 6P
   General Purpose Peak EMI Reduction IC
August, 2012 ??Rev. 0
P3I2005A ONSEMI-P3I2005A Datasheet
117Kb / 6P
   General Purpose Peak EMI Reduction IC
June, 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com