Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE91222 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91222
Description  Precision SMA Male to SMA Female Swept Right Angle Adapter Functional Up to 26.5 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91222 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91222 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91222 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91222 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at +25 °C, sea level
Precision SMA Male to SMA Female Swept Right Angle Adapter Functional Up to 26.5 GHz from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision SMA Male to SMA Female Swept Right Angle Adapter Functional Up to 26.5 GHz
PE91222
URL: http://www.pasternack.com/sma-male-sma-female-swept-right-angle-adapter-pe91222-p.aspx
PE91222
PE91222 REV 1.0
Precision SMA Male to SMA Female Swept
Right Angle Adapter Functional Up to 26.5 GHz


Similar Part No. - PE91222

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9122 PASTERNACK-PE9122 Datasheet
249Kb / 2P
   SMB Jack to SMB Jack Bulkhead Adapter
PE91220 PASTERNACK-PE91220 Datasheet
337Kb / 3P
   Bulkhead 4.1/9.5 Mini DIN Female to N Female Adapter IP67 Mated
PE91225 PASTERNACK-PE91225 Datasheet
617Kb / 3P
   Precision SMA Male to SMA Female Swept Right Angle Adapter Functional Up to 18 GHz
PE91227 PASTERNACK-PE91227 Datasheet
373Kb / 3P
   7 - 16 DIN Male to 7 - 16 DIN Male Adapter IP67 UnMated
PE91228 PASTERNACK-PE91228 Datasheet
377Kb / 3P
   7 - 16 DIN Male to 7 - 16 DIN Female Adapter IP67 UnMated
More results

Similar Description - PE91222

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91225 PASTERNACK-PE91225 Datasheet
617Kb / 3P
   Precision SMA Male to SMA Female Swept Right Angle Adapter Functional Up to 18 GHz
PE9507 PASTERNACK-PE9507 Datasheet
241Kb / 2P
   Precision SMA Female to SMA Female Adapter 26.5 Ghz.
PE9506 PASTERNACK-PE9506 Datasheet
246Kb / 3P
   Precision SMA Male to SMA Female Adapter Max. Freq. 26.5 GHZ.
PE9641 PASTERNACK-PE9641 Datasheet
252Kb / 3P
   Precision SMA Male to SMA Female Radius Right Angle Adapter
PE91152 PASTERNACK-PE91152 Datasheet
372Kb / 3P
   Precision SMA Male to SMA Female Right Angle Adapter Mitered
logo
Linx Technologies
CONSMA010-G LINX-CONSMA010-G Datasheet
302Kb / 2P
   SMA MALE TO SMA FEMALE RIGHT ANGLE ADAPTER
21/JAN/19
logo
Pasternack Enterprises,...
PE9068 PASTERNACK-PE9068 Datasheet
250Kb / 3P
   SMA Male to SMA Female Right Angle Adapter
PE91149 PASTERNACK-PE91149 Datasheet
397Kb / 5P
   SMA Male to SMA Female Right Angle Adapter
PE9014 PASTERNACK-PE9014 Datasheet
260Kb / 3P
   Precision SMA Male to SMA Female Bulkhead Adapter 18 Ghz
PE91151 PASTERNACK-PE91151 Datasheet
373Kb / 3P
   Precision SMA Male to SMA Male Right Angle Adapter Mitered
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com