Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFT1045BP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VFT1045BP
Description  Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VFT1045BP Datasheet(HTML) 3 Page - Vishay Siliconix

  VFT1045BP_15 Datasheet HTML 1Page - Vishay Siliconix VFT1045BP_15 Datasheet HTML 2Page - Vishay Siliconix VFT1045BP_15 Datasheet HTML 3Page - Vishay Siliconix VFT1045BP_15 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VFT1045BP
www.vishay.com
Vishay General Semiconductor
Revision: 23-Oct-13
3
Document Number: 89453
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Reverse Characteristics
Fig. 4 - Typical Junction Capacitance
Fig. 5 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.001
0.1
1
10
100
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
T
A = 100 °C
0.01
100
1000
0.1
1
10
100
Reverse Voltage (V)
10 000
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
t - Pulse Duration (s)
1
10
0.01
0.1
1
10
100
Junction to Case
ITO-220AC
PIN
1
2
0.025 (0.64)
0.015 (0.38)
0.404 (10.26)
0.384 (9.75)
0.076 (1.93) REF.
0.076 (1.93) REF.
45° REF.
0.600 (15.24)
0.580 (14.73)
0.560 (14.22)
0.530 (13.46)
0.035 (0.89)
0.025 (0.64)
0.205 (5.21)
0.195 (4.95)
0.191 (4.85)
0.171 (4.35)
0.057 (1.45)
0.045 (1.14)
0.671 (17.04)
0.651 (16.54)
0.028 (0.71)
0.020 (0.51)
0.110 (2.79)
0.100 (2.54)
7° REF.
7° REF.
7° REF.
0.350 (8.89)
0.330 (8.38)
0.140 (3.56) DIA.
0.125 (3.17) DIA.
0.135 (3.43) DIA.
0.122 (3.08) DIA.
0.110 (2.79)
0.100 (2.54)
0.190 (4.83)
0.170 (4.32)


Similar Part No. - VFT1045BP_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFT1045BP-M3/4W VISHAY-VFT1045BP-M3/4W Datasheet
84Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 23-Feb-12
VFT1045BP VISHAY-VFT1045BP_V01 Datasheet
137Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
01-Jan-2022
More results

Similar Description - VFT1045BP_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBT4045BP VISHAY-VBT4045BP Datasheet
92Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 23-Feb-12
VFT3045BP VISHAY-VFT3045BP Datasheet
84Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 23-Feb-12
VT4045BP VISHAY-VT4045BP Datasheet
115Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 23-Feb-12
VBT3045CBP-M3 VISHAY-VBT3045CBP-M3_15 Datasheet
85Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 30-Apr-13
V30DL45BP VISHAY-V30DL45BP_15 Datasheet
115Kb / 5P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 18-Mar-14
VFT3045CBP VISHAY-VFT3045CBP_15 Datasheet
83Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 20-Aug-15
VFT4045BP VISHAY-VFT4045BP_V01 Datasheet
137Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
01-Jan-2022
VBT1045BP-M3 VISHAY-VBT1045BP-M3_V01 Datasheet
87Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
01-Jan-2022
VBT2045CBP-M3 VISHAY-VBT2045CBP-M3_V01 Datasheet
104Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
01-Jan-2022
VBT6045CBP VISHAY-VBT6045CBP Datasheet
83Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 03-Nov-10
VFT3045CBP VISHAY-VFT3045CBP Datasheet
82Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 27-Oct-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com