Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44365 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44365
Description  10-32 Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG316, RG188, .295 inch D Hole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44365 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44365 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44365 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44365 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
10-32 Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .295 inch D Hole from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10-32 Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .295
inch D Hole PE44365
URL: http://www.pasternack.com/10-32-female-standard-rg174-rg316-rg188-connector-pe44365-p.aspx
10-32 Female Bulkhead Connector Crimp/Solder Attachment
For RG174, RG316, RG188, .295 inch D Hole
PE44365
PE44365 REV 01


Similar Part No. - PE44365

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4436 PASTERNACK-PE4436 Datasheet
107Kb / 1P
   N MALE CRIMP ATTACHMENT FOR RG58
PE44360 PASTERNACK-PE44360 Datasheet
595Kb / 2P
   10-32 Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44361 PASTERNACK-PE44361 Datasheet
308Kb / 2P
   10-32 Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44362 PASTERNACK-PE44362 Datasheet
217Kb / 2P
   10-32 Female Connector Crimp - Solder Attachment For RG178, RG196
PE44363 PASTERNACK-PE44363 Datasheet
306Kb / 2P
   10-32 Female Connector Clamp/Solder Attachment For RG174, RG316, RG188
More results

Similar Description - PE44365

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44367 PASTERNACK-PE44367 Datasheet
299Kb / 2P
   10-32 Female Bulkhead Connector Clamp/Solder Attachment For RG174, RG316, RG188, .295 inch D Hole
PE44361 PASTERNACK-PE44361 Datasheet
308Kb / 2P
   10-32 Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4427 PASTERNACK-PE4427 Datasheet
255Kb / 2P
   SMA Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .235 inch D Hole
PE44507 PASTERNACK-PE44507 Datasheet
227Kb / 3P
   QMA Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG316, RG188, .268 inch D Hole
PE44643 PASTERNACK-PE44643 Datasheet
208Kb / 2P
   SMA Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG188, RG316, .252 inch D Hole
PE4466 PASTERNACK-PE4466 Datasheet
330Kb / 3P
   TNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480 inch D Hole
PE44388 PASTERNACK-PE44388 Datasheet
226Kb / 3P
   SSMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE4106 PASTERNACK-PE4106 Datasheet
318Kb / 3P
   BNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480 inch D Hole
PE44196 PASTERNACK-PE44196 Datasheet
261Kb / 3P
   RT SMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .235 inch D Hole
PE4859 PASTERNACK-PE4859 Datasheet
266Kb / 3P
   RP SMA Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG316, RG188, .235 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com