Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37272M6-205SP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M37272M6-205SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER????
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37272M6-205SP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M37272M6-205SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37272M6-205SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37272M6-205SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37272M6-205SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37272M6-205SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37272M6-205SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37272M6-205SP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37272M6-205SP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M37272M6-205SP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 142 page
background image
Pin
Name
Input/
Functions
Output
P30/AD5,
I/O port P3
I/O
Ports P30 and P31 are a 2-bit I/O port and has basically the same functions as port 0.
P31/AD6
The output structure can be selected either CMOS output or N-channel open-drain output
structure. (See notes 1, 3)
Analog input
Input
Pins P30 and P31 are also used as analog input pins AD5 and AD6 respectively.
P50/HSYNC,
Input port P5
Input
Pin P50 and P51 are 2-bit input ports.
P51/VSYNC
HSYNC input
Input
Pin P50 is also used as HSYNC input. This is a horizontal synchronous signal input for OSD.
VSYNC input
Input
Pin P51 is also used as VSYNC input. This is a vertical synchronous signal input for OSD.
P52/R,
Output port P5
Output
Ports P52–P55 are a 4-bit output port. The output structure is CMOS output.
P53/G,
P54/B,
OSD output
Output
Pins P52–P55 are also used as OSD output pins R, G, B, OUT1 respectively. The output
P55/OUT1
structure is CMOS output.
CVIN
I/O for data slicer
Input
Input composite video signal through a capacitor.
VHOLD
Input
Connect a capacitor between VHOLD and Vss.
HLF
I/O
Connect a filter using of a capacitor and a resistor between HLF and Vss.
Notes 1: Port Pi (i = 0 to 3) has the port Pi direction register which can be used to program each bit as an input (“0”) or an output (“1”). The pins programmed as “1”
in the direction register are output pins. When pins are programmed as “0,” they are input pins. When pins are programmed as output pins, the output data
are written into the port latch and then output. When data is read from the output pins, the output pin level is not read but the data of the port latch is read.
This allows a previously-output value to be read correctly even if the output LOW voltage has risen, for example, because a light emitting diode was directly
driven. The input pins are in the floating state, so the values of the pins can be read. When data is written into the input pin, it is written only into the port
latch, while the pin remains in the floating state.
2: To switch output functions, set the raster color register and OSD control register. When pins P26 and P27 are used as the OSD clock input/output pins, set
the corresponding bits of the port P2 direction register to “0” (input mode).
3: To switch output structures, set bits 2 and 3 of the port P3 direction register, When “0,” CMOS output ; when “1,” N-channel open-drain output.
Table 7.2 Pin Description (continued)
8
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37272M6/M8–XXXSP/FP, M37272MA–XXXSP
M37272E8SP/FP, M37272EFSP
MITSUBISHI MICROCOMPUTERS
Rev. 1.4


Similar Part No. - M37272M6-205SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37272M6-XXXFP RENESAS-M37272M6-XXXFP Datasheet
1Mb / 143P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37272M6-XXXSP RENESAS-M37272M6-XXXSP Datasheet
1Mb / 143P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37272M6-205SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37274MA MITSUBISHI-M37274MA Datasheet
2Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6 Datasheet
1Mb / 129P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37281EKSP RENESAS-M37281EKSP Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37273M8 MITSUBISHI-M37273M8 Datasheet
1Mb / 138P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com