Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC709006A Datasheet(PDF) 11 Page - ON Semiconductor

Part # LC709006A
Description  I/O-Expander for Microcontroller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC709006A Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LC709006A Datasheet HTML 6Page - ON Semiconductor LC709006A Datasheet HTML 7Page - ON Semiconductor LC709006A Datasheet HTML 8Page - ON Semiconductor LC709006A Datasheet HTML 9Page - ON Semiconductor LC709006A Datasheet HTML 10Page - ON Semiconductor LC709006A Datasheet HTML 11Page - ON Semiconductor LC709006A Datasheet HTML 12Page - ON Semiconductor LC709006A Datasheet HTML 13Page - ON Semiconductor LC709006A Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LC709006A
No.8265-11/14
Application Examples
(1) Example of a cascade configuration
Two or more LC709006A LSI chips can be cascaded to realize port expansion beyond 24 bits. Port expansion,
however, need to be made in units of 24 bits
× n (n denotes the number of LSI chips).
Fig. 5
(2) Variable port power level example
When controlling the level of I/O ports according to the power voltage level of the peripheral equipment, the user
can connect the output from the power supply of the peripheral equipment directly to the power supply pins for the
I/O ports. The LC709006A dispenses with the need to add an external level shifter circuit.
Note the following when configuring the LC709006A in this way:
Note 5:
• VDDP0: The voltage level of VDDP0 must not be higher than that of VDD (VDDP0≤VDD).
• VDDP1: The voltage level of VDDP1 must not be lower than that of VDD (VDDP1≥VDD).
• VDDP2: The voltage level of VDDP2 must not be lower than that of VDD (VDDP2≥VDD).
• The input level of all ports (P00 to P27) is dependent on the VDD power source; it depends on none of the power
sources VDDP0 to VDDP2.
* Be sure to check the electrical characteristics of the LC709006A.
Fig. 6
Microcontroller(MCU)
LC709006
3.3V
3.3V serial send/receive
2.5V parallel data I/O
5V parallel data I/O
Nch-open drain display
data output
2.5V peripheral
5V peripheral
LED display
2.5V
5V
5V
VDD
VSS, VSSP0, VSSP2
VSS
VDDP0
VDDP1
VDDP2
P00 to P07
P10 to P17
P20 to P27
RES, CE,
CLK, DIN, DOUT
0.1
μF
VDD
System Reset(RES)
Serial CS Output(CS)
Serial Data Output(SDO)
Serial Clock Output(SCK)
Serial Data Input(SDI)
Microcontroller(MCU)
RES
CS
DIN
CLK
DOUT
LC709006
RES
CS
DIN
CLK
DOUT
LC709006
RES
CS
DIN
CLK
DOUT
LC709006
System Reset
(LSI=1)
(LSI=2)
(LSI=n)
VDD


Similar Part No. - LC709006A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC709004A ONSEMI-LC709004A Datasheet
118Kb / 13P
   I/O-Expander for Microcontroller
May, 2013 Ver.0.22
More results

Similar Description - LC709006A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC709004A ONSEMI-LC709004A Datasheet
118Kb / 13P
   I/O-Expander for Microcontroller
May, 2013 Ver.0.22
logo
ELAN Microelectronics C...
EM83010 EMC-EM83010 Datasheet
283Kb / 9P
   I/O EXPANDER
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
   Keypad I/O Expander
REV. A
logo
Microchip Technology
MCP25050-IP MICROCHIP-MCP25050-IP Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25050-I MICROCHIP-MCP25050-I Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25020-E MICROCHIP-MCP25020-E Datasheet
668Kb / 66P
   CAN I/O Expander Family
12/08/06
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
   12-bit I/O EXPANDER
logo
ON Semiconductor
JLC1562BE ONSEMI-JLC1562BE Datasheet
90Kb / 9P
   I2C Bus I/O Expander
November, 2005 ??Rev. 5
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com