Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1249CD65R2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1249CD65R2G
Description  High-Voltage CurrentMode PWM Controller Featuring Peak Power Excursion
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1249CD65R2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1249CD65R2G Datasheet HTML 4Page - ON Semiconductor NCP1249CD65R2G Datasheet HTML 5Page - ON Semiconductor NCP1249CD65R2G Datasheet HTML 6Page - ON Semiconductor NCP1249CD65R2G Datasheet HTML 7Page - ON Semiconductor NCP1249CD65R2G Datasheet HTML 8Page - ON Semiconductor NCP1249CD65R2G Datasheet HTML 9Page - ON Semiconductor NCP1249CD65R2G Datasheet HTML 10Page - ON Semiconductor NCP1249CD65R2G Datasheet HTML 11Page - ON Semiconductor NCP1249CD65R2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
NCP1249C, NCP1249D
http://onsemi.com
8
TYPICAL CHARACTERISTICS
0.70
0.80
0.90
1.00
1.10
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
7.0
7.2
7.4
7.6
7.8
8.0
9.8
9.9
10.0
10.1
10.2
17.0
17.2
17.4
17.6
17.8
18.0
Figure 9. VCC Increasing Level at which
Driving Pulses are Authorized, VCC_ON
Figure 10. VCC Decreasing Level at which
Driving Pulses are Stopped, VCC_OFF
TEMPERATURE (°C)
TEMPERATURE (°C)
Figure 11. VCC Hysteresis, VCC_HYST
Figure 12. VCC Level at Fault Modes, VCC_bias
TEMPERATURE (°C)
TEMPERATURE (°C)
Figure 13. VCC Level for Istart1 to Istart2
Transition, VCC_inhibit
TEMPERATURE (°C)
Figure 14. Internal IC Consumption During
Latch−off Mode, ICC_latch
TEMPERATURE (°C)
110
80
35
20
5
−10
−25
−40
50
65
95
125
110
80
35
20
5
−10
−25
−40
50
65
95
125
110
80
35
20
5
−10
−25
−40
50
65
95
125
110
80
35
20
5
−10
−25
−40
50
65
95
125
110
80
35
20
5
−10
−25
−40
50
65
95
125
150
200
250
300
350
400
110
80
35
20
5
−10
−25
−40
50
65
95
125


Similar Part No. - NCP1249CD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1249 ONSEMI-NCP1249 Datasheet
1Mb / 31P
   High-Voltage Current-Mode PWM Controller Featuring Peak Power Excursion and Extremely Low Stand-by Power Consumption
June, 2013 ??Rev. 0
NCP1249AD65R2G ONSEMI-NCP1249AD65R2G Datasheet
1Mb / 31P
   High-Voltage Current-Mode PWM Controller Featuring Peak Power Excursion and Extremely Low Stand-by Power Consumption
June, 2013 ??Rev. 0
NCP1249BD65R2G ONSEMI-NCP1249BD65R2G Datasheet
1Mb / 31P
   High-Voltage Current-Mode PWM Controller Featuring Peak Power Excursion and Extremely Low Stand-by Power Consumption
June, 2013 ??Rev. 0
More results

Similar Description - NCP1249CD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1254 ONSEMI-NCP1254 Datasheet
376Kb / 25P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
March, 2013 ??Rev. P1
NCP1255 ONSEMI-NCP1255_12 Datasheet
418Kb / 22P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
December, 2012 ??Rev. P0
NCP1255 ONSEMI-NCP1255_13 Datasheet
435Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
June, 2013 ??Rev. 1
NCP1249 ONSEMI-NCP1249 Datasheet
1Mb / 31P
   High-Voltage Current-Mode PWM Controller Featuring Peak Power Excursion and Extremely Low Stand-by Power Consumption
June, 2013 ??Rev. 0
logo
STMicroelectronics
UC2842 STMICROELECTRONICS-UC2842 Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Maxim Integrated Produc...
MAX5003 MAXIM-MAX5003 Datasheet
170Kb / 16P
   High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
logo
ON Semiconductor
NCP1396A ONSEMI-NCP1396A_10 Datasheet
506Kb / 25P
   High Performance Resonant Mode Controller featuring High-Voltage Drivers
November, 2010 -- Rev. 7
NCP1396AP ONSEMI-NCP1396AP Datasheet
506Kb / 25P
   High Performance Resonant Mode Controller featuring High--Voltage Drivers
November, 2010 -- Rev. 7
NCP1396D ONSEMI-NCP1396D Datasheet
506Kb / 25P
   High Performance Resonant Mode Controller featuring High--Voltage Drivers
November, 2010 -- Rev. 7
NCP1282 ONSEMI-NCP1282 Datasheet
281Kb / 23P
   High Performance Active Clamp/Reset PWM Controller Featuring 500 V Startup
December, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com