Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1399AA Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1399AA
Description  High Performance Current Mode Resonant Controller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1399AA Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1399AA Datasheet HTML 3Page - ON Semiconductor NCP1399AA Datasheet HTML 4Page - ON Semiconductor NCP1399AA Datasheet HTML 5Page - ON Semiconductor NCP1399AA Datasheet HTML 6Page - ON Semiconductor NCP1399AA Datasheet HTML 7Page - ON Semiconductor NCP1399AA Datasheet HTML 8Page - ON Semiconductor NCP1399AA Datasheet HTML 9Page - ON Semiconductor NCP1399AA Datasheet HTML 10Page - ON Semiconductor NCP1399AA Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
NCP1399AA, NCP1399BA, NCP1399AC
www.onsemi.com
7
ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VCC = 12 V unless otherwise noted.)
Symbol
Unit
Max
Typ
Min
Pin
Rating
OVP/OTP
IOTP
OTP/OVP pin source current for external NTC –
during normal operation
7
90
95
100
mA
IOTP_BOOST
OTP/OVP pin source current for external NTC –
during startup
7
180
190
200
mA
tOVP_FILTER
Internal filter for OVP comparator
7
32
37
44
ms
tOTP_FILTER
Internal filter for OTP comparator
7
200
330
500
ms
tBLANK_OTP
Blanking time for OTP input during startup (NCP1399AA,
NCP1399BA)
7
7.3
8.0
8.7
ms
Blanking time for OTP input during startup (NCP1399AC)
7
14
16
18
ms
VCLAMP_OVP/OTP_1
OVP/OTP pin clamping voltage @ IOVP/OTP = 0 mA
7
1.0
1.2
1.4
V
VCLAMP_ OVP/OTP_2
OVP/OTP pin clamping voltage @ IOVP/OTP = 1 mA
7
1.8
2.4
3.0
V
Start−up Sequence Parameters
tTON_MAX
Maximum on−time clamp (NCP1399AA, NCP1399BA)
12, 14
7.3
7.7
8.4
ms
Maximum on−time clamp (NCP1399AC)
12, 14
10.6
11.2
12.1
ms
t1st_MLOWER_TON
Initial Mlower DRV on−time duration
12
4.7
4.9
5.4
ms
t1st_MUPPER_TON
Initial Mupper DRV on−time duration
14
0.72
0.79
0.88
ms
tSS_INCREMENT
On−time period increment during soft−start
12, 14
17
20
22
ns
KSS_INCREMENT
Soft−Start increment division ratio (NCP1399AA,
NCP1399BA)
12, 14
4
Soft−Start increment division ratio (NCP1399AC)
12, 14
8
tWATCHDOG
Time duration to restart IC if start−up phase is not finished
12, 14
0.45
0.50
0.55
ms
Feedback Section
RFB
Internal pull−up resistor on FB pin
5
15
18
25
k
W
KFB
VFB to internal current set point division ratio
5
1.92
2.00
2.08
VFB_REF
Internal voltage reference on the FB pin
5
4.60
4.95
5.30
V
VFB_CLAMP
Internal clamp on FB input of On−time comparator referred
to external FB pin voltage
5
4.4
4.6
4.8
V
VFB_SKIP_IN
Feedback voltage thresholds to enters in skip mode for
NCP1399By version (Note 2)
5
0.44
0.50
0.56
V
VFB_SKIP_HYST
Skip comparator hysteresis
5
130
160
200
mV
t1st_MLOWER_SKIP
On−time duration of 1st Mlower pulse when FB cross
VFB_SKIP_IN + VFB_SKIP_HYST threshold (NCP1399AA,
NCP1399BA)
5, 12
0.95
1.05
1.15
ms
On−time duration of 1st Mlower pulse when FB cross
VFB_SKIP_IN + VFB_SKIP_HYST threshold (NCP1399AC)
5, 12
1.8
1.9
2.1
ms
V1st_MUPPER_SKIP
Internal FB level reduction during 1st Mupper pulse when FB
cross VFB_SKIP_IN + VFB_SKIP_HYST threshold (Note 3)
5, 6, 14
150
mV
Skip Input – NCP1399Ay version
ISKIP
Internal Skip pin current source
4
48
50
52
mA
CSKIP_LOAD_MAX
Maximum loading capacitance for skip pin voltage filtering
(Note 3)
4
10
nF
2. The NCP1399Ay version has skip adjustable externally.
3. Guaranteed by design.
4. Minimal impedance on P ON/OFF pin is 1 k
W
5. Minimal resistance connected in series with bootstrap diode is 3.3
W


Similar Part No. - NCP1399AA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1399AA ONSEMI-NCP1399AA Datasheet
677Kb / 44P
   High Performance Current Mode Resonant Controller with Integrated High- Voltage Drivers
February, 2016 ??Rev. 4
NCP1399AA ONSEMI-NCP1399AA Datasheet
710Kb / 46P
   Current Mode Resonant Controller, with Integrated High-Voltage Drivers, High Performance
October, 2019 - Rev. 17
NCP1399AADR2G ONSEMI-NCP1399AADR2G Datasheet
677Kb / 44P
   High Performance Current Mode Resonant Controller with Integrated High- Voltage Drivers
February, 2016 ??Rev. 4
NCP1399AADR2G ONSEMI-NCP1399AADR2G Datasheet
693Kb / 46P
   High Performance Current Mode Resonant Controller
September, 2017 ??Rev. 13
NCP1399AADR2G ONSEMI-NCP1399AADR2G Datasheet
710Kb / 46P
   Current Mode Resonant Controller, with Integrated High-Voltage Drivers, High Performance
October, 2019 - Rev. 17
More results

Similar Description - NCP1399AA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP13992 ONSEMI-NCP13992 Datasheet
474Kb / 28P
   High Performance Current Mode Resonant Controller
January, 2018 ??Rev. 0
NCP1399 ONSEMI-NCP1399 Datasheet
682Kb / 44P
   High Performance Current Mode Resonant Controller
August, 2016 ??Rev. 10
NCP1399 ONSEMI-NCP1399_17 Datasheet
693Kb / 46P
   High Performance Current Mode Resonant Controller
September, 2017 ??Rev. 13
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
   High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP1395 ONSEMI-NCP1395 Datasheet
335Kb / 27P
   High Performance Resonant Mode Controller
March, 2006 ??Rev. 1
NCP13994 ONSEMI-NCP13994 Datasheet
866Kb / 45P
   High Performance Current Mode Resonant Controller with Integrated High-Voltage Drivers
July, 2022 - Rev. 0
NCP1399 ONSEMI-NCP1399_V01 Datasheet
710Kb / 46P
   Current Mode Resonant Controller, with Integrated High-Voltage Drivers, High Performance
October, 2019 - Rev. 17
NCP13992 ONSEMI-NCP13992_V01 Datasheet
938Kb / 33P
   Current Mode Resonant Controller with Integrated High-Voltage Drivers, High Performance
February, 2022 - Rev. 12
logo
Texas Instruments
UCC25600 TI-UCC25600_1 Datasheet
565Kb / 23P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com