Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1339EDR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1339EDR2G
Description  High-Voltage, Quasi-Resonant Controller featuring Valley Lock-Out
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1339EDR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1339EDR2G Datasheet HTML 1Page - ON Semiconductor NCP1339EDR2G Datasheet HTML 2Page - ON Semiconductor NCP1339EDR2G Datasheet HTML 3Page - ON Semiconductor NCP1339EDR2G Datasheet HTML 4Page - ON Semiconductor NCP1339EDR2G Datasheet HTML 5Page - ON Semiconductor NCP1339EDR2G Datasheet HTML 6Page - ON Semiconductor NCP1339EDR2G Datasheet HTML 7Page - ON Semiconductor NCP1339EDR2G Datasheet HTML 8Page - ON Semiconductor NCP1339EDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
NCP1339
www.onsemi.com
3
PIN FUNCTION DESCRIPTION
Pin
Number
Pin
Name
Function
1
X2
When the voltage on this pin disappears, the controller ensures the X2−capacitors discharge.
2
REM
The part operates when the REM pin is forced lower than a certain level and enters the Power Savings
Mode (PSM) otherwise.
3
OPP
A resistive divider from the auxiliary winding to this pin sets the OPP compensation level.
4
ZCD
Input to the demagnetization detection comparator for the QR Flyback controller.
5
Fault
The controller enters fault mode if the voltage of this pin is pulled above or below the fault thresholds. A pre-
cise pull up current source allows direct interface with an NTC thermistor. Fault detection triggers a latch.
6
FB
Feedback input for the QR Flyback controller. Allows direct connection to an optocoupler.
7
CS
Input to the cycle−by−cycle current limit comparator for the QR Flyback section.
8
GND
Ground reference.
9
DRV
This is the drive pin of the circuit. The DRV high−current capability (−0.5 /+0.8 A) makes it suitable to effec-
tively drive high gate charge power MOSFETs.
10
VCC
This pin is the positive supply of the IC. The circuit starts to operate when VCC exceeds 15 V and turns off
when VCC goes below 9 V (typical values). After start−up, the operating range is 10 V up to 28 V. An OVP
comparator monitors this pin and offers a means to latch the converter in fault conditions.
11
NC
12
NC
13
Removed for creepage distance.
14
HV
This pin provides a charging current during start−up and auto−recovery faults but also a means to efficiently
discharge the input X2 capacitors.


Similar Part No. - NCP1339EDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1339EDR2G ONSEMI-NCP1339EDR2G Datasheet
364Kb / 32P
   High-Voltage, QuasiResonant Controller featuring Valley Lock-Out and Power Saving Mode
April, 2016 ??Rev. 5
NCP1339EDR2G ONSEMI-NCP1339EDR2G Datasheet
444Kb / 33P
   High-Voltage, Quasi-Resonant Controller featuring Valley Lock-Out and Power Saving Mode
February, 2017 - Rev. 6
More results

Similar Description - NCP1339EDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1340 ONSEMI-NCP1340_17 Datasheet
1Mb / 40P
   High-Voltage Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
October, 2017 ??Rev. 7
NCP1340 ONSEMI-NCP1340_V01 Datasheet
1Mb / 43P
   High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
March, 2021 - Rev. 17
NCP1341 ONSEMI-NCP1341_17 Datasheet
1Mb / 41P
   High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
October, 2017 ??Rev. 4
NCP1340 ONSEMI-NCP1340_16 Datasheet
1Mb / 39P
   High-Voltage Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
September, 2016 ??Rev. 0
NCP1341 ONSEMI-NCP1341 Datasheet
1Mb / 41P
   High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
September, 2016 ??Rev. 0
NCP1340 ONSEMI-NCP1340 Datasheet
1Mb / 32P
   High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
April, 2016 ??Rev. P1
NCP1341 ONSEMI-NCP1341_V01 Datasheet
1Mb / 42P
   High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
January, 2021 - Rev. 7
NCP1339 ONSEMI-NCP1339_V01 Datasheet
444Kb / 33P
   High-Voltage, Quasi-Resonant Controller featuring Valley Lock-Out and Power Saving Mode
February, 2017 - Rev. 6
NCP1339 ONSEMI-NCP1339_16 Datasheet
364Kb / 32P
   High-Voltage, QuasiResonant Controller featuring Valley Lock-Out and Power Saving Mode
April, 2016 ??Rev. 5
FAN105B ONSEMI-FAN105B Datasheet
659Kb / 19P
   PSR Quasi-Resonant Valley Switch Controller
May 2017- Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com