Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3231A Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP3231A
Description  High Current Synchronous Buck Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3231A Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP3231A Datasheet HTML 3Page - ON Semiconductor NCP3231A Datasheet HTML 4Page - ON Semiconductor NCP3231A Datasheet HTML 5Page - ON Semiconductor NCP3231A Datasheet HTML 6Page - ON Semiconductor NCP3231A Datasheet HTML 7Page - ON Semiconductor NCP3231A Datasheet HTML 8Page - ON Semiconductor NCP3231A Datasheet HTML 9Page - ON Semiconductor NCP3231A Datasheet HTML 10Page - ON Semiconductor NCP3231A Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NCP3231A
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 3. Reference Voltage vs. Temperature
Figure 4. Switching Frequency vs.
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
95
80
65
35
5
−10
−25
−40
0.596
0.597
0.598
0.599
0.600
0.601
0.602
498
499
500
501
502
503
504
Figure 5. Rising Enable Threshold vs.
Temperature
Figure 6. Falling Enable Threshold vs.
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
1.19
1.20
1.21
1.22
1.23
1.06
1.07
1.08
1.09
1.10
Figure 7. Shutdown Current vs. Temperature
Figure 8. Quiescent Current vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
110
80
50
20
5
−10
−25
−40
0
10
30
40
50
70
80
100
0
1
2
3
4
5
6
7
20
50
110 125
95
80
65
35
5
−10
−25
−40
20
50
110 125
VCC = 12 V
VCC = 4.5 V
95
80
65
35
5
−10
−25
−40
20
50
110 125
95
80
65
35
5
−10
−25
−40
20
50
110 125
35
65
95
125
20
60
90
VCC = 12 V
110
80
50
20
5
−10
−25
−40
35
65
95
125
VCC = 12 V, No Switching


Similar Part No. - NCP3231A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3231B ONSEMI-NCP3231B Datasheet
296Kb / 14P
   Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
NCP3231BMNTXG ONSEMI-NCP3231BMNTXG Datasheet
296Kb / 14P
   Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
NCP3231MNTXG ONSEMI-NCP3231MNTXG Datasheet
157Kb / 15P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
More results

Similar Description - NCP3231A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3235 ONSEMI-NCP3235 Datasheet
318Kb / 16P
   High Current Synchronous Buck Converter
May, 2016 ??Rev. 0
NCP3233 ONSEMI-NCP3233 Datasheet
128Kb / 17P
   High Current Synchronous Buck Converter
November, 2015 ??Rev. 4
NCP3231B ONSEMI-NCP3231B Datasheet
296Kb / 14P
   Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
NCP3233 ONSEMI-NCP3233_16 Datasheet
135Kb / 17P
   High Current Synchronous Buck Converter
February, 2016 ??Rev. 5
NCP3230 ONSEMI-NCP3230 Datasheet
156Kb / 15P
   High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3232N ONSEMI-NCP3232N Datasheet
185Kb / 14P
   High Current Synchronous Buck Converter
June, 2015 ??Rev. 5
logo
Texas Instruments
TPS56121 TI1-TPS56121_16 Datasheet
1Mb / 31P
[Old version datasheet]   Input High-Current Synchronous Buck SWIFT Converter
logo
Linear Technology
LTC3861EUHE LINER-LTC3861EUHE Datasheet
603Kb / 12P
   High Current, Dual Output Synchronous Buck Converter
LTC3838EUHF-1 LINER-LTC3838EUHF-1 Datasheet
2Mb / 12P
   High Current, Dual Output Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com