Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1126BP65G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1126BP65G
Description  High Voltage Switcher
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1126BP65G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1126BP65G Datasheet HTML 1Page - ON Semiconductor NCP1126BP65G Datasheet HTML 2Page - ON Semiconductor NCP1126BP65G Datasheet HTML 3Page - ON Semiconductor NCP1126BP65G Datasheet HTML 4Page - ON Semiconductor NCP1126BP65G Datasheet HTML 5Page - ON Semiconductor NCP1126BP65G Datasheet HTML 6Page - ON Semiconductor NCP1126BP65G Datasheet HTML 7Page - ON Semiconductor NCP1126BP65G Datasheet HTML 8Page - ON Semiconductor NCP1126BP65G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
NCP1124, NCP1126, NCP1129
www.onsemi.com
2
Figure 1. Typical Application
Table 2. PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Pin Description
1
VCC
This pin is connected to an external auxiliary voltage and supplies the controller. When above a certain
level, the part fully latches off.
2
FB
Feedback input. Hooking an optocoupler collector to this pin will allow regulation.
3
CS
This pin monitors the primary peak current but also offers a means to introduce ramp compensation.
4
Source
Source of the internal MOSFET. This pin is typically connected to the source of a grounded sense resistor.
5
Drain
The drain of the internal MOSFET. These pins connect to the transformer terminal and can withstand up to
650 V.
6
Drain
7
Removed for creepage distance.
8
GND
Ground reference.
Table 3. OPTIONS
Switcher
Package
Frequency
Short−Circuit Protection
NCP1124AP65G
PDIP−7
65 kHz
Latch
NCP1124BP65G
PDIP−7
65 kHz
Auto−Recovery
NCP1124AP100G
PDIP−7
100 kHz
Latch
NCP1124BP100G
PDIP−7
100 kHz
Auto−Recovery
NCP1126AP65G
PDIP−7
65 kHz
Latch
NCP1126BP65G
PDIP−7
65 kHz
Auto−Recovery
NCP1126AP100G
PDIP−7
100 kHz
Latch
NCP1126BP100G
PDIP−7
100 kHz
Auto−Recovery
NCP1129AP65G
PDIP−7
65 kHz
Latch
NCP1129BP65G
PDIP−7
65 kHz
Auto−Recovery
NCP1129AP100G
PDIP−7
100 kHz
Latch
NCP1129BP100G
PDIP−7
100 kHz
Auto−Recovery


Similar Part No. - NCP1126BP65G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1126 ONSEMI-NCP1126_12 Datasheet
512Kb / 13P
   High Voltage Switcher for Offline Power Supplies
October, 2012 ??Rev. P0
More results

Similar Description - NCP1126BP65G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1060 ONSEMI-NCP1060 Datasheet
369Kb / 30P
   High-Voltage Switcher
December, 2015 ??Rev. 1
NCP11367 ONSEMI-NCP11367 Datasheet
393Kb / 24P
   High Voltage Primary Side PWM Switcher
December, 2017 ??Rev. P1
NCP1126 ONSEMI-NCP1126_12 Datasheet
512Kb / 13P
   High Voltage Switcher for Offline Power Supplies
October, 2012 ??Rev. P0
NCP10970 ONSEMI-NCP10970 Datasheet
554Kb / 24P
   High-Voltage Switcher with Linearly Regulated Output
March, 2020 ??Rev. 0
NCP1136 ONSEMI-NCP1136 Datasheet
243Kb / 13P
   High Voltage Switcher for Offline Power Supplies
May, 2014 - Rev. 0
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1072 ONSEMI-NCP1072 Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1060 ONSEMI-NCP1060_16 Datasheet
390Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 3
NCP10670B ONSEMI-NCP10670B Datasheet
423Kb / 25P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2019 ??Rev. 0
NCP1075P065G ONSEMI-NCP1075P065G Datasheet
839Kb / 28P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com