Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2302 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCS2302
Description  Headset Detection Interface Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2302 Datasheet(HTML) 5 Page - ON Semiconductor

  NCS2302 Datasheet HTML 1Page - ON Semiconductor NCS2302 Datasheet HTML 2Page - ON Semiconductor NCS2302 Datasheet HTML 3Page - ON Semiconductor NCS2302 Datasheet HTML 4Page - ON Semiconductor NCS2302 Datasheet HTML 5Page - ON Semiconductor NCS2302 Datasheet HTML 6Page - ON Semiconductor NCS2302 Datasheet HTML 7Page - ON Semiconductor NCS2302 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NCS2302
http://onsemi.com
5
Table 5. ELECTRICAL CHARACTERISTICS Typical values are referenced to TA = 25°C, VDD = 1.8 V, VDD2 = 2.1 V, unless
otherwise noted. Min/max values apply from TA = −40°C to 85°C, unless otherwise noted. (Notes 5, 6)
Parameter
Units
Max
Typ
Min
Symbol
Test Conditions
OUTPUT CHARACTERISTICS OF DET
Voltage Output Low
IOH = 0.1 mA
VOL
0.1
V
Voltage Output High
IOH = −0.1 mA
VOH
1.6
V
Rise Time
COUT = 15 pF, RL = 1 MW
trise
50
ns
Fall Time
COUT = 15 pF, RL = 1 MW
tfall
28
ns
INPUT CHARACTERISTICS OF S/E_REF AND S/E_DET
Propagation Delay to S/E
Cout = 15 pF, VCM = mid−supply, 100 mV
overdrive
tpLH, tpHL
50
ns
Input Leakage
VCM = 0.9 V
IIL
150
pA
Input Capacitance
S/E_DET, f = 1 MHz
CIN
3
pF
S/E_REF, f = 1 MHz
11
OUTPUT CHARACTERISTICS OF S/E
Voltage Output Low
IOH = 0.1 mA
VOL
0.1
V
Voltage Output High
IOH = −0.1 mA
VOH
1.9
V
Rise Time
COUT = 15 pF, RL = 1 MW
trise
30
ns
Fall Time
COUT = 15 pF, RL = 1 MW
tfall
18
ns
CHARACTERISTICS OF MIC
Drain−Source On Resistance of NMOS IMIC = 1 mA
RDS(ON)
0.45
1.2
W
5. Refer to ABSOLUTE MAXIMUM RATINGS and APPLICATION INFORMATION for Safe Operating Area.
6. Performance guaranteed over the indicated operating temperature range by design and/or characterization.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
TYPICAL CHARACTERISTICS
Figure 3. MIC On Resistance vs. Drain Current
at VDD = 1.6 V
Figure 4. MIC On Resistance vs. Drain Current
at VDD = 1.8 V
MIC DRAIN CURRENT (mA)
MIC DRAIN CURRENT (mA)
4.5
4.0
3.5
3.0
2.0
1.5
1.0
0.5
0.2
0.3
0.4
0.5
0.6
0.7
0.8
5.0
4.0
3.5
3.0
2.0
1.5
1.0
0.5
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2.5
5.0
VDD = 1.6 V
T = −40
°C
T = 25
°C
T = 85
°C
VDD = 1.8 V
T = −40
°C
T = 25
°C
T = 85
°C
2.5
4.5


Similar Part No. - NCS2302

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2300 ONSEMI-NCS2300 Datasheet
401Kb / 7P
   Headset Detection Interface Interface
June, 2014 ??Rev. 5
NCS2300MUTAG ONSEMI-NCS2300MUTAG Datasheet
401Kb / 7P
   Headset Detection Interface Interface
June, 2014 ??Rev. 5
More results

Similar Description - NCS2302

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2300 ONSEMI-NCS2300 Datasheet
401Kb / 7P
   Headset Detection Interface Interface
June, 2014 ??Rev. 5
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
logo
STMicroelectronics
STUSBCD01B STMICROELECTRONICS-STUSBCD01B Datasheet
460Kb / 19P
   USB charger detection interface
logo
Freescale Semiconductor...
MC33993 FREESCALE-MC33993 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
33993 FREESCALE-33993 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
logo
Analog Devices
EVAL-ADGS1412SDZ AD-EVAL-ADGS1412SDZ Datasheet
717Kb / 12P
   SPI interface with error detection
logo
Texas Instruments
TPA6166A2 TI1-TPA6166A2 Datasheet
1Mb / 49P
[Old version datasheet]   3.5-mm Jack Detect and Headset Interface IC
logo
NXP Semiconductors
CD1020 NXP-CD1020 Datasheet
1Mb / 56P
   22 channel multiple switch detection interface
Rev. 4, 7/2019
logo
Texas Instruments
TPA6166A2 TI-TPA6166A2_15 Datasheet
1Mb / 49P
[Old version datasheet]   TPA6166A2 3.5-mm Jack Detect and Headset Interface IC
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com