Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS37005 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCS37005
Description  Ground Fault Interrupter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS37005 Datasheet(HTML) 3 Page - ON Semiconductor

  NCS37005 Datasheet HTML 1Page - ON Semiconductor NCS37005 Datasheet HTML 2Page - ON Semiconductor NCS37005 Datasheet HTML 3Page - ON Semiconductor NCS37005 Datasheet HTML 4Page - ON Semiconductor NCS37005 Datasheet HTML 5Page - ON Semiconductor NCS37005 Datasheet HTML 6Page - ON Semiconductor NCS37005 Datasheet HTML 7Page - ON Semiconductor NCS37005 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NCS37005
http://onsemi.com
3
Table 1. PIN FUNCTION DESCRIPTION − QFN
Pin #
Name
Pad Description
0
Ground
QFN center slug
1
MLD
Mains Level Detect (Zero Cross)
2
CTtest
Test port (Must be tied to CTbias in functional mode).
3
CTbias
2 V reference that is connected to the external CT sensor
4
CTstim
Differential current measurement port for external CT
5
CTresD
Determines IV converter gain for detection threshold / matched to CT turns ratio (Differential Current)
6
IDF
Front end noise filter capacitor
7
NC
Tie to Ground or leave floating
8
NC
Tie to Ground or leave floating
9
NC
Tie to Ground or leave floating
10
NC
Tie to Ground or leave floating
11
NC
Tie to Ground or leave floating
12
NC
Tie to Ground or leave floating
13
NC
Float
14
NC
Float
15
SCRdrv
Used to trigger the solenoid at a fault detection
16
Supply
Power supply
Table 2. PIN FUNCTION DESCRIPTION − TSSOP
Pin #
Name
Pad Description
1
CTstim
Differential current measurement port for external CT
2
Ground
Main ground connection for IC.
3
CTresD
Determines IV converter gain for detection threshold / matched to CT turns ratio (Differential Current)
4
IDF
Front end noise filter capacitor
5
TE
Test enable
6
NC
Tie to Ground or leave floating
7
NC
Tie to Ground or leave floating
8
NC
Tie to Ground or leave floating
9
NC
Tie to Ground or leave floating
10
NC
Tie to Ground or leave floating
11
NC
Float
12
NC
Float
13
SCRdrv
Used to trigger the solenoid at a fault detection
14
Supply
Power supply
15
MLD
Mains Level Detect (Zero Cross)
16
CTbias
2 V reference that is connected to the external CT sensor


Similar Part No. - NCS37005

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS37005DAG ONSEMI-NCS37005DAG Datasheet
126Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
NCS37005DARG ONSEMI-NCS37005DARG Datasheet
126Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
NCS37005MNG ONSEMI-NCS37005MNG Datasheet
126Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
NCS37005MNTWG ONSEMI-NCS37005MNTWG Datasheet
126Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
More results

Similar Description - NCS37005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1851 TI1-LM1851 Datasheet
208Kb / 10P
[Old version datasheet]   Ground Fault Interrupter
logo
Fairchild Semiconductor
FAN1851A FAIRCHILD-FAN1851A Datasheet
122Kb / 11P
   Ground Fault Interrupter
logo
National Semiconductor ...
LM1851 NSC-LM1851 Datasheet
165Kb / 8P
   Ground Fault Interrupter
logo
Fairchild Semiconductor
FAN4146 FAIRCHILD-FAN4146 Datasheet
595Kb / 10P
   Ground Fault Interrupter
logo
Unisonic Technologies
GM1851 UTC-GM1851 Datasheet
370Kb / 10P
   GROUND FAULT INTERRUPTER
logo
ON Semiconductor
FAN4147 ONSEMI-FAN4147 Datasheet
418Kb / 11P
   Ground Fault Interrupter
March 2013 Rev. 1.0.1
FAN4149 ONSEMI-FAN4149 Datasheet
380Kb / 12P
   Ground Fault Interrupter
July 2014 Rev. 1.0.0
logo
Unisonic Technologies
GM1851 UTC-GM1851_15 Datasheet
370Kb / 10P
   GROUND FAULT INTERRUPTER
logo
Fairchild Semiconductor
FAN4147SX FAIRCHILD-FAN4147SX Datasheet
559Kb / 10P
   Ground Fault Interrupter
logo
ON Semiconductor
NCS37005MNG ONSEMI-NCS37005MNG Datasheet
126Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
FAN4146 ONSEMI-FAN4146 Datasheet
801Kb / 12P
   Ground Fault Interrupter
February 2014 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com