Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1129BP100G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1129BP100G
Description  High Voltage Switcher
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1129BP100G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1129BP100G Datasheet HTML 2Page - ON Semiconductor NCP1129BP100G Datasheet HTML 3Page - ON Semiconductor NCP1129BP100G Datasheet HTML 4Page - ON Semiconductor NCP1129BP100G Datasheet HTML 5Page - ON Semiconductor NCP1129BP100G Datasheet HTML 6Page - ON Semiconductor NCP1129BP100G Datasheet HTML 7Page - ON Semiconductor NCP1129BP100G Datasheet HTML 8Page - ON Semiconductor NCP1129BP100G Datasheet HTML 9Page - ON Semiconductor NCP1129BP100G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NCP1124, NCP1126, NCP1129
www.onsemi.com
6
Table 5. ELECTRICAL CHARACTERISTICS
(VCC = 12 V, for typical values TJ = 25_C, for min/max values, TJ is –40_C to 125_C, unless otherwise noted)
Characteristics
Unit
Max
Typ
Min
Symbol
Conditions
FEEDBACK SECTION
Internal Pull−up Resistor
Rup
13
k
W
Equivalent ac resistor from FB to GND
Req
15
k
W
VFB to Internal Current Setpoint
Division Ratio
Iratio
4
Feedback Voltage Below Which the
Peak Current is Frozen
VFB(freeze)
0.85
1
1.15
V
FREQUENCY FOLDBACK
Frequency Foldback Level on the FB
47% of maximum peak current
VFB(fold)
1.35
1.5
1.78
V
Transition Frequency Below Which
Skip−Cycle occurs
ftrans
22
26
30
kHz
Feedback voltage level when
Frequency Foldback ends
fSW = fMIN
VFB(fold,end)
410
450
490
mV
Skip−Cycle Level Voltage on The FB pin
Vskip
360
400
440
mV
Hysteresis on The Skip Comparator
Vskip(HYS)
40
mV
FAULT PROTECTION
Soft−Start Period
Measured from 1st drive pulse to
VCS = VILIM
tSSTART
4.0
ms
Overload Fault Timer
VCS = VILIM
tOVLD
35
50
65
ms
TEMPERATURE MANAGEMENT
Temperature Shutdown
(Note 9)
TSD
130
_C
Hysteresis
Guaranteed by Design
20
_C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
9. The value is not subjected to production test − verified by design/characterization. The thermal shutdown temperature refers to the junction
temperature of the controller.


Similar Part No. - NCP1129BP100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP112 ONSEMI-NCP112 Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
NCP1126 ONSEMI-NCP1126_12 Datasheet
512Kb / 13P
   High Voltage Switcher for Offline Power Supplies
October, 2012 ??Rev. P0
NCP112D ONSEMI-NCP112D Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
NCP112DG ONSEMI-NCP112DG Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
NCP112DR2 ONSEMI-NCP112DR2 Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
More results

Similar Description - NCP1129BP100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1060 ONSEMI-NCP1060 Datasheet
369Kb / 30P
   High-Voltage Switcher
December, 2015 ??Rev. 1
NCP11367 ONSEMI-NCP11367 Datasheet
393Kb / 24P
   High Voltage Primary Side PWM Switcher
December, 2017 ??Rev. P1
NCP1126 ONSEMI-NCP1126_12 Datasheet
512Kb / 13P
   High Voltage Switcher for Offline Power Supplies
October, 2012 ??Rev. P0
NCP10970 ONSEMI-NCP10970 Datasheet
554Kb / 24P
   High-Voltage Switcher with Linearly Regulated Output
March, 2020 ??Rev. 0
NCP1136 ONSEMI-NCP1136 Datasheet
243Kb / 13P
   High Voltage Switcher for Offline Power Supplies
May, 2014 - Rev. 0
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1072 ONSEMI-NCP1072 Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1060 ONSEMI-NCP1060_16 Datasheet
390Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 3
NCP10670B ONSEMI-NCP10670B Datasheet
423Kb / 25P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2019 ??Rev. 0
NCP1075P065G ONSEMI-NCP1075P065G Datasheet
839Kb / 28P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com