Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11660FV Datasheet(PDF) 1 Page - ON Semiconductor

Part # LB11660FV
Description  Half-pre Motor Driver Single-Phase Full-Wave Drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11660FV Datasheet(HTML) 1 Page - ON Semiconductor

  LB11660FV Datasheet HTML 1Page - ON Semiconductor LB11660FV Datasheet HTML 2Page - ON Semiconductor LB11660FV Datasheet HTML 3Page - ON Semiconductor LB11660FV Datasheet HTML 4Page - ON Semiconductor LB11660FV Datasheet HTML 5Page - ON Semiconductor LB11660FV Datasheet HTML 6Page - ON Semiconductor LB11660FV Datasheet HTML 7Page - ON Semiconductor LB11660FV Datasheet HTML 8Page - ON Semiconductor LB11660FV Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Publication Order Number :
LB11660FV/D
www.onsemi.com
© Semiconductor Components Industries, LLC, 2015
August 2015 - Rev. 1
ORDERING INFORMATION
See detailed ordering and shipping information on page 10 of this data sheet.
LB11660FV
Overview
The LB11660FV is a single-phase bipolar drive half-predriver motor driver
that can easily implement a direct PWM driver motor driver circuit with
excellent efficiency. The LB11660FV is particularly well suited for the
miniature fans used in servers.
Features
 Single-phase full-wave drive (15V, 1.5A transistors are built in)
Half predriver with integrated high side transistor
 Built-in variable speed function controlled by an external input
The LB11660FV can implement quiet, low-vibration variable speed control
using externally clocked high side transistor direct PWM drive.
 Minimum speed setting pin
 Current limiter circuit
(The limit value is determined by Rf; IO = 1A when RF = 0.5)
 Built-in kickback absorption circuit
 Soft switching circuit makes low current consumption, low loss, and low
noise drive possible at phase switching
 Built-in HB
 Built-in lock protection and automatic recovery circuits
(built-in on/off ratio switching circuit controlled by the supply voltage)
 FG (speed detection) output
 Built-in thermal protection circuit (design guarantee)
Monolithic Digital IC
Half-pre Motor Driver
Single-Phase Full-Wave,
for Fan Motor
SSOP16 (225mil)


Similar Part No. - LB11660FV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11660FV SANYO-LB11660FV Datasheet
111Kb / 8P
   Single-Phase Full-Wave Fan Motor Driver
More results

Similar Description - LB11660FV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11660RV ONSEMI-LB11660RV Datasheet
118Kb / 9P
   Half-pre Motor Driver Single-Phase Full-Wave Drive
August 2015 - Rev. 1
logo
List of Unclassifed Man...
BA6409F ETC1-BA6409F Datasheet
89Kb / 2P
   2-phase half-wave motor pre-driver
logo
Rohm
BD6718FV ROHM-BD6718FV Datasheet
252Kb / 6P
   Single-Phase Full-Wave Motor Pre-Driver for Fan Motor
BA6423AF ROHM-BA6423AF_1 Datasheet
288Kb / 4P
   Single-phase Full-Wave Motor Pre-Driver for Fan
logo
ON Semiconductor
LB11852RV ONSEMI-LB11852RV Datasheet
309Kb / 12P
   Single-phase Full-wave Pre-driver
May, 2013
logo
Rohm
BD6713EFV ROHM-BD6713EFV Datasheet
230Kb / 5P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
logo
Toshiba Semiconductor
TC78B006FNG TOSHIBA-TC78B006FNG Datasheet
997Kb / 36P
   Single Phase Full-wave Pre-driver for Fan Motor
2015-02-13
logo
Rohm
BA6423AF ROHM-BA6423AF Datasheet
228Kb / 5P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
BA6424AFS ROHM-BA6424AFS Datasheet
235Kb / 6P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
logo
Shaoxing Devechip Micro...
SDC11967 SDC-SDC11967 Datasheet
328Kb / 10P
   Single-Phase Full-Wave Pre-Driver For Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com