Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1117C Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LR1117C
Description  1A Bipolar Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1117C Datasheet(HTML) 4 Page - Leshan Radio Company

  LR1117C Datasheet HTML 1Page - Leshan Radio Company LR1117C Datasheet HTML 2Page - Leshan Radio Company LR1117C Datasheet HTML 3Page - Leshan Radio Company LR1117C Datasheet HTML 4Page - Leshan Radio Company LR1117C Datasheet HTML 5Page - Leshan Radio Company LR1117C Datasheet HTML 6Page - Leshan Radio Company LR1117C Datasheet HTML 7Page - Leshan Radio Company LR1117C Datasheet HTML 8Page - Leshan Radio Company LR1117C Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ELECTRICAL CHARACTERISTICS continued
Tj=25C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vdrop
Dropout Voltage
Iout=100mA
1.23
1.3
V
Iout=1A
1.3
1.5
V
Ilimit
Current Limit
Vin-Vout=2V, Tj=25°C
1
A
SVR
Supply Voltage Rejection
f = 120Hz, VIN − VOUT = 3V + 1VPP Ripple
60
dB
Imin
Minimum Load Current
LR1117-ADJ
2
10
mA
Iq
Quiescent Current
LR1117-1.2V, Vin =10V
2
5
mA
LR1117-1.5V, Vin =11V
2
5
mA
LR1117-1.8V, Vin =12V
2
5
mA
LR1117-2.5V,Vin =12V
2
5
mA
LR1117-3.3V, Vin =12V
2
5
mA
LR1117-5.0V, Vin =12V
2
5
mA
LR1117-12.0V, Vin =20V
2
5
mA
IAdj
Adjust Pin Current
LR1117-ADJ
55
120
uA
Vin =5V, 10mA≤Iout≤1A
Ichange
Iadj change
LR1117-ADJ
0.2
10
uA
Vin =5V, 10mA≤Iout≤1A
ΔV/ΔT
Temperature coefficient
±100
ppm
JC
Thermal Resistance
SOT-223
20
°C/W
TO-252
10
JA
Thermal Resistance
Junction-to-Ambient
(No air flow)
SOT-223 (No heat sink)
136
°C/W
TO-252 (No heat sink)
92
Note1: All test are conducted under ambient temperature 25°C and within a short period of time 20ms
Note2: Load current smaller than minimum load current of LR1117C-ADJ will lead to unstable or oscillation output.
BLOCK DIAGRAM
LESHAN RADIO COMPANY, LTD.
Feb 2011 Ver1.2
4/10


Similar Part No. - LR1117C

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1117 LRC-LR1117 Datasheet
121Kb / 10P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
LR1117AD18X LRC-LR1117AD18X Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
LR1117AD25X LRC-LR1117AD25X Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
LR1117AD285 LRC-LR1117AD285 Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
More results

Similar Description - LR1117C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1557B ACE-ACE1557B_14 Datasheet
52Kb / 1P
   1A Bipolar Linear Regulator
2014/12/23
ACE1117H ACE-ACE1117H Datasheet
897Kb / 11P
   1A Bipolar Linear Regulator
VER 1.2
ACE1117C ACE-ACE1117C Datasheet
554Kb / 11P
   1A Bipolar Linear Regulator
VER 1.3
logo
SHANGHAI BELLING CO., L...
BL1117 BELLING-BL1117_16 Datasheet
1Mb / 15P
   1A Bipolar Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7110 HMSEMI-HM7110 Datasheet
515Kb / 8P
   1A Bipolar Linear Regulator
logo
SHIKUES Electronics
SK1117 SKTECHNOLGY-SK1117 Datasheet
1,005Kb / 7P
   1A Bipolar Linear Regulator
logo
ACE Technology Co., LTD...
ACE1084 ACE-ACE1084_17 Datasheet
1Mb / 13P
   1A Bipolar Linear Regulator
VER 1.2
logo
Leshan Radio Company
LR1117D LRC-LR1117D Datasheet
838Kb / 9P
   1A Bipolar Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL1117C BELLING-BL1117C Datasheet
362Kb / 9P
   1A Bipolar Linear Regulator
logo
AiT Semiconductor Inc.
A317 AITSEMI-A317 Datasheet
239Kb / 7P
   BIPOLAR LINEAR REGULATOR 1A 40V ADJUSTABLE VOLTAGE
REV1.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com