Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A225 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # 1A225
Description  High-Performance LED(Single-Mode Datacom)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

1A225 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  1A225 Datasheet HTML 1Page - Mitel Networks Corporation 1A225 Datasheet HTML 2Page - Mitel Networks Corporation 1A225 Datasheet HTML 3Page - Mitel Networks Corporation 1A225 Datasheet HTML 4Page - Mitel Networks Corporation 1A225 Datasheet HTML 5Page - Mitel Networks Corporation 1A225 Datasheet HTML 6Page - Mitel Networks Corporation 1A225 Datasheet HTML 7Page - Mitel Networks Corporation 1A225 Datasheet HTML 8Page - Mitel Networks Corporation 1A225 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT INFORMATION
Europe: Tel (46) 8 58 02 45 00
Fax (46) 8 58 02 01 10
Tel (44) 1291 436180
Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909
Asia:
Tel (65) 293 5312
Fax (65) 293 8527
880nm 1A225
High-Performance LED
Single-Mode Datacom
11905.11 1998-02-04
0.6
14
Ø1.5
Ø4.7
3.7
0.4
5.4
2.5
CASE
ANODE
CATHODE
BOTTOM VIEW
The diode chip is isolated from the case.
TO-46 Package With Lens
Compared with lasers and ELEDs,
this device can reduce device costs in
single-mode Ethernet networks. And
since it’s packaged in a hermeti-cally
sealed can, it achieves high reliability
even in harsh operating environ-
ments.
Thermal Characteristics
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance - Infinite Heat Sink
Rthjc
300
C/W
Thermal Resistance - No Heat Sink
Rthja
600
C/W
Temperature Coefficient - Optical Power
dP/dTj
-0.4
%/ C
Temperature Coefficient -Wavelength
d /dTj
0.3
nm/ C
PARAMETER
SYMBOL
LIMIT
Storage Temperature
Tstg
-55 to +125 C
Operating Temperature (derating: Fig.4)
Top
-55 to +125 C
Electrical Power Dissipation (derating: Fig.4)
Ptot
130 mW
Continuous Forward Current (f 10 kHz)
IF
60 mA
Peak Forward Current (duty cycle 50%, f 1 MHz)
IFRM
100 mA
Reverse Voltage
VR
1.5 V
Soldering Temperature (2mm from the case for 10 sec)
Tsld
260 C
Fiber:
10/125 m
Single
Mode
NA=0.11
Optical and Electrical Characteristics (25°C Case Temperature)
Note 1: Measured at the exit of 100 meters of fiber.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITION
Fiber-Coupled Power
Pfiber
2.0
2.5
W
IF=50 mA
(Fig. 1, 2,& 3) (Table 1)
(Note 1)
Rise and Fall Time
tr,tf
710
ns
IF=50 mA
(10-90%)
(no bias)
Bandwidth
fc
50
MHz
IF=50 mA
(3 dBel)
Peak Wavelength
p
860
880
900
nm
IF=50 mA
Spectral Width (FWHM)
50
nm
IF=50 mA
Forward Voltage (Fig.5)
VF
2.0
2.2
V
IF=50 mA
Reverse Current
IR
20
A
VR=1V
Capacitance
C
250
pF
VR= 0V, f=1 MHz


Similar Part No. - 1A225

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A229 MITEL-1A229 Datasheet
191Kb / 10P
   High-Performance LED(Battery-Operated Equipment)
More results

Similar Description - 1A225

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A301 MITEL-1A301 Datasheet
193Kb / 10P
   High-Performance LED(Datacom)
1A439 MITEL-1A439 Datasheet
193Kb / 10P
   High-Performance LED(Datacom)
1A288 MITEL-1A288 Datasheet
194Kb / 10P
   High-Performance LED(Avionics, Military Datacom)
1A194 MITEL-1A194 Datasheet
196Kb / 10P
   High-Performance LED(Datacom, General Purpose)
1A239 MITEL-1A239 Datasheet
193Kb / 10P
   High-Performance LED(Datacom, General Purpose)
1A272 MITEL-1A272 Datasheet
196Kb / 10P
   High-Performance LED(Avionics, Military Datacom)
1A388 MITEL-1A388 Datasheet
182Kb / 9P
   High-Performance LED(Datacom, Intra-Office Telecom)
1A358 MITEL-1A358 Datasheet
190Kb / 10P
   High-Performance PIN(Datacom, Telecom, General Purpose)
logo
STMicroelectronics
HVLED002 STMICROELECTRONICS-HVLED002 Datasheet
481Kb / 19P
   High performance current mode LED controller
logo
Mitel Networks Corporat...
MF431 MITEL-MF431 Datasheet
137Kb / 5P
   Datacom, Telecom, General Purpose LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com